Part Number Hot Search : 
00158 10VNV MTV212 07RFKR36 SGP100 68HC705 947C231 22290
Product Description
Full Text Search
 

To Download 0476500002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0476500002 Active
slimline_serial_ata_odd_connectors 1.00mm (.039"), 1.27mm (.050") Pitch Slimline Serial ATA Receptacle for Optical Disk Drives, Vertical, SMT, 0.38m (15") Gold (Au) Plating, with Cover, Lead free
Documents: 3D Model Drawing (PDF)
Product Specification PS-47650-001 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only LR 19980 E29179 EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Agency Certification
CSA UL
General
Product Family Series Application Overview Product Name PCB Receptacles 47650 Board-to-Board slimline_serial_ata_odd_connectors Serial ATA, Slimline Serial ATA
Physical
Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) Flammability Glow-Wire Compliant Guide to Mating Part Keying to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PCB Locator PCB Retention Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Polarized to Mating Part Polarized to PCB Robotic Placement Stackable Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style 13 13 Black 500 94V-0 No Yes Yes Yes Copper Alloy Gold Tin High Temperature Thermoplastic 1 Vertical No Yes Embossed Tape on Reel 0.039 In, 0.050 In 1.00 mm, 1.27 mm 0.039 In, 0.050 In 1.00 mm, 1.27 mm 15 0.38 Yes Yes Pick and Place Cap No N/A -35C to +85C Surface Mount
Search Parts in this Series 47650Series Mates With 473001xxx Slimline Serial ATA Plugs
Electrical
Current - Maximum per Contact 1.5A
Grounding to PCB Voltage - Maximum
Yes 15V DC
Material Info Reference - Drawing Numbers
Packaging Specification Product Specification Sales Drawing PK-47650-001 PS-47650-001 SD-47650-001
This document was generated on 05/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0476500002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X