Part Number Hot Search : 
NJM360 TC113 00159 TC113 BUK95 FR102 BZX84C4 LM358QN
Product Description
Full Text Search
 

To Download 0467650001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0467650001 Active
type_d_micro_connectors 0.40mm (.016") Pitch HDMI* Type D Micro Connector, Right Angle Receptacle, SMT, with Kapton Tape, 19 Circuits, Lead free
Documents: 3D Model Drawing (PDF) Packaging Specification (PDF)
Product Specification PS-46765-003 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only
General
Product Family Series Application Component Type Overview Product Name Type I/O Connectors 46765 Wire-to-Board Receptacle type_d_micro_connectors HDMI, Micro HDMI* D EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Physical
Boot Color Circuits (Loaded) Circuits (maximum) Gender Keying to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PCB Retention Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Polarized to PCB Ports Termination Interface: Style Waterproof / Dustproof N/A 19 19 Male Yes Yes Copper Alloy Gold Gold High Temperature Thermoplastic 2 Right Angle Yes Embossed Tape on Reel No 0.016 In 0.40 mm 0.016 In 0.40 mm 30 0.76 2 0.05 Yes Yes 1 Surface Mount No
Search Parts in this Series 46765Series Mates With 68786 Micro HDMI* Cable Assemblies
Electrical
Current - Maximum per Contact Grounding to Panel Shield Type Shielded Voltage - Maximum 0.8A Yes Full Shield Yes 30V
Material Info Reference - Drawing Numbers
Packaging Specification PK-46765-001, PK-89990-878 Product Specification PS-46765-003, RPS-46765-003, RPS-46765-004 Sales Drawing SD-46765-001 * High Definition Multimedia Interface and HDMI are trademarks of HDMI Licensing, LLC.
This document was generated on 05/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0467650001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X