Part Number Hot Search : 
A1004 H100J MSC1550M MAX69 SMAJ24 BLN12 00GM30R BLN12
Product Description
Full Text Search
 

To Download 0395211008 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 04/22/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description: Documents: 3D Model Drawing (PDF)
0395211008 Active
5.00mm (.197") Pitch EurostyleTM Vertical PCB Header, 8 Circuits
Product Specification PS-39500-001 (PDF) RoHS Certificate of Compliance (PDF)
General
Product Family Series Application Component Type Product Literature Order No Product Name Type Terminal Blocks 39521 Wire-to-Board PCB Header USA-355 ESE, EurostyleTMPluggable Euro Block
Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Physical
Circuits (Loaded) Entry Angle Lock to Mating Part Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Polarized to Mating Part Shrouded Stackable Temperature Range - Operating Wire Size AWG 8 N/A Yes 1 Vertical 0.154 In 3.90 mm 0.125 In 3.20 mm No 0.197 In 5.00 mm Yes Closed Ends No -40C to +105C N/A
Search Parts in this Series 39521Series Mates With 39520 Horizontal Plug, 39523 Vertical Plug, Most 5.00mm (.197") Pitch Industry Standard Plugs
Electrical
Current - Maximum per Contact Voltage - Maximum 15A 300V
Material Info Reference - Drawing Numbers
Product Specification Sales Drawing PS-39500-001 SD-39501-002, SD-39521-002
This document was generated on 04/22/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Material Numbers Black 100% Tin Circuit size 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 Printing Options None 395211002 395211003 395211004 395211005 395211006 395211007 395211008 395211009 395211010 395211011 395211012 395211013 395211014 395211015 395211016 395211017 395211018 395211019 395211020 395211021 395211022 395211023 395211024 10AV 395211302 395211303 395211304 395211305 395211306 395211307 395211308 395211309 395211310 395211311 395211312 395211313 395211314 395211315 395211316 395211317 395211318 395211319 395211320 395211321 395211322 395211323 395211324 11AV 395211402 395211403 395211404 395211405 395211406 395211407 395211408 395211409 395211410 395211411 395211412 395211413 395211414 395211415 395211416 395211417 395211418 395211419 395211420 395211421 395211422 395211423 395211424 None 395211502 395211503 395211504 395211505 395211506 395211507 395211508 395211509 395211510 395211511 395211512 395211513 395211514 395211515 395211516 395211517 395211518 395211519 395211520 395211521 395211522 395211523 395211524 30 u" Gold Printing Options 10AV 395211802 395211803 395211804 395211805 395211806 395211807 395211808 395211809 395211810 395211811 395211812 395211813 395211814 395211815 395211816 395211817 395211818 395211819 395211820 395211821 395211822 395211823 395211824 11AV 395211902 395211903 395211904 395211905 395211906 395211907 395211908 395211909 395211910 395211911 395211912 395211913 395211914 395211915 395211916 395211917 395211918 395211919 395211920 395211921 395211922 395211923 395211924 None 395216002 395216003 395216004 395216005 395216006 395216007 395216008 395216009 395216010 395216011 395216012 395216013 395216014 395216015 395216016 395216017 395216018 395216019 395216020 395216021 395216022 395216023 395216024 100% Tin Printing Options 10AV 395216302 395216303 395216304 395216305 395216306 395216307 395216308 395216309 395216310 395216311 395216312 395216313 395216314 395216315 395216316 395216317 395216318 395216319 395216320 395216321 395216322 395216323 395216324 11AV 395216402 395216403 395216404 395216405 395216406 395216407 395216408 395216409 395216410 395216411 395216412 395216413 395216414 395216415 395216416 395216417 395216418 395216419 395216420 395216421 395216422 395216423 395216424 None 395216502 395216503 395216504 395216505 395216506 395216507 395216508 395216509 395216510 395216511 395216512 395216513 395216514 395216515 395216516 395216517 395216518 395216519 395216520 395216521 395216522 395216523 395216524 Green 30 u" Gold Printing Options 10AV 395216802 395216803 395216804 395216805 395216806 395216807 395216808 395216809 395216810 395216811 395216812 395216813 395216814 395216815 395216816 395216817 395216818 395216819 395216820 395216821 395216822 395216823 395216824 11AV 395216902 395216903 395216904 395216905 395216906 395216907 395216908 395216909 395216910 395216911 395216912 395216913 395216914 395216915 395216916 395216917 395216918 395216919 395216920 395216921 395216922 395216923 395216924 mm 12.00 17.00 22.00 27.00 32.00 37.00 42.00 47.00 52.00 57.00 62.00 67.00 72.00 77.00 82.00 87.00 92.00 97.00 102.00 107.00 112.00 117.00 122.00 Dim. A inch 0.472 0.669 0.866 1.063 1.260 1.457 1.654 1.850 2.047 2.244 2.441 2.638 2.835 3.031 3.228 3.425 3.622 3.819 4.016 4.213 4.409 4.606 4.803 mm 5.00 10.00 15.00 20.00 25.00 30.00 35.00 40.00 45.00 50.00 55.00 60.00 65.00 70.00 75.00 80.00 85.00 90.00 95.00 100.00 105.00 110.00 115.00 Dim B inch 0.197 0.394 0.591 0.787 0.984 1.181 1.378 1.575 1.772 1.969 2.165 2.362 2.559 2.756 2.953 3.150 3.346 3.543 3.740 3.937 4.134 4.331 4.528 Dimensional Information
Description 5.0mm, Euro Header, Vertical 5.0mm, Euro Header, Vertical 5.0mm, Euro Header, Vertical 5.0mm, Euro Header, Vertical 5.0mm, Euro Header, Vertical 5.0mm, Euro Header, Vertical 5.0mm, Euro Header, Vertical 5.0mm, Euro Header, Vertical 5.0mm, Euro Header, Vertical 5.0mm, Euro Header, Vertical 5.0mm, Euro Header, Vertical 5.0mm, Euro Header, Vertical 5.0mm, Euro Header, Vertical 5.0mm, Euro Header, Vertical 5.0mm, Euro Header, Vertical 5.0mm, Euro Header, Vertical 5.0mm, Euro Header, Vertical 5.0mm, Euro Header, Vertical 5.0mm, Euro Header, Vertical 5.0mm, Euro Header, Vertical 5.0mm, Euro Header, Vertical 5.0mm, Euro Header, Vertical 5.0mm, Euro Header, Vertical


▲Up To Search▲   

 
Price & Availability of 0395211008

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X