Part Number Hot Search : 
331M1 SR6150 SG6520 RTL030 3223C FAIRCHIL 74AC11B A7847
Product Description
Full Text Search
 

To Download 0387006317 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 04/22/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description: Documents: 3D Model Drawing (PDF)
0387006317 Active
8.26mm (.325") Pitch BeauTM PCB Terminal Strip, without Mounting Ends, 17 Circuits
RoHS Certificate of Compliance (PDF)
General
Product Family Series Application Component Type Product Name Type Terminal Blocks 38700 Wire-to-Board One Piece Fixed Mount Barrier Barrier Strip image - Reference only
Series
Physical
Circuits (Loaded) Circuits (maximum) Color - Resin Entry Angle Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Retention Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Shrouded Stackable Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style Wire Size AWG Wire Size mm 17 17 Black Horizontal None Brass Tin Tin Polyester 1 Horizontal 0.140 In 3.56 mm None No 0.325 In 8.26 mm 0.325 In 8.25 mm 150 3.75 150 3.75 No Dual-Barrier Yes No -40C to +130C Through Hole 14, 16, 18, 20, 22 0.50 - 1.50
EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Search Parts in this Series 38700Series Mates With N/A
Electrical
Current - Maximum per Contact Voltage - Maximum 15A 300V
Solder Process Data
Lead-free Process Capability Wave Capable (TH only)
Material Info
Old Part Number
70517-C
Reference - Drawing Numbers
Sales Drawing SD-38700-001
This document was generated on 04/22/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0387006317

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X