Part Number Hot Search : 
1N4627 1N4627 Q6004V4 6128AE SXN15 ACHIPS TC74VCX 100002
Product Description
Full Text Search
 

To Download 0365050026 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/13/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0365050026 Active
din_41612 2.54mm (.100") Pitch DIN 41612 B Style Female Receptacle, Vertical, Through Hole, 0.60m (24") Selective Gold (Au) Plating, 64 Circuits, without Mounting Clips, Solder Tail Length 4.50mm (.177"), No Flux Proof, Lead Free
Documents: Drawing (PDF) Product Specification PS-36500-001 (PDF)
RoHS Certificate of Compliance (PDF)
EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Application Comments Component Type Overview Product Name Style Backplane Connectors 36505 Daughtercard No Mounting Clips, Secured with Tubular Rivets/ Cheesehead Screws. No Flux Proof PCB Receptacle din_41612 IEC 603-2/DIN 41612 B
Search Parts in this Series 36505Series
Physical
Circuits (Loaded) Circuits (maximum) Circuits Detail Color - Resin Durability (mating cycles max) First Mate / Last Break Guide to Mating Part Keying to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Columns Number of Pairs Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to PCB Stackable 64 64 1,2,3,...32; a+c Natural 400 Yes No Yes Phosphor Bronze Gold Tin Polyester 32 Open Pin Field 2 Vertical 0.177 In 4.50 mm No Yes 0.063 In 1.60 mm Carton 0.100 In 2.54 mm 0.100 In 2.54 mm 24 0.60 200 5.00 Yes No
Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style
No -55C to +125C Through Hole
Electrical
Current - Maximum per Contact Data Rate Voltage - Maximum 1A 622.0 Mbps 250V AC (RMS)
Solder Process Data
Lead-free Process Capability Wave Capable (TH only)
Material Info Reference - Drawing Numbers
Packaging Specification Product Specification Sales Drawing PK-36505-001 PS-36500-001 SD-36505-0001
This document was generated on 05/13/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0365050026

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X