|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 05/26/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Overview: Description: 0026605120 Active kk 3.96mm (.156") Pitch KK(R) Solid Header, Right Angle, with Friction Lock, 12 Circuits, Tin (Sn) Plating Documents: 3D Model Drawing (PDF) Packaging Specification (PDF) Product Specification PS-08-50 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only Agency Certification CSA UL LR19980 E29179 EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. General Product Family Series Application Overview Product Name PCB Headers 41792 Wire-to-Board kk KK(R) Physical Breakaway Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) Flammability Glow-Wire Compliant Lock to Mating Part Material - Metal Material - Plating Mating Material - Resin Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Polarized to Mating Part Polarized to PCB Shrouded Stackable Temperature Range - Operating Termination Interface: Style No 12 12 Natural 25 94V-0 No Yes Brass Tin Polyester 1 Right Angle 0.156 In 3.96 mm No None 0.062 In 1.60 mm Bag 0.156 In 3.96 mm Yes No Partial Yes 0C to +75C Through Hole Search Parts in this Series 41792Series Mates With 3069 , 2139 , 2145 , 6442 , 7674 , 7675 , 41695 , L ink:41815 Electrical Current - Maximum per Contact Voltage - Maximum 7A 250V Solder Process Data Duration at Max. Process Temperature (seconds) Lead-free Process Capability Max. Cycles at Max. Process Temperature Process Temperature max. C 5 Wave Capable (TH only) 1 235 Material Info Old Part Number 41792-0012 Reference - Drawing Numbers Packaging Specification Product Specification Sales Drawing PK-41792-002 PS-08-50 SDA-41792 This document was generated on 05/26/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION 41792 Group Header No: Pin No: OPTIONS Plating: Pin Length L Mating Height PC Tail Tin Loc Pack Per Ckts 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 Material No 26-60-5020 26-60-5030 26-60-5040 26-60-5050 26-60-5060 26-60-5070 26-60-5080 26-60-5090 26-60-5100 26-60-5110 26-60-5120 26-60-5130 26-60-5140 26-60-5150 26-60-5160 26-60-5170 26-60-5180 REV: M Y P T Gold Loc G A-41792-0002/0018 41790-0002/0018 2161-37(102) 102 - TIN 27.94 / 1.100 11.43 / .450 N/A 5.41 / .213 3.96/ .156 OVERALL NONE PK-41792-002 Engineer Number A-41792-0002 A-41792-0003 A-41792-0004 A-41792-0005 A-41792-0006 A-41792-0007 A-41792-0008 A-41792-0009 A-41792-0010 A-41792-0011 A-41792-0012 A-41792-0013 A-41792-0014 A-41792-0015 A-41792-0016 A-41792-0017 A-41792-0018 Group Header No: Pin No: Plating: Pin Length L Mating Height PC Tail Tin Loc Pack Per Material No 41792-0511 41792-0512 41792-0513 41792-0514 41792-0515 41792-0516 41792-0517 41792-0518 41792-0519 41792-0520 41792-0521 41792-0522 41792-0523 41792-0524 41792-0525 41792-0526 41792-0527 M Y P T Gold Loc G A-41792-0511/0527 41790-0002/0018 43294-0569 208 - 15 GOLD 27.94 / 1.100 11.43 / .450 6.86/ .270 5.41 / .213 3.96/ .156 5.08/ .200 NONE PK-41792-002 Engineer Number A-41792-0511 A-41792-0512 A-41792-0513 A-41792-0514 A-41792-0515 A-41792-0516 A-41792-0517 A-41792-0518 A-41792-0519 A-41792-0520 A-41792-0521 A-41792-0522 A-41792-0523 A-41792-0524 A-41792-0525 A-41792-0526 A-41792-0527 Group Header No: Pin No: Plating: Pin Length L Mating Height PC Tail Tin Loc Pack Per Material No 41792-0528 41792-0529 41792-0530 41792-0531 41792-0532 41792-0533 41792-0534 41792-0535 41792-0536 41792-0537 41792-0538 41792-0539 41792-0540 41792-0541 41792-0542 41792-0543 41792-0544 M Y P T Gold Loc G A-41792-0528/0544 41790-0002/0018 43294-0570 228 - 30 GOLD 27.94 / 1.100 11.43 / .450 6.86/ .270 5.41 / .213 3.96/ .156 5.08/ .200 NONE PK-41792-002 Engineer Number A-41792-0528 A-41792-0529 A-41792-0530 A-41792-0531 A-41792-0532 A-41792-0533 A-41792-0534 A-41792-0535 A-41792-0536 A-41792-0537 A-41792-0538 A-41792-0539 A-41792-0540 A-41792-0541 A-41792-0542 A-41792-0543 A-41792-0544 Group Header No: Pin No: Plating: Pin Length L Mating Height PC Tail Tin Loc Pack Per Material No 41792-0562 41792-0563 41792-0564 41792-0565 41792-0566 41792-0567 41792-0568 41792-0569 41792-0570 41792-0571 41792-0572 41792-0573 41792-0574 41792-0575 41792-0576 41792-0577 41792-0578 M Y P T Gold Loc G A-41792-0562/0578 41790-0002/0018 43294-0570 228 - 30 GOLD 27.94 / 1.100 11.43 / .450 6.86/ .270 5.41 / .213 3.96/ .156 5.08/ .200 2 PK-41792-002 Engineer Number A-41792-0562 A-41792-0563 A-41792-0564 A-41792-0565 A-41792-0566 A-41792-0567 A-41792-0568 A-41792-0569 A-41792-0570 A-41792-0571 A-41792-0572 A-41792-0573 A-41792-0574 A-41792-0575 A-41792-0576 A-41792-0577 A-41792-0578 SHEET No. Voided Ckts Voided Ckts Voided Ckts Voided Ckts ECR/ECN INFORMATION: EC No.: DATE: TITLE: H6 UCP2008-2821 6/23/2008 CREATED / REVISED BY: KK 156 HEADER ASSEMBLY FRICTION LOCK RIGHT ANGLE W/O PEGS CHECKED BY: -2APPROVED BY: DOCUMENT NUMBER: SDA- 41792 GAVERILL MKIPPER FSMITH TEMPLATE FILENAME: PRODUCT_SPEC [SIZE_A](V.1). DOC 41792 Group Header No: Pin No: OPTIONS Plating: Pin Length L Mating Height PC Tail Tin Loc Pack Per Ckts 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 Material No 26-61-5020 26-61-5030 26-61-5040 26-61-5050 26-61-5060 26-61-5070 26-61-5080 26-61-5090 26-61-5100 26-61-5110 26-61-5120 26-61-5130 26-61-5140 26-61-5150 26-61-5160 26-61-5170 26-61-5180 REV: M Y P T Gold Loc G A-41792-0019/0035 41790-0002/0018 2161-37(501) 501 - GOLD 27.94 / 1.100 11.43 / .450 OVERALL 5.41 / .213 3.96/ .156 N/A NONE PK-41792-002 Engineer Number A-41792-0019 A-41792-0020 A-41792-0021 A-41792-0022 A-41792-0023 A-41792-0024 A-41792-0025 A-41792-0026 A-41792-0027 A-41792-0028 A-41792-0029 A-41792-0030 A-41792-0031 A-41792-0032 A-41792-0033 A-41792-0034 A-41792-0035 ECR/ECN INFORMATION: EC No.: DATE: 26-61-5043 26-61-5053 26-61-5063 26-61-5073 26-61-5083 26-61-5093 26-61-5103 26-61-5113 26-61-5123 26-61-5133 26-61-5143 26-61-5153 26-61-5163 26-61-5173 26-61-5183 TITLE: A-41792-0036 A-41792-0037 A-41792-0038 A-41792-0039 A-41792-0040 A-41792-0041 A-41792-0042 A-41792-0043 A-41792-0044 A-41792-0045 A-41792-0046 A-41792-0047 A-41792-0048 A-41792-0049 A-41792-0050 26-60-5041 A-41792-0053 Group Header No: Pin No: Plating: Pin Length L Mating Height PC Tail Tin Loc Pack Per Material No M Y P T Gold Loc G A-41792-0036/0050 41790-0004/0018 2161-37(102) 102 - TIN 27.94 / 1.100 11.43 / .450 N/A 5.41 / .213 3.96/ .156 OVERALL 4 PK-41792-002 Engineer Number Group Header No: Pin No: Plating: Pin Length L Mating Height PC Tail Tin Loc Pack Per Material No M Y P T Gold Loc G A-41792-0051/0067 41790-0002/0018 2161-64(102) 102 - TIN 29.85 / 1.175 13.28 / .523 N/A 5.41 / .213 4.01 / .158 OVERALL NONE PK-41792-002 Engineer Number Group Header No: Pin No: Plating: Pin Length L Mating Height PC Tail Tin Loc Pack Per Material No Engineer Number M Y P T Gold Loc G Voided Ckts Voided Ckts Voided Ckts Voided Ckts H6 UCP2008-2821 6/23/2008 CREATED / REVISED BY: KK 156 HEADER ASSEMBLY FRICTION LOCK RIGHT ANGLE W/O PEGS CHECKED BY: SHEET No. -3APPROVED BY: DOCUMENT NUMBER: SDA- 41792 GAVERILL MKIPPER FSMITH TEMPLATE FILENAME: PRODUCT_SPEC [SIZE_A](V.1). DOC 41792 Group Header No: Pin No: OPTIONS Plating: Pin Length L Mating Height PC Tail Tin Loc Pack Per Ckts 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 26-62-5031 26-62-5041 26-62-5051 26-62-5061 26-62-5071 26-62-5081 26-62-5091 26-62-5101 26-62-5111 26-62-5121 26-62-5131 26-62-5141 26-62-5151 26-62-5161 26-62-5171 26-62-5181 REV: A-41792-0198 A-41792-0199 A-41792-0200 A-41792-0201 A-41792-0202 A-41792-0203 A-41792-0204 A-41792-0205 A-41792-0206 A-41792-0207 A-41792-0208 A-41792-0209 A-41792-0210 A-41792-0211 A-41792-0212 A-41792-0213 41792-0214 26-62-5060 41792-0216 41792-0217 41792-0218 26-62-5100 41792-0220 41792-0221 41792-0222 41792-0223 41792-0224 41792-0225 41792-0226 41792-0227 A-41792-0214 A-41792-0215 A-41792-0216 A-41792-0217 A-41792-0218 A-41792-0219 A-41792-0220 A-41792-0221 A-41792-0222 A-41792-0223 A-41792-0224 A-41792-0225 A-41792-0226 A-41792-0227 26-62-5035 26-62-5045 26-62-5055 26-62-5065 26-62-5075 26-62-5085 26-62-5095 26-62-5105 26-62-5115 26-62-5125 26-62-5135 26-62-5145 26-62-5155 26-62-5165 26-62-5175 26-62-5185 A-41792-0242 A-41792-0243 A-41792-0244 A-41792-0245 A-41792-0246 A-41792-0247 A-41792-0248 A-41792-0249 A-41792-0250 A-41792-0251 A-41792-0252 A-41792-0253 A-41792-0254 A-41792-0255 A-41792-0256 A-41792-0257 41792-0341 41792-0342 41792-0343 26-62-5104 26-62-5114 41792-0346 41792-0347 41792-0348 41792-0349 41792-0350 41792-0351 41792-0352 A-41792-0341 A-41792-0342 A-41792-0343 A-41792-0344 A-41792-0345 A-41792-0346 A-41792-0347 A-41792-0348 A-41792-0349 A-41792-0350 A-41792-0351 A-41792-0352 SHEET No. Material No M Y P T Gold Loc G A-41792-0198/0213 41790-0002/0018 2161-37(102) 102 - TIN 27.94/ 1.100 11.43 / .450 N/A 5.41 / .213 3.96 / .156 OVERALL 2 PK-41792-002 Engineer Number Group Header No: Pin No: Plating: Pin Length L Mating Height PC Tail Tin Loc Pack Per Material No M Y P T Gold Loc G A-41792-0214/0227 41790-0005/0018 2161-37(102) 102 - TIN 27.94/ 1.100 11.43 / .450 N/A 5.41 / .213 3.96 / .156 OVERALL 5 PK-41792-002 Engineer Number Group Header No: Pin No: Plating: Pin Length L Mating Height PC Tail Tin Loc Pack Per Material No M Y P T Gold Loc G A-41792-0242/0257 41790-0003/0018 2161-37(102) 102 - TIN 27.94/ 1.100 11.43 / .450 N/A 5.41 / .213 3.96 / .156 OVERALL 3 PK-41792-002 Engineer Number Group Header No: Pin No: Plating: Pin Length L Mating Height PC Tail Tin Loc Pack Per Material No M Y P T Gold Loc G A-41792-0341/0352 41790-0007/0018 2161-37(102) 102 - TIN 27.94/ 1.100 11.43 / .450 N/A 5.41 / .213 3.96 / .156 OVERALL 7 PK-41792-002 Engineer Number Voided Ckts Voided Ckts Voided Ckts Voided Ckts ECR/ECN INFORMATION: EC No.: DATE: TITLE: H6 UCP2008-2821 6/23/2008 CREATED / REVISED BY: KK 156 HEADER ASSEMBLY FRICTION LOCK RIGHT ANGLE W/O PEGS CHECKED BY: -4APPROVED BY: DOCUMENT NUMBER: SDA- 41792 GAVERILL MKIPPER FSMITH TEMPLATE FILENAME: PRODUCT_SPEC [SIZE_A](V.1). DOC 41792 Group Header No: Pin No: OPTIONS Plating: Pin Length L Mating Height PC Tail Tin Loc Pack Per Ckts 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 41792-0460 41792-0461 26-60-5096 41792-0463 41792-0464 41792-0465 41792-0466 41792-0467 41792-0468 41792-0469 41792-0470 41792-0471 REV: A-41792-0460 A-41792-0461 A-41792-0462 A-41792-0463 A-41792-0464 A-41792-0465 A-41792-0466 A-41792-0467 A-41792-0468 A-41792-0469 A-41792-0470 A-41792-0471 ECR/ECN INFORMATION: EC No.: DATE: 26-60-5087 A-41792-0472 A-41792-0473 A-41792-0474 A-41792-0475 A-41792-0476 A-41792-0477 A-41792-0478 A-41792-0479 A-41792-0480 A-41792-0481 A-41792-0482 A-41792-0483 TITLE: 26-60-5128 A-41792-0484 A-41792-0485 A-41792-0486 A-41792-0487 A-41792-0488 A-41792-0489 A-41792-0490 A-41792-0491 A-41792-0492 A-41792-0493 Material No M Y P T Gold Loc G A-41792-0460/0471 41790-0007/0018 2161-37(102) 102 - TIN 27.94 / 1.100 11.43 / .450 N/A 5.41 / .213 3.96 / .156 OVERALL 2, 7 PK-41792-002 Engineer Number Group Header No: Pin No: Plating: Pin Length L Mating Height PC Tail Tin Loc Pack Per Material No M Y P T Gold Loc G A-41792-0472/0483 41790-0007/0018 2161-37(102) 102 - TIN 27.94 / 1.100 11.43 / .450 N/A 5.41 / .213 3.96 / .156 OVERALL 4, 7 PK-41792-002 Engineer Number Group Header No: Pin No: Plating: Pin Length L Mating Height PC Tail Tin Loc Pack Per Material No M Y P T Gold Loc G A-41792-0484/0493 41790-0009/0018 2161-37(102) 102 - TIN 27.94 / 1.100 11.43 / .450 N/A 5.41 / .213 3.96 / .156 OVERALL 2, 5, 9 PK-41792-002 Engineer Number Group Header No: Pin No: Plating: Pin Length L Mating Height PC Tail Tin Loc Pack Per Material No 50-29-1904 50-29-1905 50-29-1906 50-29-1907 50-29-1908 50-29-1909 50-29-1910 50-29-1911 50-29-1912 50-29-1913 50-29-1914 50-29-1915 50-29-1916 50-29-1917 50-29-1918 50-29-1919 50-29-1920 M Y P T Gold Loc G A-41792-0579/0595 41790-0002/0018 2161-37(154) 154 - TIN 27.94 / 1.100 11.43 / .450 N/A 5.41 / .213 3.96/ .156 OVERALL NONE PK-41792-002 Engineer Number A-41792-0579 A-41792-0580 A-41792-0581 A-41792-0582 A-41792-0583 A-41792-0584 A-41792-0585 A-41792-0586 A-41792-0587 A-41792-0588 A-41792-0589 A-41792-0590 A-41792-0591 A-41792-0592 A-41792-0593 A-41792-0594 A-41792-0595 SHEET No. Voided Ckts Voided Ckts Voided Ckts Voided Ckts H6 UCP2008-2821 6/23/2008 CREATED / REVISED BY: KK 156 HEADER ASSEMBLY FRICTION LOCK RIGHT ANGLE W/O PEGS CHECKED BY: -5APPROVED BY: DOCUMENT NUMBER: SDA- 41792 GAVERILL MKIPPER FSMITH TEMPLATE FILENAME: PRODUCT_SPEC [SIZE_A](V.1). DOC 41792 Group Header No: Pin No: OPTIONS Plating: Pin Length L Mating Height PC Tail Tin Loc Pack Per Ckts 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 50-29-1926 50-29-1927 50-29-1928 50-29-1929 50-29-1930 50-29-1931 50-29-1932 50-29-1933 50-29-1934 50-29-1935 50-29-1936 50-29-1937 REV: A-41792-0601 A-41792-0602 A-41792-0603 A-41792-0604 A-41792-0605 A-41792-0606 A-41792-0607 A-41792-0608 A-41792-0609 A-41792-0610 A-41792-0611 A-41792-0612 50-29-1945 50-29-1946 50-29-1947 50-29-1948 50-29-1949 50-29-1950 50-29-1951 50-29-1952 50-29-1953 50-29-1954 A-41792-0620 A-41792-0621 A-41792-0622 A-41792-0623 A-41792-0624 A-41792-0625 A-41792-0626 A-41792-0627 A-41792-0628 A-41792-0629 41792-0633 A-41792-0630 A-41792-0631 A-41792-0632 A-41792-0633 A-41792-0634 A-41792-0635 A-41792-0636 A-41792-0637 A-41792-0638 A-41792-0639 Material No M Y P T Gold Loc G A-41792-0596/0612 41790-0007/0018 2161-37(154) 154 - TIN 27.94 / 1.100 11.43 / .450 N/A 5.41 / .213 3.96 / .156 OVERALL 2, 7 PK-41792-002 Engineer Number Group Header No: Pin No: Plating: Pin Length L Mating Height PC Tail Tin Loc Pack Per Material No M Y P T Gold Loc G A-41792-0613/0629 41790-0009/0018 2161-37(154) 154 - TIN 27.94 / 1.100 11.43 / .450 N/A 5.41 / .213 3.96 / .156 OVERALL 2, 5, 9 PK-41792-002 Engineer Number Group Header No: Pin No: Plating: Pin Length L Mating Height PC Tail Tin Loc Pack Per Material No M Y P T Gold Loc G A-41792-0484/0493 41790-0009/0018 2161-37(154) 154 - TIN 27.94 / 1.100 11.43 / .450 N/A 5.41 / .213 3.96 / .156 OVERALL 2, 5, 9 PK-41792-002 Engineer Number Group Header No: Pin No: Plating: Pin Length L Mating Height PC Tail Tin Loc Pack Per Material No Engineer Number M Y P T Gold Loc G Voided Ckts Voided Ckts Voided Ckts Voided Ckts ECR/ECN INFORMATION: EC No.: DATE: TITLE: H6 UCP2008-2821 6/23/2008 CREATED / REVISED BY: KK 156 HEADER ASSEMBLY FRICTION LOCK RIGHT ANGLE W/O PEGS CHECKED BY: SHEET No. -6APPROVED BY: DOCUMENT NUMBER: SDA- 41792 GAVERILL MKIPPER FSMITH TEMPLATE FILENAME: PRODUCT_SPEC [SIZE_A](V.1). DOC |
Price & Availability of 0026605120 |