Part Number Hot Search : 
BL303 UC3844 SMBJ24 QL202HT U2785B ACS110 FDSD0630 MN15843
Product Description
Full Text Search
 

To Download VF5941504672M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ECM Surface Mount VCXO
Valpey Fisher VF594
Wide Frequency Range Very Low Phase Jitter Wide Pullability Standard Footprint Wide Operating Temperature EMI Shielded
Parameter Frequency Range Frequency Stability Supply Voltage Supply Current Load Duty Cycle Rise & Fall Times Logic "1" Level Logic "0" Level Start Up Time Phase Jitter Modulation BW Input Impedance Control Voltage Pulling Range Linearity Setability (Vc for center frequency) Operating Temp
VF594 1.54MHz to 160.0MHz +/-25ppm
Notes Vs. Temp
5V +/-5% Standard 3.3V +/-5% Option 12mA @ 20MHz No Load 10TTL gates or 50pF MAX, AC Coupled 50R Termination recommended @F >54MHz 40 / 60 or 45/55 Specify 6nS max 0.9Vcc min Max Load 0.1Vcc max Max Load 10mS max 2mS Typ 1pS max Fj>1kHz 10kHz @ -3dB min 50K ohm min Fm<10kHz 0V to 5.0V Vcc 5.0V 0V to 3.3V Vcc 3.3V +/- 50ppm Or Specify +/-5%, +/- 10% +/-20% Specify 2.50V typ Vcc 5.0V 1.65V typ Vcc 3.3V 0 0 0 C to +70 C Standard 0 0 -45 C to +85 C Available Option
Environmental & Mechanical Mechanical Mil STD 202 Method 213 Cond E Shock Thermal Mil STD 883 Method 1011 Shock Cond A Vibration MIL-STD-883 Method 2007 Cond A 0 Soldering 260 C for 10s max: 0 Condition 230 C for 90s max -8 Hermetic Leak rate less than 5x10 Seal Atm.cc/s of helium
Part Numbering VF594 S L 1 50 46.72M Series Stability S=20ppm Blank=50ppm Supply V L=3.3 Blank =5.0 Temp Range 1=-40+85 Blank= Std Pulling Range Frequency
Pin Function A 13.97 B 9.78 C 4.70
1 Vc D 3.30
2 GND/ Case E 5.08 F 7.62
3 O/P G 0.457
4 Vcc H 1.39
Dimensions in mm
ECM Electronics Limited, Penmaen House, Ashington, West Sussex, RH20 3JR, UK
Tel: +44(0)1903 892810: Fax: +44(0)1903 892738. Email: ecm@ecmelectronics.co.uk
Although we have attempted to accurately reflect the products we market. ECM reserve the right without prior notice to discontinue any product or make design changes we believe necessary.
Issue 1


▲Up To Search▲   

 
Price & Availability of VF5941504672M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X