Part Number Hot Search : 
DP123 C4626EPA LA7685 UBM33PT AY0438 PS2653L2 UBM33PT CT1G0
Product Description
Full Text Search
 

To Download V600ME20-LF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 V600ME20-LF
PHASE NOISE (1 Hz BW, typical) 14118 Stowe Drive, Suite B | Poway, CA 92064 TEL: (858) 621-2700 | FAX: (858) 486-1927 URL: www.zcomm.com EMAIL: applications@zcomm.com Rev C3
Applications * Broadband Transmission * Earthstations * Application Notes
* AN-101: Mounting and Grounding * AN-102: Output Loading * AN-107: Manual Soldering
(f) (dBc/Hz)
Voltage-Controlled Oscillator Surface Mount Module
OFFSET (Hz)
Performance Specifications Oscillation Frequency Range Phase Noise @ 10 kHz offset (1 Hz BW) Harmonic Suppression (2nd) Tuning Voltage Tuning Sensitivity (avg.) Power Output Load Impedance Input Capacitance Pushing Pulling (14 dB Return Loss, Any Phase) Operating Temperature Range Package Style Power Supply Requirements Supply Voltage (Vcc, nom.) Supply Current (Icc) Additional Notes
Min 1700
Typ -95 -20
Max 2800 -14 15
Units MHz dBc/Hz dBc Vdc MHz/V dBm pF MHz/V MHz C
0.5 118 3 6.5 50
10 500 5 8
-40 MINI-16-L Min Typ 5 21
85
Max 25
Units Vdc mA
LFSuffix = RoHS Compliant. All specifications are subject to change without notice. (c) Z-Communications, Inc. All Rights Reserved. Page 1 of 2
FRM-S-002 B
Voltage-Controlled Oscillator Surface Mount Module Tuning Curve, typ.
3300 3150 3000 2850 2700 2550 2400 2250 2100 1950 1800 1650 1500 1350 1200 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14
V600ME20-LF
Rev C3
FREQUENCY (MHz)
85 C 25 C -40 C
15
TUNING VOLTAGE (Vdc)
Power Curve, typ. Footprint
RECOMMENDED FOOTPRINT
10 9 8 7 6 5 4 3 2 1 0 1327 1691 1922 2114 2287 2450 2609 2765 2920 3072 3202
POWER OUTPUT (dBm)
SEVERAL HOLES OF O 0.015 ON GND. PLANE ARE RECOMMENDED FOR GOOD GROUNDING.
0.030 MIN. CUTBACK FROM LIVE PADS
FREQUENCY (MHz)
85 C 25 C -40 C
Physical Dimensions
PIN CONFIGURATION P1 P2 P3 REST Vt RF OUT Vcc GROUND H 0.220 0.160 0.130 0.100 0.085
Z-COMM XXXXXXXX-LF W/O# D/C
PACKAGE MINI-16 MINI-16-LOW MINI-16-L MINI-16-UL MINI-16-EL
NOTE: ALL DIMENSIONS ARE IN INCHES TOL: XXX: +/- 0.010
LFSuffix = RoHS Compliant. All specifications are subject to change without notice. (c) Z-Communications, Inc. All Rights Reserved. Page 2 of 2
FRM-S-002 B


▲Up To Search▲   

 
Price & Availability of V600ME20-LF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X