|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
V330ME03 PHASE NOISE (1 Hz BW, typical) 14118 Stowe Drive, Suite B | Poway, CA 92064 TEL: (858) 621-2700 | FAX: (858) 486-1927 URL: www.zcomm.com EMAIL: applications@zcomm.com Rev A1 -60 -70 -80 -90 (f) (dBc/Hz) Voltage-Controlled Oscillator Surface Mount Module Applications * Satellite Modems * Mobile Radios * Application Notes * AN-101: Mounting and Grounding * AN-102: Output Loading * AN-107: Manual Soldering -100 -110 -120 -130 -140 -150 1 E+3 10 E+3 100 E+3 OFFSET (Hz) Performance Specifications Oscillation Frequency Range Phase Noise @ 10 kHz offset (1 Hz BW) Harmonic Suppression (2nd) Tuning Voltage Tuning Sensitivity (avg.) Power Output Load Impedance Input Capacitance Pushing Pulling (14 dB Return Loss, Any Phase) Operating Temperature Range Package Style Power Supply Requirements Supply Voltage (Vcc, nom.) Supply Current (Icc) Additional Notes Min 310 Typ -106 -13 Max 366 -12 4.5 Units MHz dBc/Hz dBc Vdc MHz/V dBm pF MHz/V MHz C 0.5 26 3 6 50 9 250 3 1 -40 MINI-16 Min Typ 5 13 85 Max 16 Units Vdc mA LFSuffix = RoHS Compliant. All specifications are subject to change without notice. (c) Z-Communications, Inc. All Rights Reserved. Page 1 of 2 FRM-S-002 B Voltage-Controlled Oscillator Surface Mount Module Tuning Curve, typ. V330ME03 Rev A1 400 FREQUENCY (MHz) 380 360 340 320 300 280 260 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 85 C 25 C -40 C TUNING VOLTAGE (Vdc) Power Curve, typ. Footprint RECOMMENDED FOOTPRINT 10 9 8 7 6 5 4 3 2 1 0 266 291 310 326 340 353 365 376 388 399 POWER OUTPUT (dBm) SEVERAL HOLES OF O 0.015 ON GND. PLANE ARE RECOMMENDED FOR GOOD GROUNDING. 0.030 MIN. CUTBACK FROM LIVE PADS FREQUENCY (MHz) 85 C 25 C -40 C Physical Dimensions PIN CONFIGURATION P1 P2 P3 REST Vt RF OUT Vcc GROUND H 0.220 0.160 0.130 0.100 0.085 Z-COMM XXXXXXXX-LF W/O# D/C PACKAGE MINI-16 MINI-16-LOW MINI-16-L MINI-16-UL MINI-16-EL NOTE: ALL DIMENSIONS ARE IN INCHES TOL: XXX: +/- 0.010 LFSuffix = RoHS Compliant. All specifications are subject to change without notice. (c) Z-Communications, Inc. All Rights Reserved. Page 2 of 2 FRM-S-002 B |
Price & Availability of V330ME0310 |