Part Number Hot Search : 
120SC MCF52230 K1200S W83877F 50N60 MSL1064 SR1100 NT681
Product Description
Full Text Search
 

To Download TLE447607 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Dual Low Drop Voltage Regulator
TLE 4476
Features * * * * * * * * * * * * * Output 1: 350 mA; 3.3 V 4% Output 2: 430 mA; 5.0 V 4% Enable input for output 2 Low quiescent current in OFF state Wide operation range: up to 42 V Reverse battery protection: up to 42 V Output protected against short circuit Wide temperature range: -40 C to 170 C Overvoltage protection up to 65 V (< 400 ms) Overtemperature protection Overload protection Green Product (RoHS compliant) AEC Qualified
P-TO252-5-11
Functional Description The TLE 4476 is a monolithic integrated voltage regulator providing two output voltages, Q1 is a 3.3 V output for loads up to 350 mA and Q2 is a 5 V output providing 430 mA. The device is available in the PG-TO252-5-11 (D-Pak) package. Output 2 can be switched ON/OFF via the Enable input EN. The TLE 4476 is designed to supply microprocessor systems under the severe conditions of automotive applications and is therefore equipped with additional protection functions against overload, short circuit and overtemperature.
Type TLE 4476 D
Data Sheet 1
Package PG-TO252-5-11
Rev. 2.5, 2007-03-20
TLE 4476
PG-TO252-5
GND
1 Q1 Q2 EN
5
AEP02562
Figure 1 Table 1 Pin No. 1 2 3 4 5
Pin Configuration (top view) Pin Definitions and Functions Symbol I Q1 GND Q2 EN Function Input voltage; block to GND directly at the IC with a ceramic capacitor 3.3 V output; block to GND with a capacitor CQ1 10 F, ESR < 2 at 10 kHz Ground 5.0 V output; block to GND with a capacitor CQ2 10 F, ESR < 3 at 10 kHz Enable input; to switch ON and OFF Q2, ON with high signal
Data Sheet
2
Rev. 2.5, 2007-03-20
TLE 4476
1
2
Q1
Bandgap Reference
4
Q2
EN
5
3 GND
AEB02563
Figure 2
Block Diagram
Data Sheet
3
Rev. 2.5, 2007-03-20
TLE 4476
Table 2
Absolute Maximum Ratings
-40 C < Tj < 170 C Parameter Input I Voltage Current 3.3 V Output Q1 Voltage Current 5.5 V Output Q2 Voltage Current Inhibit EN Voltage Current Temperatures Junction temperature Storage temperature Notes 1. ESD-Protection according to MIL Std. 883: 2 kV. 2. Stresses above those listed here may cause permanent damage to the device. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. Symbol Limit Values Min. Max. 42 65 - 36 - 36 - 42 65 - 170 150 V V mA V mA V mA V V mA C C - Unit Remarks
VI II VQ1 IQ1 VQ2 IQ2 VEN IEN Tj Tstg
-42 - - -1 - -1 - -42 - - -50 -50
t < 400 ms
Internally limited - Internally limited - Internally limited -
t < 400 ms
Internally limited - -
Data Sheet
4
Rev. 2.5, 2007-03-20
TLE 4476
Table 3 Parameter
Operating Range Symbol Limit Values Min. Max. 42 42 350 430 170 3 80 V V mA mA C K/W K/W
1) 2)
Unit
Remarks
Output 1 input voltage Output 2 input voltage 3.3 V regulator output current 5 V regulator output current Junction temperature Thermal Resistances Junction case Junction ambient
VI1 VI1 IO1 IO2 Tj Rth,j-case Rth,j-a
4.5 5.7 0 0 -40 - -
- -
3)
-
4)
1) Input voltage VI required for operation of output Q1 2) Input voltage VI required for operation of output Q2 3) The overtemperature protection is set to > 170 C. The voltage regulator may not be operated continuously at 170 C as device reliability will be reduced to 500 h statistic lifetime. 4) Worst case regarding peak temperature, zero airflow; mounted on a PCB 80 x 80 x 1.5 mm3, 35 m Cu, 5 m Sn, heat sink area 300 mm2.
Note: In the operating range the functions given in the circuit description are fulfilled.
Data Sheet
5
Rev. 2.5, 2007-03-20
TLE 4476
Table 4
Electrical Characteristics
VI = 13.5 V; VEN > VENH; -40 C < Tj < 150 C; unless otherwise specified.
Parameter 3.3 V Output Q1 Output voltage Output current limitation Load regulation Line regulation Power Supply Ripple Rejection Output capacitor ESR of output capacitor 5.0 V Output Q2 Output voltage Output current limitation Drop voltage; VDRQ2 = VI - VQ2 Load regulation Line regulation Power Supply Ripple Rejection Output capacitor ESR of output capacitor Symbol Limit Values Min. Typ. Max. Unit Test Condition
VQ1 IQ1
VQ1 VQ1
3.17 3.3 350 - - - 10 - 4.8 430 - - - - 10 - - - - 60 - - 5.0 - 0.3 - - 60 - -
3.43 900 30 20 - - 2 5.2 900 0.7 50 50 - - 3
V mA mV mV dB F V mA V mV mV dB F
1 mA < IQ1 < 250 mA
1)
1 mA < IQ1 < 250 mA
PSRR CQ1 RESRQ1 VQ2 IQ2 VDRQ2
VQ2 VQ2
IQ1 = 5 mA; 6 V < VI < 28 V 20 Hz < fr < 20 kHz2); Vr = 5 Vpp
- at 10 kHz 1 mA < IQ2 < 330 mA
1)
IQ2 = 330 mA1)
5 mA < IQ2 < 330 mA
PSRR CQ2 RESRQ2
IQ2 = 5 mA; 6 V < VI < 28 V 20 Hz < fr < 20 kHz2); Vr = 5 Vpp
- at 10 kHz
Data Sheet
6
Rev. 2.5, 2007-03-20
TLE 4476
Table 4
Electrical Characteristics (cont'd)
VI = 13.5 V; VEN > VENH; -40 C < Tj < 150 C; unless otherwise specified.
Parameter Current Consumption Quiescent current; Iq = II - IQ1 Quiescent current; Iq = II - IQ1 - IQ2 Quiescent current; Iq = II - IQ1 - IQ2 Quiescent current; Iq = II - IQ2 - IQ1 Enable Input EN EN ON voltage EN OFF voltage Input current
2) Guaranteed by design.
Symbol
Limit Values Min. Typ. Max.
Unit
Test Condition
Iq Iq Iq Iq
- - - -
100 300 2.5 5
150 400 10 13
A A mA mA
Tj < 85 C; VEN = 0 V IQ1 = IQ2 = 300 A; Tj < 85 C IQ1 = 150 mA; IQ2 = 300 A IQ1 = 300 A; IQ2 = 250 mA VQ2 ON VQ2 OFF VEN = 13 V
VEN ON VEN OFF VEN
1.8 - -
- - 20
- 1.0 30
V V A
1) Measured when the output voltage VQ has dropped 100 mV from the nominal value.
Data Sheet
7
Rev. 2.5, 2007-03-20
TLE 4476
Application Information
5.7 - 42 V C 470 nF
Q1 C Q1 22 F
3.3 V
Bandgap Reference
Q2 C Q2 22 F
5V
e.g. from Ignition
EN
GND
AES02564
Figure 3 Input, Output
Application Circuit
The input capacitor CI is necessary for compensating line influences. Using a resistor of approx. 1 in series with CI, the LC circuit of input inductivity and input capacitance can be damped. To stabilize the regulation circuits of the stand-by and main regulator, output capacitors CQ1 and CQ2 are necessary. Stability is guaranteed at values CQ1 10 F (ESR 2 ) and CQ2 10 F (ESR 3 ) within the operating temperature range. Enable Using the enable feature the output 2 (5 V output) can be switched ON or OFF. The enable input can be connected directly to terminal 30 (battery line) or 15 (ignition line). It is also possible to control the output 2 via the microcontroller.
Data Sheet
8
Rev. 2.5, 2007-03-20
TLE 4476
Typical Performance Characteristics Output Current IQ1 versus Input Voltage VI
I Q1
1200 mA
AED02844
Output Current IQ2 versus Input Voltage VI Enable ON
I Q2
1200 mA
AED02845
800
800
600
600
400
400
200
200
0
0
10
20
30
40 V 50
0
0
10
20
30
40 V 50
VI
VI
Output Voltage VQ2 versus Temperature Tj
5.2
AED03039
Output Voltage VQ1 versus Temperature Tj
3.5
AED03040
VQ2
V 5.1
VQ1
V 3.4
Q2 5.0
3.3
Q1
4.9
3.2
4.8 -40
0
40
80
120 C 160
3.1 -40
0
40
80
120 C 160
Tj
Tj
Data Sheet
9
Rev. 2.5, 2007-03-20
TLE 4476
Drop Voltage VDR1 versus Output Current IQ1
1200 mV
AED02847
Drop Voltage VDR2 versus Output Current IQ2 EN ON
600 mV 500
AED02848
VDR1
VDR2
800
400
600
300
400
200
200
100
0
0
50
100
150
200 mA 250
0
0
100
200
300
400 mA 500
I Q1
I Q2
Current Consumption Iq versus Input Voltage VI
6 mA 5
AED02849
Current Consumption Iq versus Input Voltage VI
6 mA 5
AED02846
Iq
Iq
4
4
R L2 = 50
3
3
2
R L2 = 100
2
R L1 = 33 R L1 = 330 R L1 = 3.3 k
1
1
0
0
10
20
30
40 V 50
0
0
10
20
30
40 V 50
VI
VI
Data Sheet
10
Rev. 2.5, 2007-03-20
TLE 4476
Current Consumption Iq versus Output Current IQ1
20
AED02850
Current Consumption Iq versus Output Current IQ2
30
AED02851
Iq mA
Iq mA
25
10
20
15
5
10
5
0
0
50
100
150
200 mA 250
0
0
100
200
300 mA 400
I Q1
I Q2
Output Voltage VQ1 versus Input Voltage VI
6
AED02852
Output Voltage VQ2 versus Input Voltage VI
6
AED02853
VQ1 V
5
VQ2 V
5
4
4
3
3
2
2
1
1
0
0
5
10
15
20 V 25
0
0
5
10
15
20 V 25
VI
VI
Data Sheet
11
Rev. 2.5, 2007-03-20
TLE 4476
Package Outlines
6.5 +0.15 -0.05 5.7 MAX.
(4.24) 1 0.1
1)
A B
0.8 0.15
2.3 +0.05 -0.10 0.5 +0.08 -0.04
(5)
9.98 0.5 6.22 -0.2
0.9 +0.20 -0.01 0...0.15
0.51 MIN.
0.15 MAX. per side
5 x 0.6 0.1 1.14
0.5 +0.08 -0.04 0.1 B
4.56
0.25 M A B
1) Includes mold flashes on each side. All metal surfaces tin plated, except area of cut.
GPT09527
Figure 4
PG-TO252-5-11 (Plastic Transistor Single Outline)
Green Product (RoHS compliant) To meet the world-wide customer requirements for environmentally friendly products and to be compliant with government regulations the device is available as a green product. Green products are RoHS-Compliant (i.e Pb-free finish on leads and suitable for Pb-free soldering according to IPC/JEDEC J-STD-020).
You can find all of our packages, sorts of packing and others in our Infineon Internet Page "Products": http://www.infineon.com/products. SMD = Surface Mounted Device Data Sheet 12 Dimensions in mm Rev. 2.5, 2007-03-20
TLE 4476
Revision History
Version Rev. 2.5
Date 2007-03-20
Changes Initial version of RoHS-compliant derivate of TLE 4476 Page 1: AEC certified statement added Page 1 and Page 12: RoHS compliance statement and Green product feature added Page 1 and Page 12: Package changed to RoHS compliant version Legal Disclaimer updated
Data Sheet
13
Rev. 2.5, 2007-03-20
Edition 2007-03-20 Published by Infineon Technologies AG 81726 Munich, Germany
(c) 2007 Infineon Technologies AG
All Rights Reserved. Legal Disclaimer The information given in this document shall in no event be regarded as a guarantee of conditions or characteristics. With respect to any examples or hints given herein, any typical values stated herein and/or any information regarding the application of the device, Infineon Technologies hereby disclaims any and all warranties and liabilities of any kind, including without limitation, warranties of non-infringement of intellectual property rights of any third party. Information For further information on technology, delivery terms and conditions and prices, please contact the nearest Infineon Technologies Office (www.infineon.com). Warnings Due to technical requirements, components may contain dangerous substances. For information on the types in question, please contact the nearest Infineon Technologies Office. Infineon Technologies components may be used in life-support devices or systems only with the express written approval of Infineon Technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system or to affect the safety or effectiveness of that device or system. Life support devices or systems are intended to be implanted in the human body or to support and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health of the user or other persons may be endangered.


▲Up To Search▲   

 
Price & Availability of TLE447607

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X