Part Number Hot Search : 
MMSZ5226 3NBSP 3N120 MAZD039 B1426 4N32XX 7406PC S541A
Product Description
Full Text Search
 

To Download SPN03N60S5 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPN03N60S5 Cool MOSTM Power Transistor
Feature * New revolutionary high voltage technology * Ultra low gate charge * Extreme dv/dt rated * Ultra low effective capacitances * Improved transconductance
2 1
VPS05163
VDS RDS(on) ID
600 1.4 0.7
SOT-223
4
V A
3
Type SPN03N60S5
Package SOT-223
Ordering Code Q67040-S4203
Marking 03N60S5
Maximum Ratings Parameter Continuous drain current TA = 25 C TA = 70 C Pulsed drain current, tp limited by Tjmax TA = 25 C Gate source voltage Gate source voltage AC (f >1Hz)
Power dissipation, T A = 25C
Symbol ID
Value 0.7 0.4
Unit A
ID puls VGS VGS Ptot Tj , Tstg
3 20 30 1.8 -55... +150 W C V
Operating and storage temperature
Rev. 2.2
Page 1
2005-02-21
SPN03N60S5
Maximum Ratings Parameter Drain Source voltage slope
V DS = 480 V, ID = 3.2 A, Tj = 125 C
Symbol dv/dt
Value 20
Unit V/ns
Thermal Characteristics Parameter Symbol min. RthJS RthJA Values typ. max. Unit
Thermal resistance, junction - soldering point SMD version, device on PCB: @ min. footprint @ 6 cm2 cooling area 1)
-
25 110 -
62 70
K/W
Soldering temperature, 1.6 mm (0.063 in.) from case for 10s
Tsold
-
-
260
C
Electrical Characteristics, at Tj=25C unless otherwise specified Parameter Symbol Conditions min. Drain-source breakdown voltage V(BR)DSS VGS=0V, ID=0.25mA Drain-Source avalanche breakdown voltage Gate threshold voltage Zero gate voltage drain current VGS(th) IDSS
ID=135, VGS=V DS VDS=600V, VGS=0V, Tj=25C, Tj=150C
Values typ. 700 4.5 0.5 1.26 3.4 max. 5.5 600 3.5 -
Unit V
V(BR)DS VGS=0V, ID=3.2A
A 1 50 100 1.4 nA
Gate-source leakage current
IGSS
VGS=20V, VDS=0V VGS=10V, ID=2A, Tj=25C Tj=150C
Drain-source on-state resistance RDS(on)
Rev. 2.2
Page 2
2005-02-21
SPN03N60S5
Electrical Characteristics , at Tj = 25 C, unless otherwise specified Parameter Characteristics
Transconductance Input capacitance Output capacitance Reverse transfer capacitance Turn-on delay time Rise time Turn-off delay time Fall time
Gate Charge Characteristics Gate to source charge Gate to drain charge Gate charge total Gate plateau voltage Qgs Qgd Qg
VDD=350V, ID=0.7 A, VGS=0 to 10V VDD=350V, ID=0.7 A
Symbol
Conditions min.
Values typ. 0.73 440 230 12 35 20 120 30 max. -
Unit
g fs Ciss Coss Crss t d(on) tr t d(off) tf
V DS2*I D*RDS(on)max, ID=0.4A V GS=0V, V DS=25V, f=1MHz
-
S pF
V DD=350V, V GS=0/10V, ID=0.7 A, RG=20
ns
-
3 7.5 12.8 8
-
nC
V(plateau) VDD=350V, ID=0.7 A
V
1Device on 40mm*40mm*1.5mm epoxy PCB FR4 with 6cm (one layer, 70 m thick) copper area for drain connection. PCB is vertical without blown air.
Rev. 2.2
Page 3
2005-02-21
SPN03N60S5
Electrical Characteristics, at Tj = 25 C, unless otherwise specified Parameter Inverse diode continuous forward current
Inverse diode direct current, pulsed ISM
Symbol IS
Conditions min.
TA=25C
Values typ. 0.85 200 0.9 max. 0.7 3 1.05 -
Unit A
Inverse diode forward voltage
Reverse recovery time Reverse recovery charge
VSD
trr Qrr
VGS=0V, IF=IS VR=350V, IF =IS , di F/dt=100A/s
-
V ns C
Rev. 2.2
Page 4
2005-02-21
SPN03N60S5
1 Power dissipation Ptot = f (TA)
1.9
SPN03N60S5
2 Safe operating area ID = f ( V DS ) parameter : D = 0 , T A=25C
10 1
W
1.6 1.4
A
10 0
Ptot
1 0.8 0.6
ID
10 -1
1.2
10 -2 0.4 0.2 0 0 10 -3 0 10
tp = 0.001 ms tp = 0.01 ms tp = 0.1 ms tp = 1 ms tp = 10 ms DC
20
40
60
80
100
120
C
160
10
1
10
2
TA
10 V VDS
3
3 Transient thermal impedance ZthJC = f (t p) parameter: D = tp/T
10
2
4 Typ. output characteristic ID = f (VDS); Tj=25C parameter: tp = 10 s, VGS
8.5
K/W
10 1
A
7 6
Z thJC
9V
10 0
ID
D = 0.5 D = 0.2 D = 0.1 D = 0.05 D = 0.02 D = 0.01 single pulse
5 4 3 2
10 -1
10 -2
7V
1
10 -3 -7 -6 -5 -4 -3 -2 -1 10 10 10 10 10 10 10
s
10
1
0 0
4
8
12
16
20
V
26
tp
VDS
Page 5
Rev. 2.2
2005-02-21
SPN03N60S5
5 Drain-source on-state resistance RDS(on) = f (Tj) parameter : ID = 0.4 A, VGS = 10 V
8
SPN03N60S5
6 Typ. transfer characteristics ID= f ( VGS ); V DS 2 x ID x RDS(on)max parameter: tp = 10 s
8
6
A
RDS(on)
6
5
ID
98% typ
C
5
4
4
3
3
2
2
1
1
0 -60
-20
20
60
100
180
0 0
4
8
12
V
20
Tj
VGS
7 Typ. gate charge
VGS = f (QGate )
8 Forward characteristics of body diode IF = f (VSD) parameter: Tj , tp = 10 s
10 1
SPN03N60S5
parameter: ID = 0.7 A pulsed
16
V 0.2 VDS max
SPN03N60S5
A
12
0.8 VDS max
VGS
10 0
8
6
IF
10 -1 Tj = 25 C typ Tj = 150 C typ Tj = 25 C (98%) Tj = 150 C (98%) 2 4 6 8 10 12 14 16 nC 20 10 -2 0 0.4 0.8 1.2 1.6 2 2.4 V 3
10
4
2
0 0
QGate
VSD
Page 6
Rev. 2.2
2005-02-21
SPN03N60S5
9 Drain-source breakdown voltage
V(BR)DSS = f (Tj)
720
SPN03N60S5
10 Typ. capacitances C = f (VDS) parameter: V GS=0V, f=1 MHz
10 4
V
pF
10 3
V(BR)DSS
680 660 640 620 600 580 560 540 -60 10 -1 0 10 0
Ciss
C
10 2
Coss
10 1
Crss
-20
20
60
100
C
180
10
20
30
40
50
60
70
80
V
100
Tj
VDS
Definition of diodes switching characteristics
Rev. 2.2
Page 7
2005-02-21
SPN03N60S5
SOT223
A
6.5 0.2 3 0.1
0.1 max
1.6 0.1
B
7 0.3
15max
4
1
2
3
2.3 4.6
0.5 min
0.7 0.1
0.28 0.04
0.25
Rev. 2.2
M
A
0.25
Page 8
M
B
2005-02-21
3.5 0.2
+0.2 acc. to DIN 6784
SPN03N60S5
Published by Infineon Technologies AG, Bereichs Kommunikation St.-Martin-Strasse 53, D-81541 Munchen (c) Infineon Technologies AG 1999 All Rights Reserved. Attention please! The information herein is given to describe certain components and shall not be considered as warranted characteristics. Terms of delivery and rights to technical change reserved. We hereby disclaim any and all warranties, including but not limited to warranties of non-infringement, regarding circuits, descriptions and charts stated herein. Infineon Technologies is an approved CECC manufacturer. Information For further information on technology, delivery terms and conditions and prices please contact your nearest Infineon Technologies Office in Germany or our Infineon Technologies Reprensatives worldwide (see address list). Warnings Due to technical requirements components may contain dangerous substances. For information on the types in question please contact your nearest Infineon Technologies Office. Infineon Technologies Components may only be used in life-support devices or systems with the express written approval of Infineon Technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system, or to affect the safety or effectiveness of that device or system Life support devices or systems are intended to be implanted in the human body, or to support and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health of the user or other persons may be endangered.
Rev. 2.2
Page 9
2005-02-21


▲Up To Search▲   

 
Price & Availability of SPN03N60S5

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X