Part Number Hot Search : 
FT245 SMFJ130A UPC1227V BRT11H 74HCT08 1N444 TLSE53T 36KCW
Product Description
Full Text Search
 

To Download SP3011 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPATM Silicon Protection Array Products
Ultra-Low Capacitance Diode Array for USB 3.0 ESD Protection
HF
RoHS
Pb
GREEN
SP3011 Lead-Free/Green Series
Description The SP3011 integrates six channels of ultra-low capacitance rail-to-rail diodes and an additional zener diode to provide protection for USB 3.0 ports that may experience destructive electrostatic discharges (ESD). This high density array can safely absorb repetitive ESD strikes at the maximum level specified in the IEC61000-4-2 international standard (Level 4, 8kV contact discharge) without performance degradation. It's extremely low loading capacitance makes it ideal for protecting any high-speed signal pins.
Pinout
Features contact, 15kV air (5/50ns) package saves board space
(TYP) per I/O
*Pins 1, 2, 3, 4, 5, 6, 7 are not internally connected but should be connected to the opposite pin with the PCB trace.
Functional Block Diagram
Applications
Pin 11 Pin 12 Pin 13 Pin 14
Pin 8 Pin 9
GND (Pin 10)
Not Intended for Use in Life Support or Life Saving Applications The products shown herein are not designed for use in life sustaining or life saving applications unless otherwise expressly indicated. SP3011 Lead-Free/Green Series
(c)2010 Littelfuse, Inc. Specifications are subject to change without notice. Please refer to http://www.littelfuse.com for current information.
85 Revised: May 10, 2010
Lead-Free/Green SP3011
SPATM Silicon Protection Array Products
Ultra-Low Capacitance Diode Array for USB 3.0 ESD Protection
Absolute Maximum Ratings
Symbol IPP TOP T Peak Current (tp Operating Temperature Storage Temperature Parameter Value 3.0 -40 to 85 -60 to 150 C C Units
CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Electrical Characteristics (TOP=25C)
Parameter Symbol V I Clamp Voltage1 VC V IPP IPP
p p
Test Conditions I
Min
Typ
Max 6.0
Units V
0.1 11.0 12.5 1.5 8 15 0.4
0.5 V V kV kV
(VC2-VC1) / (IPP2-IPP1)
1
VESD C
IEC61000-4-2 (Contact)
Diode Capacitance
1
1
Parameter is guaranteed by design and/or device characterization.
SP3011 Lead-Free/Green Series
86 Revised: May 10, 2010
(c)2010 Littelfuse, Inc. Specifications are subject to change without notice. Please refer to http://www.littelfuse.com for current information.
SPATM Silicon Protection Array Products
Ultra-Low Capacitance Diode Array for USB 3.0 ESD Protection
Capacitance vs. Bias Voltage
0.5
Insertion Loss (S21) I/O to GND
0
0.4
-5
Capacitance (pF)
Attenuation (dB)
-10
0.3
-15
0.2
-20
0.1
-25
0.0 0.0
-30
1.0
2.0
3.0
4.0
5.0
10
100
1000
10000
Bias Voltage (V)
Frequency (MHz)
Clamping Voltage vs. IPP
16.0 14.0 12.0
Pulse Waveform
110% 100% 90% 80% 70% 60%
Clamp Voltage (VC)
10.0 8.0 6.0 4.0
50% 40% 30% 20%
2.0 0.0 1.0 1.5 2.0 2.5 3.0
10% 0% 0.0 5.0 10.0 15.0 20.0 25.0 30.0
Peak Pulse Current - IPP (A)
(c)2010 Littelfuse, Inc. Specifications are subject to change without notice. Please refer to http://www.littelfuse.com for current information.
87 Revised: May 10, 2010
SP3011 Lead-Free/Green Series
Lead-Free/Green SP3011
SPATM Silicon Protection Array Products
Ultra-Low Capacitance Diode Array for USB 3.0 ESD Protection
Application Example
USB Port VBUS
USB Controller
SSTX+ Outside World SSTXSSRX+ SSRXGND D+ DIC
SP3011-06UTG
Signal GND
Soldering Parameters
Reflow Condition - Temperature Min (Ts(min)) Pre Heat - Temperature Max (Ts(max)) - Time (min to max) (ts) Average ramp up rate (Liquidus) Temp (TL) to peak TS(max) to TL - Ramp-up Rate Reflow - Temperature (TL) (Liquidus) - Temperature (tL) 150C 200C 60 - 180 secs 3C/second max 3C/second max 217C 60 - 150 seconds 250+0/-5 C 20 - 40 seconds 6C/second max
Peak Temperature (TP) Time within 5C of actual peak Temperature (tp) Ramp-down Rate Time 25C to peak Temperature (TP) Do not exceed
260C
SP3011 Lead-Free/Green Series
88 Revised: May 10, 2010
(c)2010 Littelfuse, Inc. Specifications are subject to change without notice. Please refer to http://www.littelfuse.com for current information.
SPATM Silicon Protection Array Products
Ultra-Low Capacitance Diode Array for USB 3.0 ESD Protection
Part Numbering System
Product Characteristics
Lead Plating
SP 3011 - 06 U T G
Silicon Protection Array Series Number of Channels
-06 = 6 Channels
G= Green T= Tape & Reel Package
uDFN-14 (3.5x1.35mm)
Lead Material Lead Coplanarity Subsitute Material Body Material Flammability UL94-V-0 0.0004 inches (0.102mm) Silicon
Part Marking System
2. Dimensions include solder plating. 3. Dimensions are exclusive of mold flash & metal burr.
RH6
Number of Product Series Channels R = SP3011 Assembly Site
5. Blo is facing up for mold and facing down for trim/form, i.e. reverse trim/form. 6. Package surface matte finish VDI 11-13.
Ordering Information
Part Number Package Marking Min. Order Qty. 3000
(c)2010 Littelfuse, Inc. Specifications are subject to change without notice. Please refer to http://www.littelfuse.com for current information.
89 Revised: May 10, 2010
SP3011 Lead-Free/Green Series
Lead-Free/Green SP3011
SPATM Silicon Protection Array Products
Ultra-Low Capacitance Diode Array for USB 3.0 ESD Protection
Embossed Carrier Tape & Reel Specification - uDFN-14
P1 P2 P0 D0 E
Symbol A0 B0 D0
F
Millimeters 1.58 +/- 0.10 3.73 +/- 0.10 0.60 + 0.05 O 0.60 + 0.05 1.75 +/- 0.10 5.50 +/- 0.05 0.68 +/- 0.10 2.00 +/- 0.05 4.00 +/- 0.10 4.00 +/- 0.10 0.28 +/- 0.02 12.00 + 0.30 /- 0.10
D1 E F K0 P0 P1 P2 T W
W
D1
T
A0
K0
B0
Package Dimensions - uDFN-14 (3.5x1.35x0.5mm)
Top View
D E
A
A
Symbol
uDFN-14 (3.5x1.35x0.5mm) Millimeters Min 0.45 0.00 0.15 3.40 1.25 0.25 Nom 0.50 0.02 0.20 3.50 1.35 0.500 BSC 0.30 0.35 0.010 Max 0.55 0.05 0.25 3.60 1.45 Min 0.018 0.000 0.006 0.134 0.050 Inches Nom 0.020 0.001 0.008 0.138 0.054 0.020 BSC 0.012 0.014 Max 0.022 0.002 0.012 0.142 0.058 -
PIN 1 Index Area
1234
Side View
A1
B
A2 b D D2 E E1 e L
Seating Plane
A C b
A1 A2
Bottom View
Pin 1 Identification Chamfer 0.10X45
exact.
SP3011 Lead-Free/Green Series
90 Revised: May 10, 2010
(c)2010 Littelfuse, Inc. Specifications are subject to change without notice. Please refer to http://www.littelfuse.com for current information.


▲Up To Search▲   

 
Price & Availability of SP3011

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X