Part Number Hot Search : 
CD6322C SF161 UPD703 HD7279A 2SK1535 MLL961A MS6334TR RTL8305S
Product Description
Full Text Search
 

To Download S1U-3X-16-A-12-RC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 S1U-3X
1U 19 inch Power Shelf for the D1U Family of Power Supplies
SELECTION GUIDE
Part Number
S1U-3X-16-A-12-RC S1U-3X-16-A-48-RC
Description
Power shelf for 12V D1U Power shelf for 48V D1U
OUTPUT AND PROTECTION CHARACTERISTICS
Parameter Standby output Main output set point set point Output total regulation Output ripple voltage & noise Output current operating range Output total regulation Output ripple voltage & noise Output current operating range D1U Family Part Numbering Please Refer to Appropriate D1U Datasheet on www.cd4power.com 12V 1200W: CPS_D1U-W-1200-12.pdf 12V 1600W: CPS_D1U-W-1600-12.pdf 48V 1200W: CPS_D1U-W-1200-48.pdf 48V 1600W: CPS_D1U-W-1600-48.pdf 48V 2000W: CPS_D1U-W-2000-48.pdf
FEATURES
RoHS compliant 1U height, 18.3" width, 16" depth powershelf Holds 3 D1U series power supplies Hot insertion / removal Blind-docking connection Lug DC output connection for 2 AWG cables I2C interface Signal connector Optional shelf to shelf signal connector (up to 2 shelves in parallel)
Efficiency Start-up time Transient response main output Transient response standby output Current sharing accuracy (up to 3 in parallel with 5A total minimum current) Hold-up time Over-temperature (Auto-restart) Over voltage main output (Latching) Over voltage standby output (Latching) Over current main output (Latching) Over current standby output (Latching)
D1U-W-1200-12-HA1C
D = Distributed Power 1U = 1U W = Wide AC input C = RoHS compliant 1 = Airflow front to back, 2 = Airflow back to front Standby Output Voltage A=5V, B=12V, C=3.3V, 0=no standby
DESCRIPTION
The S1U-X3 is a 1U x 19" EIA Rack Mount Power Shelf designed for holding three 12V or 48V D1U Front End Power Supplies in current sharing applications. It is intended for distributed power architecture applications in the Servers, Storage Networking and Data Communications markets. There are two lug terminal connections for #2 AWG cabling for the DC output. System connection through the I2C bus reports the performance status of the power supplies within the power shelf. Two Power Shelves can operate in parallel by an optional Shelf-to-Shelf cable, doubling the power output to the maximum capability of 9.6kW for two 12V power shelves or 12kW for two 48V power shelves.
1200 = 1200 Watts 1600 = 1600 Watts 2000 = 2000 Watts (only H = Hotplug connector available in 48V output model) 12 = Main output 12V 48 = Main output 48V
EMISSIONS & IMMUNITY (with power supplies inserted)1
Conditions
Harmonics Voltage fluctuation & flicker Emission conducted Emission radiated ESD Electromagnetic field Electrical fast transients/burst Surge RF Conducted immunity Magnetic immunity Voltage dips, interruptions
Description
IEC/EN 61000-3-2 IEC/EN 61000-3-3 FCC 47 CFR Parts 15 / CISPR 22 / EN 55022 FCC 47 CFR Parts 15 / CISPR 22 / EN 55022 IEC/EN 61000-4-2 IEC/EN 61000-4-3 IEC/EN 61000-4-4 IEC/EN 61000-4-5 IEC/EN 61000-4-6 IEC/EN 61000-4-8 IEC/EN 61000-4-11
Criteria
Class A, 6dB margin Class A, 6dB margin 4kV contact discharge 8kV operational air discharge 15kV non-operational air discharge
1kV/2kV, performance criteria B 3 Vac, 80% AM, 1kHz, Performance criteria A 3A/m
SAFETY
Parameter
Agency approvals Material flammability
For full details go to www.murata-ps.com/rohs 1 Product is designed to meet the referenced standards.
Condition
c-CSA-us (CSA 60950-1-03/UL 60950-1,first edition) UL 94V-0
www.murata-ps.com
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
S1U-3X.B01 Page 1 of 4
S1U-3X
1U 19 inch Power Shelf for the D1U Family of Power Supplies
GENERAL CHARACTERISTICS
Parameter
Storage Temperature Range Operating Temperature Range Operating Humidity Storage Humidity Shock Sinusoidal Vibration MTBF
Conditions
Non-condensing Non-condensing 30G non operating 0.5G, 5 - 500 Hz Calculated per Bellcore at Ta=30C Demonstrated
MIN.
-40 0 10 5
TYP.
MAX.
125 50 90 90
Units
C %
200 200
x105 hrs x105 hrs
CONNECTOR TO CUSTOMER SYSTEM
Signal Connector: MOLEX # 39-28-5204 OR TYCO # 281282-1 Pin Assignment
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20
Signal Name
AC_OK11 P_Good12 PS_On13 NOT USED AC_OK01 P_Good02 PS_OnO3 NOT USED I2C Adr2 I C Clock I2C Data4 I_SHARE SENSE +5 SENSE -5 Vsb Vsb Vsb GND GND GND
2 4
Description
Input AC Voltage `OK' signal output for the shelf Power good signal output for the shelf Power enable for the shelf
High Level Low Level
open drain < 0.7V open drain < 0.7V > 2.1V (open, or Vsb) < 0.7V (active, PS:On) open drain < 0.7V open drain < 0.7V > 2.1V (open, or Vsb) < 0.7V (active, PS:On) > 2.1V, < Vsb < 0.8V Vsb Vsb
I Max
- 2 mA + 4 mA - 2 mA + 4 mA - 1 mA - 4 mA - 2 mA + 4 mA - 2 mA + 4 mA - 1 mA - 4 mA
Input AC Voltage "OK" signal output for the shelf Power good signal output for the shelf Power enable for the shelf
Address input 2 I C serial clock bus I2C serial data bus
2
1 mA
Standby voltage output Standby voltage output Standby voltage output GROUND GROUND GROUND
All control signals are with respect to Ground. Negative currents exit the power supply.
1 2 3
Signal goes low when any one of the three power supplies loses AC Signal goes low when any one of the three power supplies fail Pull this pin to GND to turn on three power supplies at the same time. Use I2C to turn on one power supply at a time. 4 Recomended 10KOhm pull up resistor to host 3.3 or 5V rail 5 Short Sense+ to +Vout and Sens- to GND at the point of load
www.murata-ps.com
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
S1U-3X.B01 Page 2 of 4
S1U-3X
1U 19 inch Power Shelf for the D1U Family of Power Supplies
SHELF TO SHELF CONNECTION
Signal Connector: MOLEX # 39-28-5164 OR TYCO # 281281-1 Pin Assignment
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16
Signal Name
AC_OK11 P_Good12 PS_On13 NOT USED NOT USED I2C Clock4 I2C Data4 I_SHARE SENSE +5 SENSE -5 Vsb Vsb Vsb GND GND GND
Description
Input AC Voltage `OK' signal output for the shelf Power good signal output for the shelf Power enable for the shelf
High Level Low Level
open drain < 0.7V open drain < 0.7V > 2.1V (open, or Vsb) < 0.7V (active, PS:On)
I Max
- 2 mA + 4 mA - 2 mA + 4 mA - 1 mA - 4 mA
I2C serial clock bus I2C serial data bus
Vsb Vsb
Standby voltage output Standby voltage output Standby voltage output GROUND GROUND GROUND
All control signals are with respect to Ground. Negative currents exit the power supply.
1 2 3
Signal goes low when any one of the three power supplies loses AC Signal goes low when any one of the three power supplies fail Pull this pin to GND to turn on three power supplies at the same time. Use I2C to turn on one power supply at a time. 4 Recomended 10KOhm pull up resistor to host 3.3 or 5V rail 5 Short Sense+ to +Vout and Sens- to GND at the point of load
OPTIONAL ACCESSORIES
Description
Shelf to Shelf Cable
C&D Part Number
535-413-1537-1
www.murata-ps.com
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
S1U-3X.B01 Page 3 of 4
S1U-3X
1U 19 inch Power Shelf for the D1U Family of Power Supplies
17.315 (439.80)
1.252 (31.80)
15.937 (404.80)
18.307 (465.00) 18.992 (482.40)
1.709 (43.40) 0.228 (5.80)
NOTES: 1. The DC output terminals are of terminal block style that will allow connection using crimp type right-angle lugs accepting up to AWG#2 wire, Panduit lug LCC2-14AWF-Q or equivalent is recommended. 2. Two M6 studs at 15.88 mm centre spacing are provided for connection to each pole. Hardware is provided for fastening the lugs/wires as well as terminal block covers
S1U-3X-16-A-xx-RC v
v = factory control character (not required for ordering) S = Shelf 1U =1U height 3X = 3 unit per shelf 16 = 16" depth C = RoHS R = Reserve xx = 12V xx = 48V A = AC input D = DC input
USA: UK: France: Japan:
Tucson (Az), Tel: (800) 547 2537, email: sales@murata-ps.com Milton Keynes, Tel: +44 (0)1908 615232, email: mk@murata-ps.com Montigny Le Bretonneux, Tel: +33 (0)1 34 60 01 01, email: france@murata-ps.com Tokyo, Tel: 3-3779-1031, email: sales_tokyo@murata-ps.com Osaka, Tel: 6-6354-2025, email: sales_osaka@murata-ps.com Website: www.murata-ps.jp Shanghai, Tel: +86 215 027 3678, email: shanghai@murata-ps.com Guangzhou, Tel: +86 208 221 8066, email: guangzhou@murata-ps.com
Canada: Toronto, Tel: (866) 740 1232, email: toronto@murata-ps.com
Murata Power Solutions, Inc. 11 Cabot Boulevard, Mansfield, MA 02048-1151 U.S.A. Tel: (508) 339-3000 (800) 233-2765 Fax: (508) 339-6356
www.murata-ps.com email: sales@murata-ps.com ISO 9001 REGISTERED
03/05/08
Murata Power Solutions, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without notice. (c) 2008 Murata Power Solutions, Inc.
Germany: Munchen, Tel: +49 (0)89-544334-0, email: munich@murata-ps.com
China:
www.murata-ps.com
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
S1U-3X.B01 Page 4 of 4


▲Up To Search▲   

 
Price & Availability of S1U-3X-16-A-12-RC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X