Part Number Hot Search : 
2E334 2SD2011 UPD70 35M189 6TRPB 2SD1563A C8051F3 7C144
Product Description
Full Text Search
 

To Download RN73H1JT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RN73H
resistors
precision high heat resistance metal film chip resistor
EU
features * SMD metal film resistors * High precision type 0.05% is available with standard products * Improved moisture resistance by special protective coating * Rated up to +155C * Marking: Black coating * Products with lead-free terminations meet EU RoHS requirements dimensions and construction
c L c
Type
(Inch Size Code)
L
Dimensions inches (mm) W c d
t
W
Solder Plating Ni Plating
1J (0603) 2A (0805) 2B (1206) 2E (1210)
.063.008 .031.004 .012.004 .012.004 .018.004 (0.30.1) (0.450.1) (1.60.2) (0.80.1) (0.30.1) .079.008 .049.008 .016.008 (2.00.2) (1.250.2) (0.40.2) .063.008 .126.008 (1.60.2) (3.20.2) .098.008 (2.50.2) .02.012 (0.50.3) .012 (0.3 .016 (0.4
+.008 -.004 +0.2 ) -0.1 +.008 -.004 +0.2 ) -0.1
t d Protective Coating Resistive Inner Electrode Film
.02.004 (0.50.1) .024.004 (0.60.1)
Ceramic Substrate
Derating Curve
100 80 % Rated Power 60 40 20 0 -60 -40 -55
-20
0
20
40
60
80 100 120 85
140
160 155
Ambient Temperature (C)
ordering information
New Part # RN73H Type 2B Size 1J: 0.1W 2A: 0.125W 2B: 0.25W 2E: 0.25W T Termination Material T: Sn TD Packaging
TD: 0603, 0805, 1206, 1210: 7" 2mm pitch punched paper TDD: 0603, 0805, 1206, 1210: 10" paper tape TE: 0805, 1206, 1210: 7" punched plastic TED: 0805, 1206, 1210: 10" punched plastic For further information on packaging, please refer to Appendix A
1002 Nominal Resistance 3 significant figures + 1 multiplier "R" indicates decimal on value <100
B Resistance Tolerance A: 0.05% B: 0.1% C: 0.25% D: 0.5% F: 1.0%
25 T.C.R. (ppm/C) 05 10 25 50 100
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
12/16/08
22
KOA Speer Electronics, Inc. * 199 Bolivar Drive * Bradford, PA 16701 * USA * 814-362-5536 * Fax: 814-362-8883 * www.koaspeer.com
RN73H
precision high heat resistance metal film chip resistor applications and ratings
Part Power Rating Designation @ 70C T.C.R. (ppm/C) Max. 5 10 25 50 100 5 10 25 50 100 5 10 25 50 100 10 25 50 100 Resistance Range E-24, E-96* (A0.05%) 100 - 47k 100 - 59k 51 - 59k -- -- 100 - 100k 100 - 100k 51 - 100k -- -- 100 - 300k 100 - 300k 51 - 300k -- -- 100 - 510k 51 - 510k -- -- (B0.1%) (C0.25%) (D0.5%) (F1.0%) -- 100 - 59k 10 - 59k 10 - 59k 10 - 59k -- 100 - 100k 10 - 100k 10 - 100k 10 - 100k -- 100 - 300k 10 - 300k 10 - 300k 10 - 300k 100 - 510k 10 - 510k 10 - 510k Maximum Working Voltage Maximum Operating Temp. Overload Voltage Range
resistors
RN73H1J
1/10W (.10W)
RN73H2A
1/8W (.125W)
RN73H2B
1/4W (.25W)
RN73H2E
1/4W (.25W)
100 - 47k -- -- 100 - 59k 100 - 59k 100 - 59k 15 - 59k 15 - 59k 10 - 59k 15 - 59k 15 - 59k 10 - 59k -- -- 10 - 59k -- -- 100 - 100k 100 - 100k 100 - 100k 100 - 100k 15 - 100k 15 - 100k 10 - 100k 15 - 100k 15 - 100k 10 - 100k -- -- 10 - 100k 100 - 300k -- -- 100 - 300k 100 - 300k 100 - 300k 15 - 300k 15 - 300k 10 - 300k 15 - 300k 15 - 300k 10 - 300k 10 - 300k -- -- 100 - 510k 100 - 510k 100 - 510k 15 - 510k 15 - 510k 10 - 510k 15 - 510k 15 - 510k 10 - 510k -- --
75V
150V
100V
200V -55C to +155C
150V
300V
200V
400V
10 - 510k 10 - 510k
* E-192 resistance range available, please contact KOA Speer
environmental applications Performance Characteristics
Parameter Resistance T.C.R. Overload (Short time) Resistance to Solder Heat Rapid Change of Temperature Moisture Resistance Endurance at 85C High Temperature Exposure Requirement R Limit Typical Within specified -- tolerance Within specified -- T.C.R. 0.05% 0.05% 0.1%* 0.1%* 0.1%* 0.1%* 0.01% 0.01% 0.02% 0.05% 0.05% 0.05% Test Method 25C +25C/-55C and +25C/+155C Rated Voltage x 2.5 or Max. overload volume, whichever is less for 5 seconds 260C 5C, 10 seconds 1 second 1J, 2A: -55C (30 minutes), +155C (30 minutes), 1000 cycles 2B, 2E: -55C (30 minutes), +155C (30 minutes), 500 cycles 85C 2C, 85%5%RH, 1000 hours; 1.5 hr ON, 0.5 hr OFF cycle 85C 2C, 1000 hours, 1.5 hr ON, 0.5 hr OFF cycle +155C, 1000 hours
* Depends on resistance value, please contact KOA Speer for details.
Additional environmental applications can also be found at www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use. 1/08/09
KOA Speer Electronics, Inc. * 199 Bolivar Drive * Bradford, PA 16701 * USA * 814-362-5536 * Fax: 814-362-8883 * www.koaspeer.com
23


▲Up To Search▲   

 
Price & Availability of RN73H1JT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X