Part Number Hot Search : 
30M25 A22JVAB SK9434 MMBZ5243 2MBI150 IRH4054 2MBI150 DH71016
Product Description
Full Text Search
 

To Download PWR05DPCA1000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TOKEN
PWR Pulse Withstanding Chip Resistors
Pulse Withstanding Chip Resistors
Token (PWR) Pulse Withstanding Chip Resistors Provide 50 Percent Increase in Power Dissipation
Preview As electronic design engineers have increased the power density of their equipment, the demand for smaller surface mount single-chip circuit protection resistors has also increased. Token developed the PWR Series resistors to provide an economical alternative to bulky molded wirewound components or multi-chip solutions while saving both PC board space and manufacturing costs. To meet the increased demand for the PWR Series resistors, Token has developed a series of pulse withstanding chip resistors with improved power ratings in reduced surface mounted sizes. Designated the PWR Series, the chip resistors deliver up to 50 percent higher power ratings than conventional surface mount resistors - up to 1.5W in a standard 2512 size chip. Token is able to boost this power rating up to 50 percent through a combination of proprietary power film materials and advanced manufacturing processes. The PWR Series Resistors are available in four standard sizes (0805, 1206, 2010 and 2512) with power ratings from 0.125W to 1.5W, and maximum operating voltage ratings for 100V to 500V. Resistance range is from 10 to 20 M, with tolerance tight to 0.5 percent. The PWR meets restriction of hazardous substances RoHS directive and RoHS compliance. Along with the increased power ratings, the PWR Series resistors also feature high surge and high voltage ratings, making them extremely stable in demanding surge and pulse environments. The PWR Series chip resistors are specified for use in power supplies, circuit protection devices, portable battery chargers, motor controls and line-powered equipment. Token will also produce devices outside these specifications to meet specific customer requirements, please contact our sales for more information. Features - High Power Rating . - Tolerance from 0.5%~5%. - Improved Working Voltage Ratings. - Excellent Pulse Withstanding Performance. - Standard Package sizes of 0805, 1206, 2010, and 2512. Applications - Power Supplies, Diagnostic Equipment. - Industrial Controls, LCD Video Monitors. - Portable Battery Chargers, Medical Devices. - Motor Controls and Line-Powered Equipment. - Metering (Testing/Measurement), Circuit Protection Devices .
Version 2010
http://www.token.com.tw/
rfq token.com.tw
01 of 07
TOKEN
PWR Pulse Withstanding Chip Resistors
Dimensions (Unit: mm)
Marking Protective Layer
W
L
Sn Plating Ni Plating Thick Film Ni/Cr Conductor Alumina Substrate Overcoat Resistive Element
D1
D1 T
D2
D2
Codes PWR05 (0805) PWR06 (1206) PWR10 (2010) PWR12 (2512)
L 2.000.15 3.050.15 5.000.20 6.300.15
W 1.250.15 1.550.15 2.450.15 3.100.15
T 0.550.10 0.550.10 0.600.15 0.550.10
D1 0.300.20 0.500.30 0.600.30 0.600.30
D2 0.400.25 0.400.25 0.500.25 0.500.25
Standard Electrical Specifications Type PWR05 (0805) PWR06 (1206) PWR10 (2010) PWR12 (2512) Power Ratingat 70C 0.125W 0.33W 0.75W 1.5W Operating Temp. Range -55 ~ +155C -55 ~ +155C -55 ~ +155C -55 ~ +155C Max Operating Voltage 150V 200V 400V 500V Resistance Tolerance 0.5% 1.0% 2.0% 3.0% 5.0% 0.5% 1.0% 2.0% 3.0% 5.0% Resistance Range 300~20M 10~299 20.1~10M 10~20 TCR 100PPM / C 200PPM / C 100PPM / C 200PPM / C
Recommend Land Pattern (Unit: mm)
C
B Codes PWR05 (0805) PWR06 (1206) PWR10 (2010) PWR12 (2512)
02 of 07
A B 1.00 1.15 1.40 1.60
rfq token.com.tw
A 1.00 2.00 3.60 4.90
http://www.token.com.tw/
C 1.350.2 1.700.2 2.500.2 3.100.2 Version 2010
TOKEN
PWR Pulse Withstanding Chip Resistors
Packaging Quantity & Reel Specifications (Unit: mm) W
C A B
T
Codes PWR05 (0805) PWR06 (1206) PWR10 (2010) PWR12 (2512)
A 178.01.0 178.01.0 178.01.0 178.01.0
B 60.01.0 60.01.0 60.01.0 60.01.0
C 13.50.7 13.50.7 13.50.7 13.50.7
W 9.51.0 9.51.0 13.51.0 13.51.0
T 11.51.0 11.51.0 15.51.0 15.51.0
Paper Tape Emboss Plastic (PCS) Tape (PCS) 5,000 5,000 4,000 4,000
Emboss Plastic Tape Specifications (Unit: mm) Top Tape D0 E B F W
Resistor Emboss Tape Codes PWR10 (2010) PWR12 (2512) A0.10 2.85 3.40 B0.10 W0.10 5.45 6.65 12.0 12.0
t
A
P1
P2
P0
D1=1.5min direction of unreeling
E0.10 1.75 1.75
F0.05 P00.05 P10.10 P20.05 D0+0.10 T0.20 5.5 5.5 4.00 4.00 4.00 4.00 2.00 2.00 1.50 1.50 1.00 1.00
Version 2010
http://www.token.com.tw/
rfq token.com.tw
03 of 07
TOKEN
PWR Pulse Withstanding Chip Resistors
Application & Soldering Notes
Today's electronic devices are becoming smaller and smaller. The requirement, in particular, for pulse withstand capability is growing due to the need to protect sensitive modern electronic systems. To meet this demand Token Electronics have designed a Pulse Withstanding Chip Resistor (PWR Series). The enhanced performance of the chips is made possible by the precise use of the best resistance inks and a closely controlled production process. Application Notes: Applications vary from line protection for telecommunications to surge withstanding resistors for use in circuit breakers. Details of a typical telecomm and power supply application are given below. Telephone lines can be subjected to a large range of voltage disturbances, many of which can damage switching equipment. This has led to the need for circuit protection against both high voltage transients, usually of short duration caused by lighting strikes and overloads of longer duration, due to direct connection to mains power lines. These two faults are separated into primary and secondary protection. - Primary protection handles the high voltage transients, and is usually located within the exchange. - Secondary protection is usually built into the equipment to be protected, and deals with both current and voltage limiting. Voltage limiting prevents damage to the equipment and shock hazards, and current limiting prevents damage to wiring. To determine the suitability of a PWC series chip resistors for your application refer to the pulse withstanding data as given lighting surge performance using both 1.2/50s and 10/700s pulse shapes. Soldering Notes: Electrical connection to a ceramic substrate or to a printed circuit board can be made by reflow or wave soldering of wrap-around terminations. Wrap-around terminations provide good leach properties and ensure reliable contact. Due to the robust construction, the PWR can be immersed in the solder bath for 30 seconds at 260C. This enables the resistor to be mounted on one side of a printed circuit board and wire-leaded components applied on the other side. PWR resistors themselves can operate at a maximum temperature of 155C. For soldered resistors, the joint temperature should not exceed 110C. This condition is met when the stated power levels at 70C and recommended pad and trace areas are used. Allowance should be made if smaller areas of copper are used.
04 of 07
http://www.token.com.tw/
rfq token.com.tw
Version 2010
TOKEN
PWR Pulse Withstanding Chip Resistors
100
Environmental Characteristics
Power Ration (%)
80 60 40 30 20 0
0
20
40
60 70 80 100
120 140
160 180
Ambient Temperature (C) Test Item Short Time Overload Specification 0.5% Test Method JIS-C-5202-5.5 RCWV*2.5 or Max Overloading Voltage, 5 seconds MIL-STD-202F Method 107G -55C~150C, 100 cycles MIL-STD-202F Method 304 +25/-55/+25/+125/+25C MIL-STD-202F Method 108A RCWV, 70C, 1.5 hours ON, 0.5 hours OFF, total 1000~1048 hours MIL-STD-202F Method 103B 40C, 90~95%RH, RCWV 1.5 hours ON, 0.5 hours OFF, total 1000~1048 hours JIS-C-5202-7.2 96 hours @ +155C without load JIS-C-5202-7.1 1hour,-65C followed by 45 minutes of RCWV JIS-C-5202-6.1.4 Bending Amplitude 3mm for 10 seconds MIL-STD-202F Method 210E 2605C, 101seconds MIL-STD-202F Method 208H 245C5C, 30.5(sec) MIL-STD-202F Method 301 Apply Max Overload Voltage for l minute MIL-STD-202F Method 302 Apply 100VDC for 1minute
Thermal Shock Temperature Coefficient of Resistance Load Life
0.5% As Spec. 1%
Humidity (Steady State)
0.5%
Resistance to Dry Heat Low Temperature Operation Bending Strength Resistance to Soldering Heat Solderability Dielectric Withstand Voltage Insulation Resistance
0.5% 0.5% As Spec. 0.5% 95% min coverage As Spec. >1000M
Note: Storage Temperature: 253C; Humidity: <80%RH
Version 2010
http://www.token.com.tw/
rfq token.com.tw
05 of 07
TOKEN
Lightning Surge
PWR Pulse Withstanding Chip Resistors
10/700 us Lightning Surge 10000 2512 2010 Peak voltage (volts) 1000 1206 0805
100
10
1
10
100
1000 10000 Resistance (ohms)
100000
1000000 10000000
Test Condition:IEC 60115-1
10000
1.2/50 us Lightning Surge 2512 2010 1206 0805
Peak voltage (volts)
1000
100
10 1 10 100 1000 10000 Resistance (ohms)
100000
1000000 10000000
Test Condition:IEC 60115-1
Note: Lightning Surge Resistors are tested in accordance with IEC 60 115-1 using both 1.2/50us and 10/700 pulse.shapes. The limit of acceptance is a shift in resistance of less than 1% from the initial value.
06 of 07
http://www.token.com.tw/
rfq token.com.tw
Version 2010
TOKEN
How to Order
PWR Pulse Withstanding Chip Resistors
05 D TR C1 W 10R0 10R0
PWR Product Type Dimensions(LxW)
Code 05 06 10 12 Code D F G H J Code TR P
Power Rating
EIA 0805 1206 2010 2512 Code Power Rating
Dimensions(LxW) 2.00x1.25mm 3.05x1.55mm 5.00x2.45mm 6.30x3.10mm Resistance Tolerance 0.50% 1% 2% 3% 5% Packaging Taping Reel Bulk TCR 100ppm 200ppm
Resistance Tolerance
A O Q T U V W Resistance
Code 1000 2201 1002 1003
1.5W 1/3W 3/4W 1W 1/2W 1/4W 1/8W
Packaging
Resistance 100 2200 10000 100000
Marking
Code N Marking Standard Marking for E96/E24 No Marking
TCR
Code C1 C
Back to 1st Page - Chip Resistors PWR
Version 2010
http://www.token.com.tw/ rfq token.com.tw
07 of 07


▲Up To Search▲   

 
Price & Availability of PWR05DPCA1000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X