Part Number Hot Search : 
55C6V BD533 JBT6N81S MBR101 NE587 D1005 212BC CS5521
Product Description
Full Text Search
 

To Download PJSOT12C-05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PJSOT03C-05~PJSOT36C-05
STANDARD CAPACITANCE TVS ARRAY VOLTAGE
FEATURES
.120(3.04)
3 ~ 36 Volts
POWER
500 Watts
* Low Clampoing Voltage * Available in Multiple Voltage Types Ranging from 3V and 36V * Unidirectional & Bidirectional Configurations * In compliance with EU RoHS 2002/95/EC directives
MECHANICAL DATA
.079(2.00)
* Case: SOT-23 * Terminals : Solderable per MIL-STD-750,Method 2026 * Weight: 0.0003 ounce, 0.0084 gram
.070(1.80)
.004(0.10) MAX.
DEVICE CHATACTERISTICS
Ratings at 25C unless otherwise specified.
PA RA M E TE R P e a k P uls e P o we r ( t p = 8 /2 0 s ) O p e ra t i ng Te m p e ra t ure S t o ra g e Te mp e ra t ur e F o rwa rd Vo lt a g e @ 1 0 0 m A ,3 0 0 s -S q ua re Wa ve S ymb o l P PP TJ TS TG VF -50 -50
O
VA L UE 500 C to 1 5 0 C to 1 5 0 1 .5
O
.006(0.15)MIN.
.008(0.20) .003(0.08)
* 500 Watts Peak Pulse Power per Line ( tp=8/20 s)
Uni t s Wa tt s C C
O
C C
O
O
O
Vo lt s
Re ve rse S ta nd -o ff Vo lta g e Part Number V RW M Ma x. V PJSOT03C-05 PJSOT05C-05 PJSOT08C-05 PJSOT12C-05 PJSOT15C-05 PJSOT24C-05 PJSOT36C-05 3 5 8 12 15 24 36
Mi nmum B re a kd o wn Vo lta g e @1 mA V B R V 4 6 8.5 13.3 16.7 26.7 40
Ma x C la mp i ng Vo lta g e @ 8 /2 0 se c V C L @ IPP V 6.5 9.8 13.4 19 24 43 51
P e a k P ulse C urre nt 8 /2 0 se c IPP Ma x. A 43 42 34 21 17 12 9
Maximum Leakage Current @V RW M ID A 125 20 10 2 1 1 1
Off-State Capacitance, 1MHz Zero dc Bias Note 1 Cd Ma x. p F 500 550 250 150 100 88 80
Marking Code
1EC 2EC 3EC 4EC 5EC 6EC 7EC
Note 1: Capacitance is measured between Pin 3 and either Pin 1 or 2 for the PJSOT03-05C and PJSOT36C-05 individual capacitance is measured between Pin 1 to Pin 3 or Pin2 to Pin 3. PAGE . 1
Jul 08.2010-REV.01
PJSOT03C-05~PJSOT36C-05
10,000
500W , 8/20 m s Waveform
P PP-Peak Pulse Current-Watts
1,000
100
10 0.01 1 10 100 1,000 10,000
t d-Pulse Duration- m s
FIG.1- PEAK PULSE POWER VS PULSE TIME
120
I PP-Peak Pulse Current-% of I PP
100
tf
Peak Value I PP
80 60 40
e
-t
TEST WAVEFORM PARAMETERS tf = 8ms t d = 20 m s
td = t
I PP/2
20 0 0 5 10 15
t-Time- m s
20
25
30
FIG.2- PULSE WAVE FORM
100
Peak Pulse Power 8/20 m s
80
% Of Rated Power
60
40
20
Average Power
0 0 75 25 50 100 125 O T L-Lead Temperature - C FIG.3- POWER DERATING CURVE 150
Jul 08.2010-REV.01
PAGE . 2
PJSOT03C-05~PJSOT36C-05
MOUNTING PAD LAYOUT
ORDER INFORMATION
* Packing information T/R - 12K per 13" plastic Reel T/R - 3K per 7" plastic Reel
LEGAL STATEMENT Copyright PanJit International, Inc 2010
The information presented in this document is believed to be accurate and reliable. The specifications and information herein are subject to change without notice. Pan Jit makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose. Pan Jit products are not authorized for use in life support devices or systems. Pan Jit does not convey any license under its patent rights or rights of others.
Jul 08.2010-REV.01
PAGE . 3


▲Up To Search▲   

 
Price & Availability of PJSOT12C-05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X