Part Number Hot Search : 
GBJ1510 FN3630 STD9N10L 1006C UML2N 52000 G6201 S3101
Product Description
Full Text Search
 

To Download PEMH17 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PEMH17; PUMH17
NPN/NPN resistor-equipped transistors; R1 = 47 k, R2 = 22 k
Rev. 03 -- 15 November 2009 Product data sheet
1. Product profile
1.1 General description
NPN/NPN Resistor-Equipped Transistors (RET).
Table 1. Product overview Package NXP PEMH17 PUMH17 SOT666 SOT363 JEITA SC-88 NPN/PNP complement PEMD17 PUMD17 PNP/PNP complement PEMB17 PUMB17
Type number
1.2 Features
Built-in bias resistors Simplifies circuit design Reduces component count Reduces pick and place costs
1.3 Applications
Low current peripheral driver Control of IC inputs Replaces general-purpose transistors in digital applications
1.4 Quick reference data
Table 2. Symbol VCEO IO R1 R2/R1 Quick reference data Parameter collector-emitter voltage output current (DC) bias resistor 1 (input) bias resistor ratio Conditions open base Min 33 0.37 Typ 47 0.47 Max 50 100 61 0.57 Unit V mA k
NXP Semiconductors
PEMH17; PUMH17
NPN/NPN resistor-equipped transistors; R1 = 47 k, R2 = 22 k
2. Pinning information
Table 3. Pin 1 2 3 4 5 6 Pinning Description GND (emitter) TR1 input (base) TR1 output (collector) TR2 GND (emitter) TR2 input (base) TR2 output (collector) TR1
1 2 3
001aab555
R1 R2 TR2 TR1 R2 R1
Simplified outline
6 5 4
Symbol
6 5 4
1
2
3
sym063
3. Ordering information
Table 4. Ordering information Package Name PEMH17 PUMH17 SC-88 Description plastic surface mounted package; 6 leads plastic surface mounted package; 6 leads Version SOT666 SOT363 Type number
4. Marking
Table 5. PEMH17 PUMH17
[1] * = -: made in Hong Kong * = p: made in Hong Kong * = t: made in Malaysia * = W: made in China
Marking codes Marking code[1] 5T H4*
Type number
PEMH17_PUMH17_3
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 -- 15 November 2009
2 of 9
NXP Semiconductors
PEMH17; PUMH17
NPN/NPN resistor-equipped transistors; R1 = 47 k, R2 = 22 k
5. Limiting values
Table 6. Limiting values In accordance with the Absolute Maximum Rating System (IEC 60134). Symbol VCBO VCEO VEBO VI Parameter collector-base voltage collector-emitter voltage emitter-base voltage input voltage positive negative IO ICM Ptot output current (DC) peak collector current total power dissipation SOT363 SOT666 Tstg Tj Tamb Per device Ptot total power dissipation SOT363 SOT666
[1] [2]
Conditions open emitter open base open collector
Min -
Max 50 50 10 +40 -10 100 100 200 200 +150 150 +150
Unit V V V V V mA mA mW mW C C C
Per transistor
Tamb 25 C
[1] [1][2]
-65 -65
storage temperature junction temperature ambient temperature Tamb 25 C
[1] [1][2]
-
300 300
mW mW
Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard footprint. Reflow soldering is the only recommended soldering method.
PEMH17_PUMH17_3
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 -- 15 November 2009
3 of 9
NXP Semiconductors
PEMH17; PUMH17
NPN/NPN resistor-equipped transistors; R1 = 47 k, R2 = 22 k
6. Thermal characteristics
Table 7. Symbol Rth(j-a) Thermal characteristics Parameter thermal resistance from junction to ambient SOT363 SOT666 Per device Rth(j-a) thermal resistance from junction to ambient SOT363 SOT666
[1] [2]
Conditions in free air
[1] [1][2]
Min
Typ
Max
Unit
Per transistor
-
-
625 625
K/W K/W
in free air
[1] [1][2]
-
-
416 416
K/W K/W
Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint. Reflow soldering is the only recommended soldering method.
7. Characteristics
Table 8. Characteristics Tamb = 25 C unless otherwise specified. Symbol ICBO ICEO Parameter collector-base cut-off current collector-emitter cut-off current emitter-base cut-off current DC current gain collector-emitter saturation voltage off-state input voltage on-state input voltage bias resistor 1 (input) bias resistor ratio collector capacitance VCB = 10 V; IE = ie = 0 A; f = 1 MHz Conditions VCB = 50 V; IE = 0 A VCE = 30 V; IB = 0 A VCE = 30 V; IB = 0 A; Tj = 150 C VEB = 5 V; IC = 0 A VCE = 5 V; IC = 5 mA IC = 10 mA; IB = 0.5 mA VCE = 5 V; IC = 100 A VCE = 0.3 V; IC = 2 mA Min 60 4 33 0.37 Typ 1.7 2.7 47 0.47 Max 100 1 50 110 150 1.2 61 0.57 2.5 pF mV V V k Unit nA A A A Per transistor
IEBO hFE VCEsat VI(off) VI(on) R1 R2/R1 Cc
PEMH17_PUMH17_3
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 -- 15 November 2009
4 of 9
NXP Semiconductors
PEMH17; PUMH17
NPN/NPN resistor-equipped transistors; R1 = 47 k, R2 = 22 k
103 hFE
(2)
006aaa184
102
006aaa185
(1)
(3)
VCEsat (mV)
102
(1) (2) (3)
10
1 10-1
1
10 I C (mA)
102
10 10-1
1
10 I C (mA)
102
VCE = 5 V (1) Tamb = 100 C (2) Tamb = 25 C (3) Tamb = -40 C
IC/IB = 20 (1) Tamb = 100 C (2) Tamb = 25 C (3) Tamb = -40 C
Fig 1.
DC current gain as a function of collector current; typical values
006aaa186
Fig 2.
Collector-emitter saturation voltage as a function of collector current; typical values
10
006aaa187
102 VI(on) (V) 10
(2) (1)
VI(off) (V)
(1) (2)
(3)
1
(3)
1
10-1 10-1
1
10 IC (mA)
102
10-1 10-2
10-1
1 I C (mA)
10
VCE = 0.3 V (1) Tamb = -40 C (2) Tamb = 25 C (3) Tamb = 100 C
VCE = 5 V (1) Tamb = -40 C (2) Tamb = 25 C (3) Tamb = 100 C
Fig 3.
On-state input voltage as a function of collector current; typical values
Fig 4.
Off-state input voltage as a function of collector current; typical values
PEMH17_PUMH17_3
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 -- 15 November 2009
5 of 9
NXP Semiconductors
PEMH17; PUMH17
NPN/NPN resistor-equipped transistors; R1 = 47 k, R2 = 22 k
8. Package outline
2.2 1.8 6 5 4 0.45 0.15 1.1 0.8 6
1.7 1.5 5 4 0.3 0.1
0.6 0.5
2.2 1.35 2.0 1.15
pin 1 index
1.7 1.5
1.3 1.1 pin 1 index
1 0.65 1.3 Dimensions in mm
2
3 0.3 0.2 0.25 0.10 06-03-16 Dimensions in mm
1 0.5 1
2
3 0.27 0.17 0.18 0.08 04-11-08
Fig 5.
Package outline SOT363 (SC-88)
Fig 6.
Package outline SOT666
9. Packing information
Table 9. Packing methods The indicated -xxx are the last three digits of the 12NC ordering code.[1] Type number Package PEMH17 PUMH17 SOT666 SOT363 Description 2 mm pitch, 8 mm tape and reel 4 mm pitch, 8 mm tape and reel 4 mm pitch, 8 mm tape and reel; T1 4 mm pitch, 8 mm tape and reel; T2
[1] [2] [3]
[2] [3]
Packing quantity 3000 4000 8000 10000 -115 -125 -115 -315 -135 -165
For further information and the availability of packing methods, see Section 12. T1: normal taping T2: reverse taping
PEMH17_PUMH17_3
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 -- 15 November 2009
6 of 9
NXP Semiconductors
PEMH17; PUMH17
NPN/NPN resistor-equipped transistors; R1 = 47 k, R2 = 22 k
10. Revision history
Table 10. Revision history Release date 20091115 Data sheet status Product data sheet Change notice Supersedes PEMH17_PUMH17_2 Document ID PEMH17_PUMH17_3 Modifications:
* *
This data sheet was changed to reflect the new company name NXP Semiconductors, including new legal definitions and disclaimers. No changes were made to the technical content. Figure 5 "Package outline SOT363 (SC-88)": updated Product data sheet Product specification PUMH17_1 -
PEMH17_PUMH17_2 PUMH17_1
20050503 20031009
PEMH17_PUMH17_3
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 -- 15 November 2009
7 of 9
NXP Semiconductors
PEMH17; PUMH17
NPN/NPN resistor-equipped transistors; R1 = 47 k, R2 = 22 k
11. Legal information
11.1 Data sheet status
Product status[3] Development Qualification Production Definition This document contains data from the objective specification for product development. This document contains data from the preliminary specification. This document contains the product specification.
Document status[1][2] Objective [short] data sheet Preliminary [short] data sheet Product [short] data sheet
[1] [2] [3]
Please consult the most recently issued document before initiating or completing a design. The term `short data sheet' is explained in section "Definitions". The product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple devices. The latest product status information is available on the Internet at URL http://www.nxp.com.
11.2
Definitions
Draft -- The document is a draft version only. The content is still under internal review and subject to formal approval, which may result in modifications or additions. NXP Semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall have no liability for the consequences of use of such information. Short data sheet -- A short data sheet is an extract from a full data sheet with the same product type number(s) and title. A short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. For detailed and full information see the relevant full data sheet, which is available on request via the local NXP Semiconductors sales office. In case of any inconsistency or conflict with the short data sheet, the full data sheet shall prevail.
damage. NXP Semiconductors accepts no liability for inclusion and/or use of NXP Semiconductors products in such equipment or applications and therefore such inclusion and/or use is at the customer's own risk. Applications -- Applications that are described herein for any of these products are for illustrative purposes only. NXP Semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. Limiting values -- Stress above one or more limiting values (as defined in the Absolute Maximum Ratings System of IEC 60134) may cause permanent damage to the device. Limiting values are stress ratings only and operation of the device at these or any other conditions above those given in the Characteristics sections of this document is not implied. Exposure to limiting values for extended periods may affect device reliability. Terms and conditions of sale -- NXP Semiconductors products are sold subject to the general terms and conditions of commercial sale, as published at http://www.nxp.com/profile/terms, including those pertaining to warranty, intellectual property rights infringement and limitation of liability, unless explicitly otherwise agreed to in writing by NXP Semiconductors. In case of any inconsistency or conflict between information in this document and such terms and conditions, the latter will prevail. No offer to sell or license -- Nothing in this document may be interpreted or construed as an offer to sell products that is open for acceptance or the grant, conveyance or implication of any license under any copyrights, patents or other industrial or intellectual property rights. Export control -- This document as well as the item(s) described herein may be subject to export control regulations. Export might require a prior authorization from national authorities. Quick reference data -- The Quick reference data is an extract of the product data given in the Limiting values and Characteristics sections of this document, and as such is not complete, exhaustive or legally binding.
11.3
Disclaimers
General -- Information in this document is believed to be accurate and reliable. However, NXP Semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such information. Right to make changes -- NXP Semiconductors reserves the right to make changes to information published in this document, including without limitation specifications and product descriptions, at any time and without notice. This document supersedes and replaces all information supplied prior to the publication hereof. Suitability for use -- NXP Semiconductors products are not designed, authorized or warranted to be suitable for use in medical, military, aircraft, space or life support equipment, nor in applications where failure or malfunction of an NXP Semiconductors product can reasonably be expected to result in personal injury, death or severe property or environmental
11.4
Trademarks
Notice: All referenced brands, product names, service names and trademarks are the property of their respective owners.
12. Contact information
For more information, please visit: http://www.nxp.com For sales office addresses, please send an email to: salesaddresses@nxp.com
PEMH17_PUMH17_3
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 -- 15 November 2009
8 of 9
NXP Semiconductors
PEMH17; PUMH17
NPN/NPN resistor-equipped transistors; R1 = 47 k, R2 = 22 k
13. Contents
1 1.1 1.2 1.3 1.4 2 3 4 5 6 7 8 9 10 11 11.1 11.2 11.3 11.4 12 13 Product profile . . . . . . . . . . . . . . . . . . . . . . . . . . General description . . . . . . . . . . . . . . . . . . . . . Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Applications . . . . . . . . . . . . . . . . . . . . . . . . . . . Quick reference data . . . . . . . . . . . . . . . . . . . . Pinning information . . . . . . . . . . . . . . . . . . . . . . Ordering information . . . . . . . . . . . . . . . . . . . . . Marking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . Thermal characteristics . . . . . . . . . . . . . . . . . . Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . Package outline . . . . . . . . . . . . . . . . . . . . . . . . . Packing information . . . . . . . . . . . . . . . . . . . . . Revision history . . . . . . . . . . . . . . . . . . . . . . . . . Legal information. . . . . . . . . . . . . . . . . . . . . . . . Data sheet status . . . . . . . . . . . . . . . . . . . . . . . Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . . Trademarks. . . . . . . . . . . . . . . . . . . . . . . . . . . . Contact information. . . . . . . . . . . . . . . . . . . . . . Contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 1 1 1 1 2 2 2 3 4 4 6 6 7 8 8 8 8 8 8 9
Please be aware that important notices concerning this document and the product(s) described herein, have been included in section `Legal information'.
(c) NXP B.V. 2009.
All rights reserved.
For more information, please visit: http://www.nxp.com For sales office addresses, please send an email to: salesaddresses@nxp.com Date of release: 15 November 2009 Document identifier: PEMH17_PUMH17_3


▲Up To Search▲   

 
Price & Availability of PEMH17

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X