Part Number Hot Search : 
BA80JC5T PZTA14 ES18C28 RPH4NSC IDT7226 980NB AD7710 ST8024T
Product Description
Full Text Search
 

To Download NCS2200AMUT1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NCS2200 Series, NCS2200A Low Voltage Comparators
The NCS2200 Series is an industry first sub-one volt, low power comparator family. These devices consume only 10 mA of supply current. They are guaranteed to operate at a low voltage of 0.85 V which allows them to be used in systems that require less than 1.0 V and are fully operational up to 6.0 V which makes them convenient for use in both 3.0 V and 5.0 V systems. Additional features include no output phase inversion with overdriven inputs, internal hysteresis, which allows for clean output switching, and rail-to-rail input and output performance. The NCS2200 Series is available in the tiny SOT-23-5 package. There are four options featuring two industry standard pinouts. Additionally, the NCS2200 and NCS2202 are available in the SC70-5 package. The NCS2200 is also available in the tiny DFN 2x2.2 package. The NCS2200A is available in UDFN 1.2x1.0 package. (Table 1)
Features
1 6
http://onsemi.com
5 1
SOT-23-5 (TSOP-5) SN SUFFIX CASE 483
* * * * * * * * * * * * *
Operating Voltage of 0.85 V to 6.0 V Rail-to-Rail Input/Output Performance Low Supply Current of 10 mA No Phase Inversion with Overdriven Input Signals Glitchless Transitioning in or out of Tri-State Mode Complementary or Open Drain Output Configuration Internal Hysteresis Propagation Delay of 1.1 ms Pb-Free Packages are Available Single Cell NiCd/NiMH Battery Powered Applications Cellular Telephones Alarm and Security Systems Personal Digital Assistants
DFN 2x2.2 SQL SUFFIX CASE 488
5 1
SC70-5 SQ SUFFIX CASE 419A
Typical Applications
1
UDFN 1.2x1.0 MU SUFFIX CASE 517AA
ORDERING INFORMATION
See detailed ordering and shipping information in the package dimensions section on page 12 of this data sheet.
DEVICE MARKING INFORMATION
See general marking information in the device marking section on page 13 of this data sheet.
(c) Semiconductor Components Industries, LLC, 2010
August, 2010 - Rev. 10
1
Publication Order Number: NCS2200/D
NCS2200 Series, NCS2200A
Table 1. Comparator Selector Guide
Output Type Complementary Complementary Complementary Open Drain Open Drain Open Drain Open Drain Complementary Complementary Device NCS2200SN1T1 NCS2200SN2T1 NCS2200SQ2T2 NCS2202SN1T1 NCS2202SQ1T2 NCS2202SN2T1 NCS2202SQ2T2 NCS2200SQLT1 NCS2200AMUT1 Package SOT-23-5 SOT-23-5 SC70-5 SOT-23-5 SC70-5 SOT-23-5 SC70-5 DFN, 2x2.2 UDFN, 1.2x1.0 Pinout Style 1 2 2 1 1 2 2 N/A N/A
PIN CONNECTIONS
Output VCC Non-Inverting Input 1 2 3 +4 5 VEE Inverting Input Output VEE Non-Inverting Input 1 2 3 +4 5 VCC Inverting Input
Style 1 Pinout (SN1T1)
Style 2 Pinout (SN2T1, SQ2T2)
Figure 1. SOT-23-5 (NCS2200, NCS2202), SC70-5 (NCS2200, NCS2202)
VEE VCC IN-
1 2 3 Top View
6 5 4
VOUT VCC IN+
Figure 2. DFN 2x2.2 (NCS2200) UDFN 1.2x1.0 (NCS2200A)
http://onsemi.com
2
NCS2200 Series, NCS2200A
MAXIMUM RATINGS
Rating Supply Voltage Range (VCC to VEE) Non-inverting/Inverting Input to VEE Operating Junction Temperature Operating Ambient Temperature Storage Temperature Range Output Short Circuit Duration Time (Note 1) ESD Tolerance (Note 2) NCS2200 Human Body Model Machine Model NCS2202 Human Body Model Machine Model NCS2200A Human Body Model Machine Model Thermal Resistance, Junction-to-Ambient TSOP-5 DFN (Note 3) SC70-5 UDFN Symbol VS - TJ TA Tstg tS - 2000 200 1000 200 1900 200 RqJA 238 215 283 350 C/W Value 6.0 -0.2 to (VCC + 0.2) 150 -40 to +105 -65 to +150 Indefinite Unit V V C C C s V
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. 1. The maximum package power dissipation limit must not be exceeded. TJ(max) * TA PD + RqJA 2. ESD data available upon request. 3. For more information, refer to application note, AND8080/D.
http://onsemi.com
3
NCS2200 Series, NCS2200A
ELECTRICAL CHARACTERISTICS (For all values VCC = 0.85 V to 6.0 V, VEE = 0 V, TA = 25C, unless otherwise noted.) (Note 4)
NCS2200 Series Characteristics Input Hysteresis TA = 25C Input Offset Voltage VCC = 0.85 V TA = 25C TA = -40C to 105C VCC = 3.0 V TA = 25C TA = -40C to 105C VCC = 6.0 V TA = 25C TA = -40C to 105C Common Mode Voltage Range Output Leakage Current (NCS2202) VCC = 6.0 V Output Short-Circuit Sourcing or Sinking (Vout = GND) Common Mode Rejection Ratio VCM = VCC Input Bias Current Power Supply Rejection Ratio DVS = 2.575 V Supply Current VCC = 0.85 V TA = 25C TA = -40C to 105C VCC = 3.0 V TA = 25C TA = -40C to 105C VCC = 6.0 V TA = 25C TA = -40C to 105C Output Voltage High (NCS2200) VCC = 0.85 V, Isource = 0.5 mA TA = 25C TA = -40C to 105C VCC = 3.0 V, Isource = 3.0 mA TA = 25C TA = -40C to 105C VCC = 6.0 V, Isource = 5.0 mA TA = 25C TA = -40C to 105C Output Voltage Low VCC = 0.85 V, Isink = 0.5 mA TA = 25C TA = -40C to 105C VCC = 3.0 V, Isink = 3.0 mA TA = 25C TA = -40C to 105C VCC = 6.0 V, Isink = 5.0 mA TA = 25C TA = -40C to 105C Propagation Delay 20 mV Overdrive, CL = 15 pF Symbol VHYS VIO -10 -12 -6.0 -8.0 -5.0 -7.0 VCM ILEAK ISC CMRR IIB PSRR ICC - - 10 - 10 - 10 - 15 17 15 17 15 17 V VCC - 0.2 VCC - 0.225 VCC - 0.2 VCC - 0.25 VCC - 0.2 VCC - 0.25 VOL - - VEE + 0.10 - VEE + 0.12 - VEE + 0.12 - 0.7 1.1 20 16 35 VEE + 0.2 VEE + 0.225 VEE + 0.2 VEE + 0.25 VEE + 0.2 VEE + 0.25 - - - - - ms VCC - 0.10 - VCC - 0.12 - VCC - 0.12 - - - - - - 53 - 45 0.5 - 0.5 - 0.5 - VEE to VCC 3.3 70 65 1.0 55 +10 +12 +6.0 +8.0 +5.0 +7.0 - - - - - - V nA mA dB pA dB mA Min 2.0 Typ 8.0 Max 20 Unit mV mV
- VOH
- V
-
tPHL tPLH tFALL tRISE tPU
- - - - -
Output Fall Time VCC = 6.0 V, CL = 50 pF Output Rise Time VCC = 6.0 V, CL = 50 pF Powerup Time
ns ns ms
4. The limits over the extended temperature range are guaranteed by design only.
http://onsemi.com
4
NCS2200 Series, NCS2200A
ELECTRICAL CHARACTERISTICS (For all values VCC = 0.85 V to 6.0 V, VEE = 0 V, TA = 25C, unless otherwise noted.) (Note 5)
NCS2200A Characteristics Input Hysteresis TA = 25C Input Offset Voltage VCC = 0.85 V TA = 25C TA = -40C to 105C VCC = 3.0 V TA = 25C TA = -40C to 105C VCC = 6.0 V TA = 25C TA = -40C to 105C Common Mode Voltage Range Output Short-Circuit Sourcing or Sinking (Vout = GND) Common Mode Rejection Ratio VCM = VCC Input Bias Current Power Supply Rejection Ratio DVS = 2.575 V Supply Current VCC = 0.85 V TA = 25C TA = -40C to 105C VCC = 3.0 V TA = 25C TA = -40C to 105C VCC = 6.0 V TA = 25C TA = -40C to 105C Output Voltage High VCC = 0.85 V, Isource = 0.5 mA TA = 25C TA = -40C to 105C VCC = 3.0 V, Isource = 3.0 mA TA = 25C TA = -40C to 105C VCC = 6.0 V, Isource = 5.0 mA TA = 25C TA = -40C to 105C Output Voltage Low VCC = 0.85 V, Isink = 0.5 mA TA = 25C TA = -40C to 105C VCC = 3.0 V, Isink = 3.0 mA TA = 25C TA = -40C to 105C VCC = 6.0 V, Isink = 5.0 mA TA = 25C TA = -40C to 105C Propagation Delay 20 mV Overdrive, CL = 15 pF Symbol VHYS VIO -10 -12 -6.0 -8.0 -5.0 -7.0 VCM ISC CMRR IIB PSRR ICC - - 7.5 - 8.0 - 9.0 - 15 17 15 17 15 17 V VCC - 0.25 VCC - 0.275 VCC - 0.3 VCC - 0.35 VCC - 0.3 VCC - 0.35 VOL - - VEE + 0.10 - VEE + 0.12 - VEE + 0.12 - 0.5 0.5 20 16 VEE + 0.25 VEE + 0.275 VEE + 0.3 VEE + 0.35 VEE + 0.3 VEE + 0.35 - - - - ms VCC - 0.10 - VCC - 0.12 - VCC - 0.12 - - - - - 53 - 45 0.5 - 0.5 - 0.5 - VEE to VCC 60 70 1.0 80 +10 +12 +6.0 +8.0 +5.0 +7.0 - - - - - V mA dB pA dB mA Min 2.0 Typ 4.5 Max 20 Unit mV mV
- VOH
- V
-
tPHL tPLH tFALL tRISE
- - - -
Output Fall Time VCC = 6.0 V, CL = 50 pF (Note 6) Output Rise Time VCC = 6.0 V, CL = 50 pF (Note 6)
ns ns
5. The limits over the extended temperature range are guaranteed by design only. 6. Input signal: 1 kHz, squarewave signal with 10 ns edge rate.
http://onsemi.com
5
NCS2200 Series, NCS2200A
12 ICC, SUPPLY CURRENT (mA) 11 10 9.0 8.0 7.0 6.0 -50 VCC = 5.0 V 1000 ICC, SUPPLY CURRENT (mA)
TA = 25C
100
VCC = 5.0 V
10
VCC = 2.7 V
-25
0
25
50
75
100
1.0 0.01
0.1
1.0
10
100
300
TA, AMBIENT TEMPERATURE (C)
FREQUENCY (kHz)
Figure 1. NCS2200 Series Supply Current versus Temperature
Figure 2. NCS2200 Series Supply Current versus Output Transition Frequency
12 ICC, SUPPLY CURRENT (mA) 10 8.0 6.0 4.0 2.0 0 TA = 85C TA = 25C TA = -40C 0 1.0 2.0 3.0 4.0 5.0
1000 VCC - VOH, OUTPUT VOLTAGE HIGH STATE (mV)
VCC = 5.0 V TA = 25C
100
10
1.0
6.0
0.1 0.01
0.1
1.0
10
VCC, SUPPLY VOLTAGE (V)
Isource, OUTPUT SOURCE CURRENT (mA)
Figure 3. NCS2200 Series Supply Current versus Supply Voltage
VOL, OUTPUT VOLTAGE LOW STATE (mV) 1000 VCC = 5.0 V TA = 25C 100 VOL, OUTPUT VOLTAGE LOW STATE (mV) 160 140 120 100 80 60 40 20 0 -100
Figure 4. NCS2200 Output Voltage High State versus Output Source Current
VCC = 5.0 V ILOAD = 4.0 mA
10
1.0
0.1 0.01
0.1
1.0
10
-50
0
50
100
150
Isink, OUTPUT SINK CURRENT, (mA)
TA, AMBIENT TEMPERATURE (C)
Figure 5. NCS2200 Series Output Voltage Low State versus Output Sink Current http://onsemi.com
6
Figure 6. NCS2200 Series Output Voltage Low State versus Temperature
NCS2200 Series, NCS2200A
VOH, OUTPUT VOLTAGE HIGH STATE (mV) 4.95 4.94 4.93 4.92 4.91 4.90 4.89 4.88 -100 -50 0 50 100 150 1.0 PROPAGATION DELAY (ms) 0.8 0.6 0.4 0.2
VCC = 5.0 V ILOAD = 4.0 mA
tPLH
tPHL
0 -50
VCC = 5.0 V Input Overdrive = 50 mV -25 0 25 50 75 100
TA, AMBIENT TEMPERATURE (C)
TA, AMBIENT TEMPERATURE (C)
Figure 7. NCS2200 Series Output Voltage High State versus Temperature
Figure 8. NCS2200 Series Propagation Delay versus Temperature
700 OUTPUT RESPONSE TIME (ns) tLH PROPAGATION DELAY (ms) 600 500 400 300 200 100 0 0 TA = 25C Input Overdrive = 100 mV 1.0 2.0 3.0 4.0 5.0 6.0 tHL
1.2 1.0 0.8 0.6 tPLH 0.4 0.2 0 tPHL
VCC = 2.7 V TA = 25C
0
50
100
150
200
VCC, SUPPLY VOLTAGE (V)
INPUT OVERDRIVE (mV)
Figure 9. NCS2200 Series Output Response Time versus Supply Voltage
Figure 10. NCS2200 Series Propagation Delay versus Input Overdrive
0.8 PROPAGATION DELAY (ms) 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 0 50 100 150 200 tPHL tPLH VCC = 5.0 V TA = 25C VCC 2 V/Div Output Input Overdrive = 50 mV 10 ms/Div INPUT OVERDRIVE (mV)
Figure 11. NCS2200 Series Propagation Delay versus Input Overdrive
Figure 12. NCS2200 Series Powerup Delay
http://onsemi.com
7
NCS2200 Series, NCS2200A
VCM, INPUT COMMON MODE VOLTAGE RANGE (V)
ILEAK, OUTPUT LEAKAGE CURRENT (nA)
3.0 TA = 25C 2.0 1.0 0
180 160 140 120 100 80 60 40 20 0 0 1.0 TA = -40C 2.0 3.0 4.0 5.0 6.0 7.0 8.0 TA = 25C TA = 85C
-1.0 -2.0 -3.0 1.0
2.0
3.0
4.0
5.0
6.0
VS, SUPPLY VOLTAGE (V)
VOUT, OUTPUT VOLTAGE (V)
Figure 13. NCS2200 Series Input Common Mode Voltage Range versus Supply Voltage
Figure 14. NCS2202 Output Leakage Current versus Output Voltage
http://onsemi.com
8
NCS2200 Series, NCS2200A
OPERATING DESCRIPTION The NCS2200 Series is an industry first sub-one volt, low power comparator family. This series is designed for rail-to-rail input and output performance. These devices consume only 10 mA of supply current while achieving a typical propagation delay of 1.1 ms at a 20 mV input overdrive. Figures 10 and 11 show propagation delay with various input overdrives. This comparator family is guaranteed to operate at a low voltage of 0.85 V up to 6.0 V. This is accomplished by the use of a modified analog CMOS process that implements depletion MOSFET devices. The common-mode input voltage range extends 0.1 V beyond the upper and lower rail without phase inversion or other adverse effects. This series is available in the SOT-23-5
VCC
package. Additionally, the NCS2200 device is available in the tiny DFN 2x2.2 package and the SC70-5 package. NCS2200A is available in UDFN package.
Output Stage
The NCS2200 has a complementary P and N Channel output stage that has capability of driving a rail-to-rail output swing with a load ranging up to 5.0 mA. It is designed such that shoot-through current is minimized while switching. This feature eliminates the need for bypass capacitors under most circumstances. The NCS2202 has an open drain N-channel output stage that can be pulled up to 6.0 V (max) with an external resistor. This facilitates mixed voltage system applications.
VCC
IN (+) Output IN (-)
IN (+) Output IN (-)
VEE
VEE
Figure 15. NCS2200SNxT1/NCS2200A Complementary Output Configuration
Figure 16. NCS2202SNxT1 Open Drain Output Configuration
VCC
Rx
Cx
IN (-) NCS 2200 IN (+)
OUT R2
VO
R1
The oscillation frequency can be programmed as follows:
1 f+1+ T 2.2 RxCx Figure 17. Schmitt Trigger Oscillator
http://onsemi.com
9
NCS2200 Series, NCS2200A
VCC 1M R1 100 pF t0 R2 1M IN (-) NCS 2200 IN (+) VCC OUT C1 VO t0 t1 0
R3
The resistor divider R1 and R2 can be used to set the magnitude of the input pulse. The pulse width is set by adjusting C1 and R3.
Figure 18. One-Shot Multivibrator
http://onsemi.com
10
NCS2200 Series, NCS2200A
+5 V
+3 V 100 k R pullup +3 V Logic Output
100 k
IN (-) NCS 2202 IN (+)
OUT
+5 V Logic Input
This circuit converts 5 V logic to 3 V logic. Using the NCS2202/3 allows for full 5 V logic swing without creating overvoltage on the 3 V logic input.
Figure 19. Logic Level Translator
VCC
IN (-) NCS 2200 IN (+) 100 mV
OUT
Figure 20. Zero-Crossing Detector
http://onsemi.com
11
NCS2200 Series, NCS2200A
ORDERING INFORMATION
Device NCS2200AMUT1G NCS2200SN1T1 NCS2200SN1T1G NCS2200SN2T1 NCS2200SN2T1G NCS2200SQ2T2 NCS2200SQ2T2G NCS2200SQLT1 NCS2200SQLT1G NCS2202SN1T1 NCS2202SN1T1G NCS2202SQ1T2G NCS2202SN2T1 NCS2202SN2T1G NCS2202SQ2T2G Pinout Style N/A 1 1 2 2 2 2 N/A N/A 1 1 1 2 2 2 Output Type Complementary Complementary Complementary Complementary Complementary Complementary Complementary Complementary Complementary Open Drain Open Drain Open Drain Open Drain Open Drain Open Drain Package UDFN (Pb-Free) SOT-23-5 (TSOP-5) SOT-23-5 (TSOP-5) (Pb-Free) SOT-23-5 (TSOP-5) SOT-23-5 (TSOP-5) (Pb-Free) SC70-5 SC70-5 (Pb-Free) DFN, 2x2.2 DFN, 2x2.2 (Pb-Free) SOT-23-5 (TSOP-5) SOT-23-5 (TSOP-5) (Pb-Free) SC70-5 (Pb-Free) SOT-23-5 (TSOP-5) SOT-23-5 (TSOP-5) (Pb-Free) SC70-5 (Pb-Free) Shipping 3000 / Tape & Reel 3000 / Tape & Reel 3000 / Tape & Reel 3000 / Tape & Reel 3000 / Tape & Reel 3000 / Tape & Reel 3000 / Tape & Reel 3000 / Tape & Reel 3000 / Tape & Reel 3000 / Tape & Reel 3000 / Tape & Reel 3000 / Tape & Reel 3000 / Tape & Reel 3000 / Tape & Reel 3000 / Tape & Reel
This device contains 93 active transistors. For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D.
http://onsemi.com
12
NCS2200 Series, NCS2200A
MARKING DIAGRAMS
SOT-23-5 (TSOP-5) SN SUFFIX CASE 483 5 CAx AYWG G 1 x = I for NCS2200SN1T1 J for NCS2200SN2T1 M for NCS2202SN1T1 N for NCS2202SN2T1 A = Assembly Location Y = Year W = Work Week G = Pb-Free Package (Note: Microdot may be in either location) CBx x 1 = Specific Device Code = A for NCS2200SQ2T2 D for NCS2202SQ1T2G E for NCS2202SQ2T2G M = Date Code* G = Pb-Free Package (Note: Microdot may be in either location) *Date Code orientation, position, and underbar may vary depending upon manufacturing location. UDFN6 1.2x1.0 MU SUFFIX CASE 517AA SM G 5 CBx MG G SC70-5 SQ SUFFIX CASE 419A
DFN6 2x2.2 SQL SUFFIX CASE 488 1 CB MG G S M G
1
(Top View) CB = Specific Device Code M = Date Code* G = Pb-Free Package (Note: Microdot may be in either location) *Date Code overbar and underbar may vary depending upon manufacturing location. = Specific Device Code = Date Code = Pb-Free Package
http://onsemi.com
13
NCS2200 Series, NCS2200A
PACKAGE DIMENSIONS
SOT-23-5 / TSOP-5 / SC59-5 SN SUFFIX PLASTIC PACKAGE CASE 483-02 ISSUE H
NOTES: 1. DIMENSIONING AND TOLERANCING PER ASME Y14.5M, 1994. 2. CONTROLLING DIMENSION: MILLIMETERS. 3. MAXIMUM LEAD THICKNESS INCLUDES LEAD FINISH THICKNESS. MINIMUM LEAD THICKNESS IS THE MINIMUM THICKNESS OF BASE MATERIAL. 4. DIMENSIONS A AND B DO NOT INCLUDE MOLD FLASH, PROTRUSIONS, OR GATE BURRS. 5. OPTIONAL CONSTRUCTION: AN ADDITIONAL TRIMMED LEAD IS ALLOWED IN THIS LOCATION. TRIMMED LEAD NOT TO EXTEND MORE THAN 0.2 FROM BODY. DIM A B C D G H J K L M S MILLIMETERS MIN MAX 3.00 BSC 1.50 BSC 0.90 1.10 0.25 0.50 0.95 BSC 0.01 0.10 0.10 0.26 0.20 0.60 1.25 1.55 0_ 10 _ 2.50 3.00
NOTE 5 2X
D
5X
0.10 T 0.20 T L A
5 1 2 4 3
0.20 C A B M
2X
B
S K
DETAIL Z
G
DETAIL Z
C 0.05 H T
SEATING PLANE
J
SOLDERING FOOTPRINT*
0.95 0.037 1.9 0.074
2.4 0.094 1.0 0.039 0.7 0.028
mm inches
SCALE 10:1
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
http://onsemi.com
14
NCS2200 Series, NCS2200A
PACKAGE DIMENSIONS
DFN6, 2x2.2 SQL SUFFIX CASE 488-03 ISSUE G
D A B
NOTES: 1. DIMENSIONING AND TOLERANCING PER ASME Y14.5M, 1994. 2. CONTROLLING DIMENSION: MILLIMETERS. 3. DIMENSION b APPLIES TO PLATED TERMINAL AND IS MEASURED BETWEEN 0.25 AND 0.30mm FROM TERMINAL. 4. COPLANARITY APPLIES TO THE EXPOSED PAD AS WELL AS THE TERMINALS. 5. TERMINAL b MAY HAVE MOLD COMPOUND MATERIAL ALONG SIDE EDGE. 6. DETAILS A AND B SHOW OPTIONAL VIEWS FOR END OF TERMINAL LEAD AT EDGE OF PACKAGE AND SIDE EDGE OF PACKAGE. DIM A A1 A3 b b1 D D2 E e L L1 MIN 0.80 0.00 0.20 0.30 0.40 MILLIMETERS NOM MAX 0.90 1.00 0.03 0.05 0.20 REF 0.25 0.30 0.35 0.40 2.00 BSC 0.50 0.60 2.20 BSC 0.65 BSC 0.35 0.40 0.05 0.10
E
PIN ONE REFERENCE
2X
0.10 C
2X
0.10 C
0.10 C
6X
0.08 C SIDE VIEW B b1
1
0.10 C A 0.05 C
NOTE 3
6X
L BOTTOM VIEW
EDGE OF PACKAGE MOLD CMPD
L1 A1 DETAIL A Bottom View (Optional)
EE EE EE
III III III
6
TOP VIEW
DETAIL B
A3 A A1 C
SEATING PLANE
0.30 0.00
SOLDERING FOOTPRINT*
0.50 0.020 0.65 0.025
3
e
DETAIL A
D2
0.40 0.016 0.50 0.020 0.65 0.025
4
b
5X
1.9 0.075
0.10 C A 0.05 C
B
SCALE 10:1
NOTE 3
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
EXPOSED Cu
A3
DETAIL B Side View (Optional)
http://onsemi.com
15
NCS2200 Series, NCS2200A
PACKAGE DIMENSIONS
SC70-5/SC88A (SOT-353) SQ SUFFIX CASE 419A-02 ISSUE J
A G
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. 419A-01 OBSOLETE. NEW STANDARD 419A-02. 4. DIMENSIONS A AND B DO NOT INCLUDE MOLD FLASH, PROTRUSIONS, OR GATE BURRS. INCHES MIN MAX 0.071 0.087 0.045 0.053 0.031 0.043 0.004 0.012 0.026 BSC --0.004 0.004 0.010 0.004 0.012 0.008 REF 0.079 0.087 MILLIMETERS MIN MAX 1.80 2.20 1.15 1.35 0.80 1.10 0.10 0.30 0.65 BSC --0.10 0.10 0.25 0.10 0.30 0.20 REF 2.00 2.20
5
4
S
1 2 3
-B-
D 5 PL
0.2 (0.008)
M
B
M
N J C
DIM A B C D G H J K N S
H
K
SOLDERING FOOTPRINT*
0.50 0.0197
0.65 0.025 0.65 0.025
0.40 0.0157 1.9 0.0748
SCALE 20:1
mm inches
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
http://onsemi.com
16
NCS2200 Series, NCS2200A
PACKAGE DIMENSIONS
UDFN6, 1.2x1.0, 0.4P CASE 517AA-01 ISSUE C
EDGE OF PACKAGE NOTES: 1. DIMENSIONING AND TOLERANCING PER ASME Y14.5M, 1994. 2. CONTROLLING DIMENSION: MILLIMETERS. 3. DIMENSION b APPLIES TO PLATED TERMINAL AND IS MEASURED BETWEEN 0.25 AND 0.30 mm FROM TERMINAL. 4. COPLANARITY APPLIES TO THE EXPOSED PAD AS WELL AS THE TERMINALS. DIM A A1 A3 b D E e L L1 L2 MILLIMETERS MIN MAX 0.45 0.55 0.00 0.05 0.127 REF 0.15 0.25 1.20 BSC 1.00 BSC 0.40 BSC 0.30 0.40 0.00 0.15 0.40 0.50
D
A B L1
2X
0.10 C
2X
0.10 C
0.10 C
(A3) A
A1
10X
0.08 C
SIDE VIEW A1
5X 1 3
SEATING PLANE
C L
L2
6X
b 0.10 C A B 0.05 C
NOTE 3
6
4
e BOTTOM VIEW
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Europe, Middle East and Africa Technical Support: Phone: 421 33 790 2910 Japan Customer Focus Center Phone: 81-3-5773-3850 ON Semiconductor Website: www.onsemi.com Order Literature: http://www.onsemi.com/orderlit For additional information, please contact your local Sales Representative
http://onsemi.com
17
EEE EEE EEE
EE EE
PIN ONE REFERENCE
E
DETAIL A Bottom View (Optional)
EXPOSED Cu MOLD CMPD
TOP VIEW
A3
DETAIL B Side View (Optional)
MOUNTING FOOTPRINT*
0.42
6X
0.22
6X
0.40 PITCH
1.07
DIMENSIONS: MILLIMETERS
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
NCS2200/D


▲Up To Search▲   

 
Price & Availability of NCS2200AMUT1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X