Part Number Hot Search : 
S0150 5N50N 20020 HC08D 74466300 20020 1SMB60A 20020
Product Description
Full Text Search
 

To Download MMBT5550LT1G10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MMBT5550LT1G, MMBT5551LT1G High Voltage Transistors
NPN Silicon
Features http://onsemi.com
COLLECTOR 3 1 BASE 2 EMITTER
* These Devices are Pb-Free, Halogen Free/BFR Free and are RoHS
Compliant
MAXIMUM RATINGS
Rating Collector -Emitter Voltage MMBT5550 MMBT5551 MMBT5550 MMBT5551 Symbol VCEO Value 140 160 160 180 6.0 600 > 8000 > 400 Unit Vdc
Collector -Base Voltage
VCBO
Vdc 1 2
3
MARKING DIAGRAM
Emitter -Base Voltage Collector Current - Continuous Electrostatic Discharge Human Body Model Machine Model
VEBO IC ESD
Vdc mAdc V
SOT-23 (TO-236) CASE 318 STYLE 6
x1x M G G 1
THERMAL CHARACTERISTICS
Characteristic Total Device Dissipation FR- 5 Board (Note 1) @TA = 25C Derate Above 25C Thermal Resistance, Junction-to-Ambient Total Device Dissipation Alumina Substrate (Note 2) @TA = 25C Derate Above 25C Thermal Resistance, Junction-to-Ambient Junction and Storage Temperature Symbol PD Max 225 1.8 556 300 2.4 417 -55 to +150 Unit mW mW/C C/W mW mW/C C/W C
RqJA PD
x1x = Device Code M1F = MMBT5550LT G1 = MMBT5551LT M = Date Code* G = Pb-Free Package (Note: Microdot may be in either location) *Date Code orientation and/or overbar may vary depending upon manufacturing location.
RqJA TJ, Tstg
ORDERING INFORMATION
Device MMBT5550LT1G MMBT5551LT1G MMBT5551LT3G Package Shipping SOT-23 3,000 / Tape & Reel (Pb-Free) SOT-23 3,000 / Tape & Reel (Pb-Free) SOT-23 10,000/Tape & Reel (Pb-Free)
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. 1. FR-5 = 1.0 0.75 0.062 in. 2. Alumina = 0.4 0.3 0.024 in. 99.5% alumina.
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D.
(c) Semiconductor Components Industries, LLC, 2010
September, 2010 - Rev. 9
1
Publication Order Number: MMBT5550LT1/D
MMBT5550LT1G, MMBT5551LT1G
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted)
Characteristic OFF CHARACTERISTICS Collector -Emitter Breakdown Voltage (Note 3) (IC = 1.0 mAdc, IB = 0) Collector -Base Breakdown Voltage (IC = 100 mAdc, IE = 0) Emitter -Base Breakdown Voltage (IE = 10 mAdc, IC = 0) Collector Cutoff Current (VCB = 100 Vdc, IE = 0) (VCB = 120 Vdc, IE = 0) (VCB = 100 Vdc, IE = 0, TA = 100C) (VCB = 120 Vdc, IE = 0, TA = 100C) Emitter Cutoff Current (VEB = 4.0 Vdc, IC = 0) ON CHARACTERISTICS DC Current Gain (IC = 1.0 mAdc, VCE = 5.0 Vdc) (IC = 10 mAdc, VCE = 5.0 Vdc) (IC = 50 mAdc, VCE = 5.0 Vdc) Collector -Emitter Saturation Voltage (IC = 10 mAdc, IB = 1.0 mAdc) (IC = 50 mAdc, IB = 5.0 mAdc) Base -Emitter Saturation Voltage (IC = 10 mAdc, IB = 1.0 mAdc) (IC = 50 mAdc, IB = 5.0 mAdc) Collector Emitter Cut-off (VCB = 10 V) (VCB = 75 V) 3. Pulse Test: Pulse Width = 300 ms, Duty Cycle = 2.0%. MMBT5550 MMBT5551 MMBT5550 MMBT5551 MMBT5550 MMBT5551 Both Types MMBT5550 MMBT5551 Both Types MMBT5550 MMBT5551 Both Types hFE 60 80 60 80 20 30 - - - - - - - - - - 250 250 - - 0.15 0.25 0.20 1.0 1.2 1.0 50 100 - MMBT5550 MMBT5551 MMBT5550 MMBT5551 MMBT5550 MMBT5551 MMBT5550 MMBT5551 V(BR)CEO 140 160 160 180 6.0 - - - - - - - - - - 100 50 100 50 50 Vdc Symbol Min Max Unit
V(BR)CBO
Vdc
V(BR)EBO ICBO
Vdc
nAdc mAdc nAdc
IEBO
VCE(sat)
Vdc
VBE(sat)
Vdc
ICES
nA
http://onsemi.com
2
MMBT5550LT1G, MMBT5551LT1G
500 300 200 h FE, DC CURRENT GAIN 100 - 55C 50 30 20 10 7.0 5.0 0.1 TJ = 125C 25C VCE = 1.0 V VCE = 5.0 V
0.2
0.3
0.5
0.7
1.0
3.0 2.0 5.0 7.0 IC, COLLECTOR CURRENT (mA)
10
20
30
50
70
100
Figure 1. DC Current Gain
VCE , COLLECTOR-EMITTER VOLTAGE (VOLTS)
1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 0.005 0.01 0.02 0.05 0.1 0.2 0.5 1.0 IB, BASE CURRENT (mA) 2.0 5.0 10 20 50 IC = 1.0 mA 10 mA 30 mA 100 mA
Figure 2. Collector Saturation Region
101 VCE = 30 V IC, COLLECTOR CURRENT ( A) 100 10-1 10-2 10-3 10-4 10-5 0.4 TJ = 125C VCE(sat), Coll-Emitt Saturation Voltage (V)
0.30 IC/IB = 10 0.25 150C 0.20 0.15 25C 0.10 -55C 0.05 0 0.0001
IC = ICES
75C REVERSE 25C FORWARD
0.3
0.2 0.1 0 0.1 0.2 0.3 0.4 VBE, BASE-EMITTER VOLTAGE (VOLTS)
0.5
0.6
0.001 0.01 IC, COLLECTOR CURRENT (A)
0.1
Figure 3. Collector Cut-Off Region
Figure 4. VCE(sat)
http://onsemi.com
3
MMBT5550LT1G, MMBT5551LT1G
1.10 VBE(sat), Base-Emitt Saturation Voltage (V) 1.00 0.90 0.80 0.70 0.60 0.50 0.40 0.30 0.20 0.0001 0.001 0.01 IC, COLLECTOR CURRENT (A) 0.1 150C 25C IC/IB = 10 -55C VBE(on), Base-Emitter Voltage (V) 1.10 1.00 0.90 0.80 0.70 0.60 0.50 0.40 0.30 0.20 0.0001 0.001 0.01 IC, COLLECTOR CURRENT (A) 0.1 150C 25C VCE = 10 V -55C
Figure 5. VBE(sat)
2.5 V, TEMPERATURE COEFFICIENT (mV/ C) 2.0 1.5 C, CAPACITANCE (pF) 1.0 0.5 0 - 0.5 - 1.0 - 1.5 - 2.0 - 2.5 0.1 0.2 0.3 0.5 1.0 2.0 3.0 5.0 10 20 30 IC, COLLECTOR CURRENT (mA) 50 100 qVB for VBE(sat) qVC for VCE(sat) TJ = - 55C to +135C 100 70 50 30 20 10 7.0 5.0 3.0 2.0 1.0 0.2
Figure 6. VBE(on)
TJ = 25C
Cibo Cobo
0.3
0.5 0.7 1.0
2.0
3.0
5.0 7.0
10
20
VR, REVERSE VOLTAGE (VOLTS)
Figure 7. Temperature Coefficients
Figure 8. Capacitances
10.2 V Vin 10 ms INPUT PULSE tr, tf 10 ns DUTY CYCLE = 1.0%
VBB - 8.8 V 100 0.25 mF RB 5.1 k Vin 100 1N914
VCC 30 V 3.0 k RC Vout
Values Shown are for IC @ 10 mA
Figure 9. Switching Time Test Circuit
http://onsemi.com
4
MMBT5550LT1G, MMBT5551LT1G
1000 fT, Current Gain Bandwidth Product (Mhz) IC, COLLECTOR CURRENT (A) VCE = 1 V TA = 25C 100 1
10 mS 0.1 1.0 S 0.01
10
1 0.1
100 1.0 10 IC, COLLECTOR CURRENT (mA)
1000
0.001 1.0
100 10 VCE, COLLECTOR EMITTER VOLTAGE (V)
1000
Figure 10. Current Gain Bandwidth Product
100 70 50 30 C, CAPACITANCE (pF) t, TIME (ns) 20 10 7.0 5.0 3.0 2.0 1.0 0.2 Cibo Cobo 1000 TJ = 25C 500 300 200 100 50 30 20 10 0.2 0.3 0.5
Figure 11. Safe Operating Area
IC/IB = 10 TJ = 25C tr @ VCC = 120 V tr @ VCC = 30 V
td @ VEB(off) = 1.0 V VCC = 120 V
0.3
0.5 0.7 1.0
2.0
3.0
5.0 7.0
10
20
1.0
VR, REVERSE VOLTAGE (VOLTS)
20 30 2.0 3.0 5.0 10 IC, COLLECTOR CURRENT (mA)
50
100
200
Figure 12. Capacitances
Figure 13. Turn-On Time
http://onsemi.com
5
MMBT5550LT1G, MMBT5551LT1G
PACKAGE DIMENSIONS
SOT-23 (TO-236) CASE 318-08 ISSUE AN
D
SEE VIEW C 3 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. MAXIMUM LEAD THICKNESS INCLUDES LEAD FINISH THICKNESS. MINIMUM LEAD THICKNESS IS THE MINIMUM THICKNESS OF BASE MATERIAL. 4. 318-01 THRU -07 AND -09 OBSOLETE, NEW STANDARD 318-08. MILLIMETERS NOM MAX 1.00 1.11 0.06 0.10 0.44 0.50 0.13 0.18 2.90 3.04 1.30 1.40 1.90 2.04 0.20 0.30 0.54 0.69 2.40 2.64 INCHES NOM 0.040 0.002 0.018 0.005 0.114 0.051 0.075 0.008 0.021 0.094
E
1 2
HE c e b q 0.25
A A1 L L1 VIEW C
DIM A A1 b c D E e L L1 HE
MIN 0.89 0.01 0.37 0.09 2.80 1.20 1.78 0.10 0.35 2.10
MIN 0.035 0.001 0.015 0.003 0.110 0.047 0.070 0.004 0.014 0.083
MAX 0.044 0.004 0.020 0.007 0.120 0.055 0.081 0.012 0.029 0.104
STYLE 6: PIN 1. BASE 2. EMITTER 3. COLLECTOR
SOLDERING FOOTPRINT*
0.95 0.037 0.95 0.037
2.0 0.079 0.9 0.035
SCALE 10:1
0.8 0.031
mm inches
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Europe, Middle East and Africa Technical Support: Phone: 421 33 790 2910 Japan Customer Focus Center Phone: 81-3-5773-3850 ON Semiconductor Website: www.onsemi.com Order Literature: http://www.onsemi.com/orderlit For additional information, please contact your local Sales Representative
http://onsemi.com
6
MMBT5550LT1/D


▲Up To Search▲   

 
Price & Availability of MMBT5550LT1G10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X