Part Number Hot Search : 
FS782 KBP02M TPD7203F 1106A VP0350 2SD2118S SP8J4 SMCJ75
Product Description
Full Text Search
 

To Download MM1Z2V0B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Certificate TH97/10561QM
Certificate TW00/17276EM
MM1Z2V0B - MM1Z39B
VZ : 2.0 to 39 V PD : 500 mW
FEATURES :
* Total Power Dissipation 500 mW * Small Plastic Package suitable for surface mounted design * Tolerance approximately 2% * Wide Zener Reverse Voltage Range 2.0 V to 39 V * Pb / RoHS Free
ZENER DIODES SOD-123
2.7 2.6 0.6 0.5 1.65 1.55 3.9 3.7
Dimensions in millimeters
MECHANICAL DATA :
* Case : SOD-123 * Weight : 0.01 gram (approximately)
Maximum Ratings and Thermal Characteristics
Rating at 25 C ambient temperature unless otherwise specified.
Parameter
Total Power Dissipation Maximum Forward Voltage at IF = 10 mA Thermal Resistance Junction to Ambient Air Junction Temperature Range Storage Temperature Range
Symbol
Ptot VF RJA TJ TSTG
Value
500 0.9 0.3 150 -55 to + 150
0.135 0.127
1.15 1.05
Unit
mW V K/mW C C
Page 1 of 2
Rev. 01 : August 20, 2007
Certificate TH97/10561QM
Certificate TW00/17276EM
ELECTRICAL CHARACTERISTICS
Zener Voltage (1) TYPE NO. Marking VZ @ I ZT Min. MM1Z2V0B MM1Z2V2B MM1Z2V4B MM1Z2V7B MM1Z3V0B MM1Z3V3B MM1Z3V6B MM1Z3V9B MM1Z4V3B MM1Z4V7B MM1Z5V1B MM1Z5V6B MM1Z6V2B MM1Z6V8B MM1Z7V5B MM1Z8V2B MM1Z9V1B MM1Z10B MM1Z11B MM1Z12B MM1Z13B MM1Z15B MM1Z16B MM1Z18B MM1Z20B MM1Z22B MM1Z24B MM1Z27B MM1Z30B MM1Z33B MM1Z36B MM1Z39B Notes : (1) VZ is tested with pulses (20ms). (2) VZ is measured at I Z by given a very small A.C. current signal. 9A 9B 9C 9D 9E 9F 9H 9J 9K 9M 9N 9P 9R 9X 9Y 9Z 0A 0B 0C 0D 0E 0F 0H 0J 0K 0M 0N 0P 0R 0X 0Y 0Z 1.85 2.10 2.30 2.65 2.95 3.25 3.60 3.89 4.17 4.55 4.95 5.45 6.00 6.65 7.28 8.02 8.80 9.75 10.70 11.70 12.43 13.80 15.31 16.89 18.80 20.81 22.86 25.10 28.00 31.00 34.00 37.00 Nom. 2.0 2.2 2.4 2.7 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 (V) Max. 2.20 2.40 2.65 2.95 3.25 3.55 3.845 4.16 4.43 4.80 5.20 5.73 6.33 7.00 7.70 8.45 9.30 10.30 11.28 12.30 14.00 15.56 17.14 19.08 21.14 23.25 25.66 28.90 32.00 35.00 38.00 41.00 Test Current IZT (mA) 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 Dynamic Impedance ZZT () 100 100 100 110 120 130 130 130 130 130 130 80 50 30 30 30 30 30 30 35 35 40 40 45 50 55 60 70 80 80 90 100 @ I ZT (mA) 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 2 2 2 2 2
(2)
Max. Reverse Leakage Current IR (A) 120 120 120 120 50 20 10 5 5 2 2 1 1 0.5 0.5 0.5 0.5 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 2.0 @ VR (V) 0.5 0.7 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.5 2.5 3.0 3.5 4.0 5.0 6.0 7.0 8.0 9.0 10 11 12 13 15 17 19 21 23 25 27 30
Temp. Coefficient of Zener Voltage TKVZ (%/K) Min. -0.09 -0.09 -0.09 -0.09 -0.08 -0.08 -0.08 -0.08 -0.06 -0.05 -0.02 -0.05 0.03 0.03 0.03 0.03 0.03 0.03 0.03 0.03 0.03 0.03 0.03 0.03 0.03 0.04 0.04 0.04 0.04 0.04 0.04 0.04 Max. -0.06 -0.06 -0.06 -0.06 -0.05 -0.05 -0.05 -0.05 -0.03 +0.02 +0.02 +0.05 0.06 0.07 0.07 0.08 0.09 0.10 0.11 0.11 0.11 0.11 0.11 0.11 0.11 0.12 0.12 0.12 0.12 0.12 0.12 0.12
Page 2 of 2
Rev. 01 : August 20, 2007


▲Up To Search▲   

 
Price & Availability of MM1Z2V0B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X