Part Number Hot Search : 
TFMCJ15A THD4344 2SC54 NTD30 AD5302 8242AH SD1040 C3506
Product Description
Full Text Search
 

To Download MBR650FCT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MBR640FCT~MBR6200FCT
SCHOTTKY BARRIER RECTIFIERS VOLTAGE
FEATURES
* Plastic package has Underwriters Laboratory Flammability Classification 94V-O utilizing Flame Retardant Epoxy Molding Compound. * Exceeds environmental standards of MIL-S-19500/228 * Low power loss, high efficiency. * Low forwrd voltge, high current capability * High surge capacity. * For use in low voltage,high frequency inverters free wheeling , and polarlity protection applications. * In compliance with EU RoHS 2002/95/EC directives
40 to 200 Volts
CURRENT
6.0 Ampers
PRELIMINARY
MECHANICALDATA
* Case: ITO-220AB full molded plastic package * Terminals: Lead solderable per MIL-STD-750, Method 2026 * Polarity: As marked. * Mounting Position: Any * Weight: 0.055 ounces, 1.5615 grams.
.027(.67) .022(.57)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified. Resistive or inductive load.
PA RA M E TE R M a xi m um R e c ur r e nt P e a k R e ve r s e V o l t a g e M a xi m um R M S V o l t a g e M a xi m um D C B l o c k i ng V o l t a g e M a xi m um A ve r a g e F o r w a r d C ur r e nt ( S e e F i g ur e 1 ) P e a k F o r w a r d S ur g e C ur r e nt : 8 . 3 m s s i ng l e ha l f s i ne - w a ve s up e r i m p o s e d o n r a t e d l o a d ( J E D E C m e t ho d ) M a xi m um F o r w a r d V o l t a g e a t 3 . 0 A p e r l e g M a xi m um D C R e ve r s e C ur r e nt TJ = 2 5 O C a t R a t e d D C B l o c k i ng Vo l t a g e TJ = 1 0 0 O C Ty p i c a l T h e r m a l R e s i s t a n c e O p e r a t i n g J u n c t i o n a n d S t o r a g e Te m p e r a t u r e R a n g e
S YM B O L V RRM V RMS V DC IF ( A V ) IF S M VF IR R J C T J , T S TG
MB R6 4 0 F C T MB R6 4 5 F C T MB R6 5 0 F C T MB R6 6 0 F C T MB R6 8 0 F C T MB R6 9 0 F C T MB R6 1 0 0 F C T MB R6 1 5 0 F C T MB R6 2 0 0 F C T
U N IT S V V V A A
40 28 40
45 31.5 45
50 35 50
60 42 60
80 56 80 6 .0 75
90 63 90
100 70 100
150 105 150
200 140 200
0 .7 0
0 .7 5 0 .0 5 20 3
0 .8 0
0 .9 0
V mA
O
C/W
O
-5 5 to +1 5 0
-6 5 to +1 7 5
C
NOTES : Both Bonding and Chip structure are available.
STAD-APR.30.2009
PAGE . 1
MBR640FCT~MBR6200FCT
RATING AND CHARACTERISTIC CURVES
10.0 8.0 6.0 4.0 2..0 0
= 40V = 45-200V
0
20
40
60
80
100
120
140
160
180
CASE TEMPERATURE, OC
PEAK FORWARD SURGE CURRENT , AMPERES
AVERAGE FORWARD RECTIFIED CURRENT AMPERES
INSTANTANEOUS REVERSE CURRENT, mA
FORWARD CURRENT, AMPERES
PRELIMINARY
NO. OF CYCLE AT 60Hz
Fig.1- FORWARD CURRENT DERATING CURVE
10
Fig.2- MAXIMUM NON - REPETITIVE SURGE CURRENT
10.00
40-45V
1.0
T J =100 C
O
80-100V
50-60V 150-200V
1.00
T J = 75 O C
0.1
T J = 25 O C
.01
.001
0.10
0
20
40
60
80
100 120
140
0.40
0.60
0.80
1.00
1.20
PERCENT OF INSTANTANEOUS REVERSE VOLTAGE,(%)
FORWARD VOLTAGE, VOLTS
Fig.3- TYPICAL REVERSE CHARACTERISTIC
Fig.4- TYPICAL INSTANTANEOUS FORWARD CHARACTERISTIC
STAD-APR.30.2009
PAGE . 2


▲Up To Search▲   

 
Price & Availability of MBR650FCT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X