Part Number Hot Search : 
5A102 HCT40 T3906 XCF01S09 1013N GAL22V 2SA812 KSD288Y
Product Description
Full Text Search
 

To Download MBR1200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MBR140~MBR1200
SCHOTTKY BARRIER RECTIFIERS VOLTAGE
FEATURES
* Plastic package has Underwriters Laboratory
1.0(25.4)MIN.
40 to 200 Volts
CURRENT
1.0 Amperes
DO-41
Unit: inch(mm)
Flammability Classification 94V-O utilizing Flame Retardant Epoxy Molding Compound. * Exceeds environmental standards of MIL-S-19500/228 * For use in low voltage,high frequency inverters ,free wheeling , and polarity protection applications .
.034(.86) .028(.71)
PRELIMINARY
MECHANICALDATA
* Case: DO-41 Molded plastic
1.0(25.4)MIN.
.107(2.7) .080(2.0)
* Terminals: Axial leads, solderable per MIL-STD-750,Method 2026 * Polarity: Color band denotes cathode * Mounting Position: Any * Weight: 0.0118 ounces, 0.336 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
PARAMETER Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current .375"(9.5mm) lead length ( S e e F i g u r e 1 ) Peak Forward Surge Current : 8.3ms single half sine-wave superimposed on rated load(JEDEC method) Maximum Forward Voltage at 1.0A Maximum DC Reverse Current TJ=25OC at Rated DC Blocking Voltage TJ=100OC Typical Thermal Resistance Operating Junction and Storage Temperature Rang
SYMBOL VRRM VRMS VDC IF(AV) IFSM VF IR RJA TJ,TSTG
.205(5.2) .160(4.1)
* In compliance with EU RoHS 2002/95/EC directives
MBR140
MBR145 MBR150 MBR160 MBR180 MBR190 MBR1100 MBR1150 MBR1200
UNITS V V V A A
40 28 40
45 31.5 45
50 35 50
60 42 60
80 56 80 1.0 30
90 63 90
100 70 100
150 105 150
200 140 200
0.7
0.74 0.05 10 50
0.8
0.9
V mA
O
C/W
O
-55 to +150
-65 to +175
C
STAD-DEC.24.2007
PAGE . 1
MBR140~MBR1200
RATING AND CHARACTERISTIC CURVES
AVERAGE FORWARD RECTIFIED CURRENT AMPERES
= 40V = 45-200V
PEAK FORWARD SURGE CURRENT, AMPERES
1.0
30 25 20 15 10 5 0 1 10
NO. OF CYCLE AT 60Hz
.75
.50
SINGLEPHASEHALFWAVE60Hz RESISTIVEORINDUCTIVELOAD P .C.B MOUNTED ON 0.2 X 0.2"( 5.0 X 5. 0mm) COPPERPADAREAS
REVERSE CURRENT ,m mA
10
3
FORWARD CURRENT, AMPERES
PRELIMINARY
.25
0
0
25
50
75
100
125
o
150
175
100
LEAD TEMPERATURE, C
Fig.1-FORWARD CURRENT DERATING CURVE
Fig.2- MAXIMUM NON-REPETITIVEPEAKFORWARD SURGE CURRENT
10 5
10
40-45 V
10
4
T J =125 C
O
1.0
80-100V
50-60V
10
2
T J =75 C 10
1
O
1 5 0- 200V
0.1
TA = 25 C
O
10
0
10
-1
T J =25 C 10
-2
O
V RRM =40-60V V RRM =80-200V
20
40
60
80
100
0.01 0.2
0.4
0.6
0.8
1.0
1.2
PERCENT OF RATED PEAK REVERSE VOLTAGE ,%
FORWARD VOLTAGE, VOLTS
Fig.3-TYPICAL REVERSE CHARACTERISTIC
Fig.4-TYPICAL INSTANTANEOUS FORWARD CHARACTERISTIC
STAD-DEC.24.2007
PAGE . 2


▲Up To Search▲   

 
Price & Availability of MBR1200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X