Part Number Hot Search : 
TQP9218 SCDAR1F HT66F018 ICM7562 KA2195D 2N1373 TDA2030 1M350A
Product Description
Full Text Search
 

To Download INC6001AC1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TENTATIVE
This is not a final specification. Some parameters are subject to change.
SMALL-SIGNAL TRANSISTOR
INC6001AC1
FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE (mini type) OUTLINE DRAWING
2.5 0.5 1.5 0.5
DESCRIPTION
INC6001AC1 is a super mini package resin sealed silicon NPN epitaxial transistor, It is designed for low frequency voltage application. .
Unit
0.95
2.9 1.90
FEATURE
Super mini package for easy mounting Small collector to emitter saturation voltage High collector current High voltage IC=1A VCE(sat)=0.5V

VCEO=100V 1.1 0.16
0.8
0.95
APPLICATION
For DC/DC converter , power supply etc.
JEITASC-59 TERMINAL CONNECTER BASE
Ratings 120 6 100 1 200 150 -55150 Unit V V V A mW
MAXIMUM RATINGSTa=25
Symbol VCBO VEBO VCEO IC PC Tj Tstg Parameter Collector to Base voltage Emitter to Base voltage Collector to Emitter voltage Collector current Collector dissipation Junction temperature Storage temperature
EMITTER COLLECTOR
ELECTRICAL CHARACTERISTICSTa=25
Parameter C to B break down voltage E to B break down voltage C to E break down voltage Collector cut off current Emitter cut off current DC forward current gain C to E Saturation Voltage Gain bandwidth product Collector output capacitance Symbol V(BR)CBO V(BR)EBO V(BR)CEO ICBO IEBO hFE VCE(sat) fT Cob I C=10A , I E=0 I E=10A , I C=0 I C=1mA ,R V V V
CB BE
00.1
Test conditions
0.4 Limits Min 120 6 100 100 Typ 270 5 Max 500 500 300 0.5 V MHz pF
Unit V V V nA nA
=
=120V, I E=0mA
EB=6V, I C=0mA CE
=2V, I C=150mA =10V, I E=-50mA =10V, I E=0mA,f=1MHz
I C=500mA ,IB=50mA V V
CE
CB
ISAHAYA ELECTRONICS CORPORATION
TENTATIVE
This is not a final specification. Some parameters are subject to change.
SMALL-SIGNAL TRANSISTOR
INC6001AC1
FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE (mini type)
Collector dissipation-AMBIENT TEMPERATURE 500 Collector dissipationPc(mW) 0.6
Pcmax=0.2W
COMMON EMITTER OUTPUT
Ta=25 3.5mA 3.0mA 2.5mA
Collector current IC (A)
400
0.4
2.0mA 1.5mA 1.0mA
300
200
0.2
100
IB=0.5mA
0 0 40 80 120 160 200 AMBIENT TEMPERATURETa()
0 0 1 2 3 4 5 COLLECTOR TO EMITTER VOLTAGE VCE (V)
COMMON EMITTER TRANSFER 10
VCE=2V
DC forward current gain VS. Collector current 1000
75 VCE=2V
Collector current IC (A)
1
0.1
Ta=-40
DC forward current gain hFE
100
Ta=-40 25
0.01
25
0.001
75
0.0001 0 0.2 0.4 0.6 0.8 1 1.2 BASE TO EMITTER VOLTAGE VBE (V)
10 0.0001
0.001
0.01
0.1
1
10
Collector current IC (A)
1000
COLLECTOR TO EMITTER SATURATION VOLTAGE VCE(sat) (mV)
COLLECTOR TO EMITTER SATURATION VOLTAGE VS.COLLECTOR CURRENT
IC/IB=10
10
BASE TO EMITTER SATURATION VOLTAGE VBE(sat) (V)
BASE TO EMITTER SATURATION VOLTAGE VS. COLLECTOR CURRENT
IC/IB=10
100
75 25
1
Ta=-40
25
75
Ta=-40
10 0.0001
0.001
0.01
0.1
1
10
0.1 0.0001
0.001
0.01
0.1
1
10
Collector current IC (A)
Collector current IC (A)
ISAHAYA ELECTRONICS CORPORATION
TENTATIVE
This is not a final specification. Some parameters are subject to change.
SMALL-SIGNAL TRANSISTOR
INC6001AC1
FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE (mini type)
GAIN BAND WIDTH PRODUCT VS. EMITTER CURRENT 1000 COLLECTOR OUTPUT CAPACITANCE Cob (pF)
Ta=25 VCE=10V
COLLECTOR OUTPUT CAPACITANCE VS. COLLECTOR TO BASE VOLTAGE 100
Ta=25 IE=0mA f=1MHz
GAIN BAND WIDTH PRODUCT T (MH)
100
10
10
1
1 -1 -10 -100 -1000 EMITTER CURRENTIE (A)
Ta=25 single pulse
0.1 0.1 1 10 100 COLLECTOR TO BASE VOLTAGE VCB (V)
ASO
10 ICMmax=2A((less than 100msec Collector current IC (A) 1 ICmax=1A
PW=1msec 10msec DC operation (200mW) 100msec 1sec
0.1
0.01
VCEmax=100V 0.001 0.01 0.1 1 10 100 1000
COLLECTOR TO EMITTER VOLTAGE VCE (V)
ISAHAYA ELECTRONICS CORPORATION
Marketing division, Marketing planning department
6-41 Tsukuba, Isahaya, Nagasaki, 854-0065 Japan
Keep safety first in your circuit designs! *ISAHAYA Electronics Corporation puts the maximum effort into making semiconductor products better and more reliable, but there is always the possibility that trouble may occur with them. Trouble with semiconductors may lead to personal injury, fire or property damage. Remember to give due consideration to safety when making your circuit designs, with appropriate measures such as (1) placement of substitutive, auxiliary, (2) use of non-farmable material or (3) prevention against any malfunction or mishap. Notes regarding these materials *These materials are intended as a reference to our customers in the selection of the ISAHAYA products best suited to the customer's application; they don't convey any license under any intellectual property rights, or any other rights, belonging ISAHAYA or third party. *ISAHAYA Electronics Corporation assumes no responsibility for any damage, or infringement of any third party's rights , originating in the use of any product data, diagrams, charts or circuit application examples contained in these materials. *All information contained in these materials, including product data, diagrams and charts, represent information on products at the time of publication of these materials, and are subject to change by ISAHAYA Electronics Corporation without notice due to product improvements or other reasons. It is therefore recommended that customers contact ISAHAYA Electronics Corporation or an authorized ISAHAYA products distributor for the latest product information before purchasing product listed herein. *ISAHAYA Electronics Corporation products are not designed or manufactured for use in a device or system that is used under circumstances in which human life is potentially at stake. Please contact ISAHAYA electronics corporation or an authorized ISAHAYA products distributor when considering the use of a product contained herein for any specific purposes , such as apparatus or systems for transportation, vehicular, medical, aerospace, nuclear, or undersea repeater use. *The prior written approval of ISAHAYA Electronics Corporation is necessary to reprint or reproduce in whole or in part these materials. *If these products or technologies are subject to the Japanese export control restrictions, they must be exported under a license from the Japanese government and cannot be imported into a country other than the approved destination. Any diversion or re-export contrary to t e export control laws and regulations of Japan and/or the country of destination is h prohibited. *Please contact ISAHAYA Electronics Corporation or authorized ISAHAYA products distributor for further details on these materials or the products contained therein.
Feb.2009


▲Up To Search▲   

 
Price & Availability of INC6001AC1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X