Part Number Hot Search : 
BDB107 RM200 001456 BU2532AL HIN231 M1688 20B5T R5005CNJ
Product Description
Full Text Search
 

To Download FYL-5013IRBT1C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LED LAMP
FYLFYL-5013IRBT1C
Features:
Single color High Power output Low power consumption High reliability and long life. General purpose leads RoHs complant.
Package configuration
5.0(.197) 4.98(.196)
Descriptions:
Dice material: AlGaAs Emitting Color: Infrared Device Outline: 5mm Round Type. Lens Type: Deep blue
7.7(.3) Max1.0(.04) 0.5(.02) 2.54(.1) 1.0(.04) 25.4(1.0)
1.0(.04)
Radiation pattern.
Relative
Lumionous Intensity
LOP @max=1)
All dimensions are millimeters (inches) Tolerance is 0.25mm(.010") unless otherwise noted. Test Condition MAX. Unit
ratings(Ta=25 Absolute maximun ratings(Ta=25)
Parameter
Power Dissipation Forward Current Reverse Voltage Operating Temperature Range Storage Temperature Range Lead Soldering Temperature[4mm(.157") From
Symb
pd
IFM VR
-Duty=0.01ms 1khz IR=10UA
100 1000 9
5.8(.23)
CATHODE
mW mA V
-30 to +80 -40 to +100 260 for 5 Seconds
Electrical and optical characteristics(Ta=25) characteristics(Ta=25 Parameter Symbol Min.
Radiant Intensity Viewing Angle Peak Emission Spectral Line Half-Width Forward Voltage Reverse Current Ee 21/2 p VF 35 20 40 --
Typ.
50 25 880 45 1.5
Max.
-30 50 1.8 10
Unit
Mw/sr Deg nm nm V uA
Test Condition
IF=50mA
9V
115 QiXin Road, NingBo, Zhejiang, TEL:86-574-87927870, 87933652 E-mail:sales@foryard.com
China 315051 FAX:86-574-87927917 http:/www.foryard.com
LED LAMP
Typical Electrical Characteristics Curves (25 (25 Ambient Temperature Unless Otherwise Noted)
Spectral
(1) (2)
Reduance
(3)
(1)peak@850nm (2)peak@880nm (3)peak@940nm
Normalized Response
Wave Length(nm)
Relative Intensity vs.Forword Current
1.3
Forward Voltage Vs.Ambient Temperature
Ie-Radiant Intensity(mw/sr)
1000
Intensity
100
1.2
0 1 10 100 1000 10000
Relative
10
1.1
1 25 50 75 100 125
150
Ambient Temperature C
Intensity Forward Current Derating Curve 60
Vs.Ambient
Temperature
C
2.5
Ie-Radiant Intensity(mw/sr)
0 10 20 30 40 50 60 70 80 90 50
Forward Current(mA)
40 30 20 10 0
2.0 1.5 1.0 0.5 0 -40 -20 0 20
C
40
80
100
Ambient Temperature TA(
C)
Ambient Temperature
115 QiXin Road, NingBo, Zhejiang, TEL:86-574-87927870, 87933652 E-mail:sales@foryard.com
China 315051 FAX:86-574-87927917 http:/www.foryard.com
LED LAMP
LAMP PACKING.
Label 1
FORYARD
OPTOELECTRONICS
Pb
Part No: Quanlity: Date: Q.A:
QC1
PASSED
3mm.5mm.10mm Polybag
Box Dimension(cm):30*19*11.5
. NO
) cs (p TY Q'
RT PA
Label 2
FORYARD
OPTOELECTRONICS
Pb
Part No: Quanlity: Date: Q.A:
QC1
PASSED
Anti-electrostatic bag
DEVICE 5mm(T-1 3mm(T-1 ) 10mm(T-1) Blue/Green/White 3/4)
QTY/polybag(pcs) 1000 1000 250 500pcs
Polybag/box A 8 bags 10 bags 8 bags 8 bags
Fig Label Label Label Label 1 1 1 2
CARTON Dimension(cm):39*32*38
) cs (p TY Q' RT PA ER MB NU
S KG W G. 8 *3 W 31 N. 8* :3 AS S KG CM
C/NO
ME
6 Boxes/Carton 5mm:48,000pcs 3mm:60,000pcs 10mm:12,000pcs Blue/Pure Green/bluish Green /White:24,000pcs
115 QiXin Road, NingBo, Zhejiang, TEL:86-574-87927870, 87933652 E-mail:sales@foryard.com
China 315051 FAX:86-574-87927917 http:/www.foryard.com


▲Up To Search▲   

 
Price & Availability of FYL-5013IRBT1C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X