Part Number Hot Search : 
D2500 CMT60N06 ST622 SXTA93 C6VDC CZMK15V C74HC2 LTC2876
Product Description
Full Text Search
 

To Download EPS030100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 a division of CUI INC
date 09/2010 page 1 of 4
SERIES:
6 W WALL PLUG
DESCRIPTION:
SWITCHING POWER SUPPLY
FEATURES
*Level V (efficient design) *100 ~ 130 V ac input voltage *regulated output voltage *short circuit, over load protection *meets EISA / efficiency level IV regulations *custom designs available
RoHS
MODEL
EPS030100 EPS033100 EPS036100 EPS045100 EPS050100 EPS060100 EPS075080 EPS090066 EPS100060 EPS120050 EPS135044 EPS150040 EPS180033 EPS240025 output voltage
nominal (V dc)
output current
min (A) max (A)
output wattage
max (W)
ripple*
max. (mVp-p)
efficiency level
cord length
(mm)
3 3.3 3.6 4.5 5 6 7.5 9 10 12 13.5 15 18 24
0 0 0 0 0 0 0 0 0 0 0 0 0 0
1 1 1 1 1 1 0.8 0.66 0.6 0.5 0.44 0.4 0.33 0.25
3 3.3 3.6 4.5 5 6 6 6 6 6 6 6 6 6
100 100 100 100 100 100 100 100 100 120 135 150 180 240
IV IV IV V V V V V V V V V V IV
1800 100 1800 100 1800 100 1800 100 1800 100 1800 100 1800 100 1800 100 1800 100 1800 100 1800 100 1800 100 1800 100 1800 100
*at full load, 100 ~ 130 V ac input, measured at 20MHz bandwidth with a 10 uF electrolytic cap and a 0.1 uF ceramic cap on the output
PART NUMBER KEY EPS030100 - PXXXX - SZ - CXX
example of 3 V dc, 1 A
Base Number
Reserved for custom orders DC Plug type: see output plug options on page 4 Factory Designation
20050 SW 112th Ave. Tualatin, Oregon 97062
phone 503.612.2300
fax 503.612.2382 www.v-infinity.com
a division of CUI INC
date 09/2010 page 2 of 4
SERIES:
6 W WALL PLUG
DESCRIPTION:
SWITCHING POWER SUPPLY
INPUT
parameter rated input voltage rated frequency frequency range inrush current no load power consumption 120 V ac, inrush lasts no longer than 0.5 ms before settling to steady state current Input: 100 ~ 120 V ac conditions/description min 100 50 47 nom 120 max 130 60 63 40 0.5 units V ac Hz Hz A W
OUTPUT
parameter line regulation load regulation over/undershoot temp. coefficient start-up time hold-up time output power limit overload protection short circuit protection full load to no load, > 5 V full load to no load, < 5 V at turn-on and turn-off 0 ~ 40C, full load, after initial 1 hour warm-up time needed to reach regulation at 115 V ac, full load primary power limited Fold-back current limiting starts at 105 ~ 160% of the rated output current. Auto-recovery. Long term exposure to overload condition may reduce product reliability. Continuous, auto-recovery upon removal of short 10 -5% 0 0.02 3 conditions/description min nom 2 5 +0.25 V % %/C s ms max units % %
SAFETY & EMI
parameter HI-POT insulation resistance safety approvals EMI standard leakage current RoHS compliant class 2 power supply conditions/description input to output at 10 mA for 1 second input to output at 500 V dc UL/cUL 1310 FCC part 15 class B at 120 V ac yes yes 0.5 mA 100 min nom max 3000 units V ac M
ENVIRONMENTAL
parameter operating temperature operating humidity storage temperature storage humidity conditions/description min 0 10 -20 10 nom max 40 90 85 90 units C % C %
RELIABILITY
parameter MTBF conditions/description at 25C, per MIL-HDBK-217E min 240,000 nom max units hours
20050 SW 112th Ave. Tualatin, Oregon 97062
phone 503.612.2300
fax 503.612.2382 www.v-infinity.com
a division of CUI INC
date 09/2010 page 3 of 4
SERIES:
6 W WALL PLUG
DESCRIPTION:
SWITCHING POWER SUPPLY
MECHANICAL DRAWING
17.0
43.3 1.0
26.6 1.0
12.7 63 1.0 22.3X18.0
1800 100
Units: mm 6.3 Tolerance: X.X 0.5mm X.XX 0.03mm NOTE 1: THIS POWER UNIT IS INTENDED TO BE CORRECTLY ORIENTED IN A VERTICAL OR FLOOR MOUNT POSITION. 3.0 (TYP)
20050 SW 112th Ave. Tualatin, Oregon 97062
phone 503.612.2300
fax 503.612.2382 www.v-infinity.com
a division of CUI INC
date 09/2010 page 4 of 4
SERIES:
6 W WALL PLUG
DESCRIPTION:
SWITCHING POWER SUPPLY
OUTPUT PLUG OPTIONS
3.5 mm Phono Plug
*Tip positive
P1
P1R
Standard DC Plug
P5/P5R P6/P6R P7/P7R P8/P8R P9/P9R A 5.5 5.5 3.5 3.8 3.8 B 2.1 2.5 1.3 1.35 1.05 C 9.5 9.5 9.5 9.5 9.5 Unit mm mm mm mm mm
Standard PX
Right Angle PXR
Locking DC Plug
A 5.5 5.5 B 2.1 2.5 C 9.5 9.5 Unit mm mm
P10 P11
EIAJ Plugs
EIAJ A B P12/P12R EIAJ-1 2.35 0.7 P13/P13R EIAJ-2 4.0 1.7 P14/P14R EIAJ-3 4.75 1.7 C 9.5 9.5 9.5 D NA 5.0 5.0 Unit mm mm mm
Standard PXX
Right Angle PXXR
Stripped and Tinned
DC PLUG TYPE ST
stripped and tinned Plug type
PXX X X
Plug angle: "blank" = standard R = right angle Plug polarity: "blank" = N/A P = center positive N = center negative
*Contact CUI for additional output plug options.
20050 SW 112th Ave. Tualatin, Oregon 97062
phone 503.612.2300
fax 503.612.2382 www.v-infinity.com


▲Up To Search▲   

 
Price & Availability of EPS030100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X