Part Number Hot Search : 
CD6322C SF161 UPD703 HD7279A 2SK1535 MLL961A MS6334TR RTL8305S
Product Description
Full Text Search
 

To Download E1215M-1W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 E_M-1W Series
1W, FIXED INPUT, ISOLATED & UNREGULATED DUAL OUTPUT SUPERMINIATURE SIP PACKAGE
multi-country patent protection RoHS
FEATURES High Efficiency up to 79% 6Pin SIP Package Small Footprint Industry Standard Pinout 3KVDC Isolation Temperature Range -40C to +85C No Heat sink Required No External Component Required RoHS Compliance
PRODUCT PROGRAM
Input Part Number E0305M-1W E0505M-1W E0509M-1W E0512M-1W E0515M-1W E1205M-1W E1209M-1W 5 4.5-5.5 Voltage (VDC) Nominal 3.3 Range 3.0-3.6 Voltage (VDC) 5 5 9 12 15 5 12 10.8-13.2 9 12 15 Output Current (mA) Max 100 100 56 42 33 100 56 42 33 Min 10 10 6 5 4 10 6 5 4 70 72 77 78 79 71 73 74 75 Efficiency (%, Typ)
APPLICATIONS
The E_M-1W Series are specially designed for applications where a group of polar power supplies are isolated from the input power supply in a distributed power supply system on a circuit board. These products apply to: 1) Where the voltage of the input power supply 10%); 2) Where isolation is necessary between input and output (isolation voltage 3000VDC); 3) Where the regulation of the output voltage and the output ripple noise are not demanding. Such as: purely digital circuits, ordinary low frequency analog circuits, and IGBT power device driving circuits. is fixed (voltage variation
E1212M-1W E1215M-1W
COMMON SPECIFICATIONS
Item Operating Temp. range Storage Temp. range Storage humidity range Lead temperature Short circuit protection* Temp. rise at full load Isolation voltage Isolation resistance Cooling Case material MTBF
*Supply voltage must be discontinued at the end of short circuit duration.
Test conditions
Min -40 -55
Typ
Max +85 +125 95
Units C % C S C VDC M
1.5mm from case for 10 seconds
300 1 15 25
Tested for 1 minute and 1mA Max Test at 500VDC
3000 1000 Free air convection Plastic (UL94-V0) 3500
K hours
MODEL SELECTION
OUTPUT SPECIFICATIONS
Item Test conditions Min 0.1 For Vin change of 1% 10% to 100% full load 10 Typ Max 1 1.2 15 Units W % % Output power Line regulation Load regulation Output voltage accuracy Temperature drift 100% full load 20MHz Bandwidth Full load, nominal input 50 100
E0505M-1W
Ra te P ower P ack age S tyle O utpu t Vo lt age Input Vol tage Pr odu ct Se ries
See tolerance envelope graph 0.03 75 %/C mVp-p KHz
MORNSUN Science& Technology co.,Ltd. Address: 2th floor 6th building, Hangzhou Industrial District, Guangzhou, China Tel: 86-20-38601850 Fax: 86-20-38601272 http://www.mornsun-power.com
Output ripple& Noise* Switching frequency
*Test ripple and noise by "parallel cable" method. See detailed operation instructions at Testing of Power Converter section, application notes. Note: 1.All specifications measured at TA=25C, humidity<75%, nominal input voltage and rated output load unless otherwise specified. 2.See below recommended circuits for more details.
MORNSUN reserves the copyright
Specifications subject to change without notice.
E_M-1W
A/0-2008
Page 1 of 2
TYPICAL CHARACTERISTICS
Filtering In some circuits which are sensitive to noise and ripple, a filtering capacitor may be added to the DC/DC output end and input end to reduce the noise and ripple. However, the capacitance of the output filter capacitor must be proper. If the capacitance is too big, a startup problem might arise. For every channel of output, provided the safe and reliable operation is ensured, the greatest capacitance of its filter capacitor sees the external capacitor table. EXTERNAL CAPACITOR TABLE Cin V in Vout Cout (VDC) (VDC) (uF) (uF) 5 4.7 5 4.7 12 24 -2.2 1 -9 12 15 2.2 1 0.47
Operating Temp.( C)
o
OUTLINE DIMENSIONS& PIN CONNECTION
First Angle Projection 1 (0.035) 2 4 5 6 1.9 (0.075) 12 4 5 6 RECOMMENDED FOOTPRINT
Top view, grid2. 54mm(0.1inch) dia meter 1.00mm(0.039inch)
It's not recommended to connect any external capacitor in the application field with less than 0.5 watt output
To get an extremely low ripple, an "LC" filtering network may be connected to the input and output ends of the DC/DC converter, which may produce a more significant filtering effect. It should also be noted that the inductance and the frequency of the "LC" filtering network should be staggered with the DC/DC frequency to avoid mutual interference (Figure 1).
L C L
4.10
Vin
FOOT PRINT DETAILS Pin Functions
+Vo
C
DC DC
(Figure 1)
GND
L
0V -Vo
C
(0.020) Note: Unit:mm(inch) Pin section:0.50*0.3mm(0.020*0.012inch) Pin tolerances: + 0.10mm+0.004inch Generaltolerances: +0.25mm( +0.010inch)
1 2 4 5 6
Vin
GND
Output Voltage Regulation and Over-voltage Protection Circuit The simplest device for output voltage regulation, over-voltage and over-current protection is a linear voltage regulator with overheat protection that is connected to the input or output end in series (Figure 2).
+Vo
APPLICATION NOTE
Requirement on output load To ensure this module can operate efficiently and reliably, a minimum load is specified for this kind of DC/DC converter in addition to a maximum load (namely full load). During operation, make sure the specified range of input voltage is not exceeded, the minimum output load is not less than 10% of the full load, and that this product should never be operated under no load! If the actual output power is very small, please connect a
Vin GND
REG
+Vout
DC DC
0V -Vout
REG
Vin GND
+Vout 0V
DC DC
REG
-Vout
resistor with proper resistance at the output end in parallel to increase the load, or use our company's products with a lower rated output power.
(Figure2) No parallel connection or plug and play.
Overload Protection Under normal operating conditions, the output circuit of these products has no protection against over-current and short-circuits. The simplest method is to connect a self-recovery fuse in series at the input end or add a circuit breaker to the circuit.
MORNSUN reserves the copyright
Specifications subject to change without notice.
E_M-1W
A/0-2008
Page 2 of 2


▲Up To Search▲   

 
Price & Availability of E1215M-1W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X