Part Number Hot Search : 
VCC105 TFR586 512B1 SR4020PT LTC1625 20001 302A0 1N5238B
Product Description
Full Text Search
 

To Download DDTA114GE2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DDTA (R2-ONLY SERIES) E
PNP PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Features
* * * * * Epitaxial Planar Die Construction Complementary NPN Types Available (DDTC) Built-In Biasing Resistor, R2 only Lead Free/RoHS Compliant (Note 2) "Green" Device (Note 3 and 4)
B G H K M A C TOP VIEW E BC
SOT-523 Dim A B C D
N
NEW PRODUCT
Min 0.15 0.75 1.45 0.90 1.50 0.00 0.60 0.10 0.10 0.45 0
Max 0.30 0.85 1.75 1.10 1.70 0.10 0.80 0.30 0.20 0.65 8
Typ 0.22 0.80 1.60 0.50 1.00 1.60 0.05 0.75 0.22 0.12 0.50
Mechanical Data
* * * * * * * * * Case: SOT-523 Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020C Terminals: Solderable per MIL-STD-202, Method 208 Lead Free Plating (Matte Tin Finish annealed over Alloy 42 leadframe). Terminal Connections: See Diagram Marking & Date Code Information: See Diagrams & Page 4 Ordering Information: See Page 4 Weight: 0.002 grams (approximate)
G H
J
D
L
J K L
C B
M N
P/N DDTA114GE DDTA124GE DDTA144GE DDTA115GE
R2 (NOM) 10K 22K 47K 100K
MARKING P26 P27 P28 P29
R2
E SCHEMATIC DIAGRAM
All Dimensions in mm
Maximum Ratings
@TA = 25C unless otherwise specified Symbol VCBO VCEO VEBO IC (Max) Pd (Note 1) RJA Tj, TSTG Value -50 -50 -5 -100 150 833 -55 to +150 Unit V V V mA mW C/W C
Characteristic Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Power Dissipation Thermal Resistance, Junction to Ambient Air Operating and Storage Temperature Range
Notes:
1. Mounted on FR4 PC Board with recommended pad layout as shown on Diodes Inc., suggested pad layout document AP02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. 2. No purposefully added lead. 3. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php. 4. Product manufactured with Date Code UO (week 40, 2007) and newer are built with Green Molding Compound. Product manufactured prior to Date Code UO are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
DS30320 Rev. 6 - 2
1 of 4 www.diodes.com
DDTA (R2-ONLY SERIES) E
(c) Diodes Incorporated
Electrical Characteristics
Characteristic Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage
@TA = 25C unless otherwise specified Symbol BVCBO BVCEO Min -50 -50 Typ Max Unit V V IC = -50A IC = -1mA IE = -720A, DDTA114GE IE = -330A, DDTA124GE IE = -160A, DDTA144GE IE = -72A, DDTA115GE VCB = -50V VEB = -4V Test Condition
NEW PRODUCT
Emitter-Base Breakdown Voltage
BVEBO
5
V
Collector Cutoff Current Emitter Cutoff Current DDTA114GE DDTA124GE DDTA144GE DDTA115GE
ICBO IEBO
-300 -140 -65 -30 30 56 68 82 -30

-0.5 -580 -260 -130 -58 -0.3
A A
Collector-Emitter Saturation Voltage DDTA114GE DDTA124GE DDTA144GE DDTA115GE
VCE(sat)
V
IC = -10mA, IB = -0.5mA
DC Current Transfer Ratio
hFE R2 fT
IC = -5mA, VCE = -5V
Bleeder Resistor (R2) Tolerance Gain-Bandwidth Product*
* Transistor - For Reference Only
250
+30
% MHz
VCE = -10V, IE = 5mA, f = 100MHz
DS30320 Rev. 6 - 2
2 of 4 www.diodes.com
DDTA (R2-ONLY SERIES) E
(c) Diodes Incorporated
Typical Curves - DDTA114GE
250
VCE(SAT), MAXIMUM COLLECTOR VOLTAGE (V) 1
IC /IB = 10
PD, POWER DISSIPATION (mW)
200
NEW PRODUCT
150
0.1
25C
75C -25C
100
0.01
50
0 -50 0 50 100 150
0.001 0 10 20 30 40 50 IC, COLLECTOR CURRENT (mA) Fig. 2 VCE(SAT) vs. IC
TA, AMBIENT TEMPERATURE (C) Fig. 1 Derating Curve
1000 hFE, DC CURRENT GAIN (NORMALIZED)
VCE = 10
12
IE = 0V
10
COB, CAPACITANCE (pF)
8
100
6
4
2
10 1 10 IC, COLLECTOR CURRENT (mA) Fig. 3 DC Current Gain 100
0 0 5 10 15 20 25 30 VR, REVERSE BIAS VOLTAGE (V) Fig. 4 Output Capacitance
DS30320 Rev. 6 - 2
3 of 4 www.diodes.com
DDTA (R2-ONLY SERIES) E
(c) Diodes Incorporated
1,000
10
75C VO = 5V
IC, COLLECTOR CURRENT (mA)
100
25C
10
Vin, INPUT VOLTAGE (V)
3 4 5 6 7 8 9 10
1
-25C
1
NEW PRODUCT
0.1 0.01 0.001 0 1 2 Vin, INPUT VOLTAGE (V) Fig. 5 Collector Current vs. Input Voltage
0.1 0 100 200 300 400 500 600 700 IC, COLLECTOR CURRENT (mA) Fig. 6 Input Voltage vs. Collector Current
Ordering Information (Note 5)
Device DDTA114GE-7-F DDTA124GE-7-F DDTA144GE-7-F DDTA115GE-7-F
Notes:
Packaging SOT-523 SOT-523 SOT-523 SOT-523
Shipping 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel
5. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
XXX = Product Type Marking Code (See Page 1, e.g. P26 = DDTA114GE) YM = Date Code Marking Y = Year ex: T = 2006 M = Month ex: 9 = September
Date Code Key Year Code Month Code
2006 T Jan 1 Feb 2
2007 U Mar 3 Apr 4
2008 V May 5 Jun 6
2009 W Jul 7
2010 X Aug 8 Sep 9
2011 Y Oct O Nov N
2012 Z Dec D
IMPORTANT NOTICE Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated. DS30320 Rev. 6 - 2 4 of 4 www.diodes.com DDTA (R2-ONLY SERIES) E
(c) Diodes Incorporated
NEW PRODUCT
DS30320 Rev. 6 - 2
5 of 4 www.diodes.com
DDTA (R2-ONLY SERIES) E
(c) Diodes Incorporated


▲Up To Search▲   

 
Price & Availability of DDTA114GE2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X