|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
DDA (xxxx) U PNP PRE-BIASED SMALL SIGNAL DUAL SURFACE MOUNT TRANSISTOR Features * * * * Epitaxial Planar Die Construction Built-In Biasing Resistors Lead Free/RoHS Compliant (Note 3) "Green" Device (Note 4 and 5) A SOT-363 Dim Min 0.10 1.15 2.00 0.30 1.80 0.90 0.25 0.10 0 Max 0.30 1.35 2.20 0.40 2.20 0.10 1.00 0.40 0.25 8 A BC NEW PRODUCT Mechanical Data * * * * * * * * * Case: SOT-363 Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020C Terminals: Solderable per MIL-STD-202, Method 208 K Lead Free Plating (Matte Tin Finish annealed over Alloy 42 leadframe). J Terminal Connections: See Diagram Marking Information: See Diagrams & Page 5 Ordering Information: See Page 5 Weight: 0.006 grams (approximate) PXX YM P/N DDA124EU DDA144EU DDA114YU DDA123JU DDA114EU DDA113TU DDA143TU DDA114TU R1 22K 47K 10K 2.2K 10K 1K 4.7K 10K R2 22K 47K 47K 47K 10K MARKING P17 P20 P14 P06 P13 P01 P07 P12 Maximum Ratings @TA = 25C unless otherwise specified Symbol VCC DDA124EU DDA144EU DDA114YU DDA123JU DDA114EU DDA113TU DDA143TU DDA114TU DDA124EU DDA144EU DDA114YU DDA123JU DDA114EU DDA113TU DDA143TU DDA114TU All (Note 1) Value 50 +10 to -40 +10 to -40 +6 to -40 +5 to -12 +10 to -40 +5V max +5V max +5V max -30 -30 -70 -100 -50 -100 -100 -100 -100 200 625 Unit V Characteristic Supply Voltage, (1) to (6) and (4) to (3) Input Voltage, (1) to (2) and (4) to (5) Output Current Output Current Power Dissipation (Total) Thermal Resistance, Junction to Ambient Air Notes: 1. 2. 3. 4. 5. Mounted on FR4 PC Board with recommended pad layout at http://www.diodes.com/datasheets/ap02001.pdf. 150mW per element must not be exceeded. No purposefully added lead. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php. Product manufactured with Date Code UO (week 40, 2007) and newer are built with Green Molding Compound. Product manufactured prior to Date Code UO are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants. DS30346 Rev. 9 - 2 1 of 5 www.diodes.com PXX YM H D F B C D F H M 0.65 Nominal J K L L M All Dimensions in mm 6 5 R1 R 2 R2 R1 4 6 5 R1 R1 4 1 2 R1, R2 3 1 2 R1 Only 3 SCHEMATIC DIAGRAM VIN V IO mA IC (Max) Pd RJA mA mW C/W DDA (xxxx) U (c) Diodes Incorporated Electrical Characteristics Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage @TA = 25C unless otherwise specified Symbol BVCBO BVCEO BVEBO ICBO IEBO VCE(sat) hFE R1 fT Min -50 -50 -5 100 -30 Typ 250 250 Max -0.5 -0.5 -0.3 600 +30 Unit V V V A A V % MHz IC = -50A IC = -1mA IE = -50A VCB = -50V VEB = -4V IC/IB = -2.5mA / -0.25mA IC/IB = -1mA / -0.1mA IC/IB = -10mA / -1mA IC = -1mA, VCE = -5V VCE = -10V, IE = 5mA, f = 100MHz DDA143TU DDA114TU DDA113TU Test Condition Characteristic (DDA113TU & DDA143TU & DDA114TU only) NEW PRODUCT Collector Cutoff Current Emitter Cutoff Current Collector-Emitter Saturation Voltage DC Current Transfer Ratio Input Resistor (R1) Tolerance Gain-Bandwidth Product* Characteristic DDA124EU DDA144EU DDA114YU DDA123JU DDA114EU DDA124EU DDA144EU DDA114YU DDA123JU DDA114EU DDA124EU DDA144EU DDA114YU DDA123JU DDA114EU DDA124EU DDA144EU DDA114YU DDA123JU DDA114EU DDA124EU DDA144EU DDA114YU DDA123JU DDA114EU Symbol Min -0.5 -0.5 -0.3 -0.5 -0.5 Typ -1.1 -1.1 -1.1 -1.9 -1.9 -1.9 Max Unit Test Condition Vl(off) V VCC = -5V, IO = -100A VO = -0.3, IO = -5mA VO = -0.3, IO = -2mA VO = -0.3, IO = -1mA VO = -0.3, IO = -5mA VO = -0.3, IO = -10mA IO/Il = -10mA / -0.5mA IO/Il = -10mA / -0.5mA IO/Il = -5mA / -0.25mA IO/Il = -5mA / -0.25mA IO/Il = -10mA / -0.5mA VI = -5V Input Voltage Vl(on) -3.0 -3.0 -1.4 -1.1 -3.0 Output Voltage VO(on) -0.1 -0.3 V Input Current Il -0.36 -0.18 -0.88 -3.6 -0.88 -0.5 mA Output Current IO(off) 56 68 68 80 30 -30 -20 A VCC = -50V, VI = -0V VO = -5V, IO = -5mA VO = -5V, IO = -5mA VO = -5V, IO = -10mA VO = -5V, IO = -10mA VO = -5V, IO = -5mA DC Current Gain Gl Input Resistor (R1) Tolerance Resistance Ratio Tolerance Gain-Bandwidth Product* * Transistor - For Reference Only R1 R2/R1 fT 250 +30 +20 % % MHz VCE = -10V, IE = -5mA, f = 100MHz DS30346 Rev. 9 - 2 2 of 5 www.diodes.com DDA (xxxx) U (c) Diodes Incorporated Typical Curves - DDA123JU 250 One Section 1 VCE(SAT), COLLECTOR EMITTER VOLTAGE (V) IC/IB = 10 PD , POWER DISSIPATION (mW) 200 0.1 25C 75C -25C NEW PRODUCT 150 100 0.01 50 0 -50 0 50 100 TA, AMBIENT TEMPERATURE (C) Fig. 1 Derating Curve 150 0.001 0 20 30 10 40 IC, COLLECTOR CURRENT (mA) Fig. 2 VCE(SAT) vs. IC 50 1,000 VCE = 10V 12 f = 1MHz hFE, DC CURRENT GAIN 75C COB, CAPACITANCE (pF) 10 8 100 6 4 2 10 1 10 IC, COLLECTOR CURRENT (mA) Fig. 3 DC Current Gain 75C 0 100 0 5 10 15 25 20 VR, REVERSE BIAS VOLTAGE (V) Fig. 4 Output Capacitance 30 100 VO = 5V 25C 10 IC, COLLECTOR CURRENT (mA) 10 1 -25C Vin, INPUT VOLTAGE (V) 1 0.1 0.01 0.001 0 1 3 4 8 9 5 6 7 Vin, INPUT VOLTAGE (V) Fig. 5 Collector Current vs. Input Voltage 2 10 0.1 0 50 10 20 30 40 IC, COLLECTOR CURRENT (mA) Fig. 6 Input Voltage vs. Collector Current DS30346 Rev. 9 - 2 3 of 5 www.diodes.com DDA (xxxx) U (c) Diodes Incorporated Typical Curves - DDA114TU 250 One Section 1 VCE(SAT), COLLECTOR EMITTER VOLTAGE (V) IC/IB = 10 PD, POWER DISSIPATION (mW) 200 25C 0.1 75C NEW PRODUCT 150 -25C 100 0.01 50 0 -50 0 50 100 TA, AMBIENT TEMPERATURE (C) Fig. 1 Derating Curve 150 0.001 0 40 10 20 30 IC, COLLECTOR CURRENT (mA) Fig. 2 VCE(SAT) vs. IC 50 1,000 12 f = 1MHz hFE, DC CURRENT GAIN COB, CAPACITANCE (pF) 10 100 8 6 10 4 2 1 1 10 IC, COLLECTOR CURRENT (mA) Fig. 3 DC Current Gain 100 0 0 5 10 15 20 25 VR, REVERSE BIAS VOLTAGE (V) Fig. 4 Output Capacitance 30 100 IC, COLLECTOR CURRENT (mA) 25C 10 VO = 0.2V 10 Vin, INPUT VOLTAGE (V) 1 -25C 1 0.1 0.01 0.001 0 1 6 7 8 9 5 3 4 Vin, INPUT VOLTAGE (V) Fig. 5 Collector Current vs. Input Voltage 2 10 1 0 10 20 30 40 50 IC, COLLECTOR CURRENT (mA) Fig. 6 Input Voltage vs. Collector Current DS30346 Rev. 9 - 2 4 of 5 www.diodes.com DDA (xxxx) U (c) Diodes Incorporated Ordering Information (Note 6) Device DDA124EU-7-F DDA144EU-7-F DDA114YU-7-F Packaging SOT-363 SOT-363 SOT-363 SOT-363 SOT-363 SOT-363 SOT-363 SOT-363 Shipping 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel NEW PRODUCT DDA123JU-7-F DDA114EU-7-F DDA113TU-7-F DDA143TU-7-F DDA114TU-7-F Notes: 6. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf. Marking Information PXX YM PXX = Product Type Marking Code See Page 1 Table YM = Date Code Marking Y = Year ex: T = 2006 M = Month ex: 9 = September Date Code Key Year Code Month Code 2004 R Jan 1 Feb 2 2005 S Mar 3 IMPORTANT NOTICE Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated. DS30346 Rev. 9 - 2 PXX YM 2006 T Apr 4 2007 U May 5 2008 V Jun 6 Jul 7 2009 W Aug 8 2010 X Sep 9 Oct O 2011 Y Nov N 2012 Z Dec D 5 of 5 www.diodes.com DDA (xxxx) U (c) Diodes Incorporated |
Price & Availability of DDA124EU |