Part Number Hot Search : 
LS130 74AUP1 MC163 3040P MXP7A01 D1NK80 DT74FCT Y7C13
Product Description
Full Text Search
 

To Download CAT24C03TDI-GT3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CAT24C03, CAT24C05 2-Kb and 4-Kb I2C Serial EEPROM with Partial Array Write Protection
Description
The CAT24C03/05 is a 2-Kb/4-Kb CMOS Serial EEPROM device organized internally as 16/32 pages of 16 bytes each, for a total of 256x8/512x8 bits. These devices support both Standard (100 kHz) as well as Fast (400 kHz) I2C protocol. Data is written by providing a starting address, then loading 1 to 16 contiguous bytes into a Page Write Buffer, and then writing all data to non-volatile memory in one internal write cycle. Data is read by providing a starting address and then shifting out data serially while automatically incrementing the internal address count. Write operations can be inhibited for upper half of memory by taking the WP pin High. External address pins make it possible to address up to eight CAT24C03 or four CAT24C05 devices on the same bus.
Features
http://onsemi.com
PDIP-8 L SUFFIX CASE 646AA
TSOT-23 TD SUFFIX CASE 419AE
SOIC-8 W SUFFIX CASE 751BD
TSSOP8 Y SUFFIX CASE 948AL
TDFN8 VP2 SUFFIX CASE 511AK
* * * * * * * * * *
Supports Standard and Fast I2C Protocol 1.8 V to 5.5 V Supply Voltage Range 16-Byte Page Write Buffer Hardware Write Protection for Upper Half of Memory Schmitt Triggers and Noise Suppression Filters on I2C Bus Inputs (SCL and SDA) Low Power CMOS Technology 1,000,000 Program/Erase Cycles 100 Year Data Retention Industrial Temperature Range These Devices are Pb-Free, Halogen Free/BFR Free and are RoHS Compliant
VCC
PIN CONFIGURATIONS
TSOT-23 (TD) SCL VSS SDA 1 2 3 4 VCC 5 WP
PDIP (L), SOIC (W), TSSOP (Y), TDFN (VP2) CAT24C05/03 NC/A0 A1/A1 A2/A2 VSS 1 2 3 4 8 7 6 5 VCC WP SCL SDA
(Top Views)
PIN FUNCTION
SCL A2, A1, A0 WP CAT24C03 CAT24C05 SDA Pin Name A0, A1, A2 SDA SCL WP VCC VSS VSS NC Function Device Address Inputs Serial Data Input/Output Serial Clock Input Write Protect Input Power Supply Ground No Connect
Figure 1. Functional Symbol ORDERING INFORMATION
See detailed ordering and shipping information in the package dimensions section on page 14 of this data sheet.
(c) Semiconductor Components Industries, LLC, 2009
August, 2009 - Rev. 3
1
Publication Order Number: CAT24C03/D
CAT24C03, CAT24C05
Table 1. ABSOLUTE MAXIMUM RATINGS
Parameters Storage Temperature Voltage on any pin with respect to Ground (Note 1) Ratings -65 to +150 -0.5 to +6.5 Units C V
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. 1. The DC input voltage on any pin should not be lower than -0.5 V or higher than VCC + 0.5 V. During transitions, the voltage on any pin may undershoot to no less than -1.5 V or overshoot to no more than VCC + 1.5 V, for periods of less than 20 ns.
Table 2. RELIABILITY CHARACTERISTICS (Note 2)
Symbol NEND (Note 3) TDR Endurance Data Retention Parameter Min 1,000,000 100 Units Program / Erase Cycles Years
2. These parameters are tested initially and after a design or process change that affects the parameter according to appropriate AEC-Q100 and JEDEC test methods. 3. Page Mode, VCC = 5 V, 25C.
Table 3. D.C. OPERATING CHARACTERISTICS
(VCC = 1.8 V to 5.5 V, TA = -40C to +85C, unless otherwise specified.) Symbol ICCR ICCW ISB IL VIL VIH VOL1 VOL2 Parameter Read Current Write Current Standby Current I/O Pin Leakage Input Low Voltage Input High Voltage Output Low Voltage Output Low Voltage VCC 2.5 V, IOL = 3 mA VCC < 2.5 V, IOL = 1 mA Test Conditions Read, fSCL = 400 kHz Write, fSCL = 400 kHz All I/O Pins at GND or VCC Pin at GND or VCC -0.5 VCC x 0.7 Min Max 1 1 1 1 VCC x 0.3 VCC + 0.5 0.4 0.2 Units mA mA mA mA V V V V
http://onsemi.com
2
CAT24C03, CAT24C05
Table 4. PIN IMPEDANCE CHARACTERISTICS
(VCC = 1.8 V to 5.5 V, TA = -40C to +85C, unless otherwise specified.) Symbol CIN (Note 4) IWP (Note 5) Parameter SDA I/O Pin Capacitance Input Capacitance (Other Pins) WP Input Current Conditions VIN = 0 V VIN = 0 V VIN < VIH, VCC = 5.5 V VIN < VIH, VCC = 3.3 V VIN < VIH, VCC = 1.8 V VIN > VIH Max 8 6 200 150 100 1 Units pF pF mA
4. These parameters are tested initially and after a design or process change that affects the parameter according to appropriate AEC-Q100 and JEDEC test methods. 5. When not driven, the WP pin is pulled down to GND internally. For improved noise immunity, the internal pull-down is relatively strong; therefore the external driver must be able to supply the pull-down current when attempting to drive the input HIGH. To conserve power, as the input level exceeds the trip point of the CMOS input buffer (~ 0.5 x VCC), the strong pull-down reverts to a weak current source.
Table 5. A.C. CHARACTERISTICS
(Note 6) (VCC = 1.8 V to 5.5 V, TA = -40C to +85C, unless otherwise specified.) Standard Symbol FSCL tHD:STA tLOW tHIGH tSU:STA tHD:DAT tSU:DAT tR tF (Note 7) tSU:STO tBUF tAA tDH Ti (Note 7) tSU:WP tHD:WP tWR tPU (Notes 7, 8) Clock Frequency START Condition Hold Time Low Period of SCL Clock High Period of SCL Clock START Condition Setup Time Data In Hold Time Data In Setup Time SDA and SCL Rise Time SDA and SCL Fall Time STOP Condition Setup Time Bus Free Time Between STOP and START SCL Low to Data Out Valid Data Out Hold Time Noise Pulse Filtered at SCL and SDA Inputs WP Setup Time WP Hold Time Write Cycle Time Power-up to Ready Mode 0 2.5 5 1 100 100 0 2.5 5 1 4 4.7 3.5 100 100 4 4.7 4 4.7 0 250 1000 300 0.6 1.3 0.9 Parameter Min Max 100 0.6 1.3 0.6 0.6 0 100 300 300 Min Fast Max 400 Units kHz ms ms ms ms ms ns ns ns ms ms ms ns ns ms ms ms ms
6. Test conditions according to "A.C. Test Conditions" table. 7. Tested initially and after a design or process change that affects this parameter. 8. tPU is the delay between the time VCC is stable and the device is ready to accept commands.
Table 6. A.C. TEST CONDITIONS
Input Levels Input Rise and Fall Times Input Reference Levels Output Reference Levels Output Load 0.2 x VCC to 0.8 x VCC v 50 ns 0.3 x VCC, 0.7 x VCC 0.5 x VCC Current Source: IOL = 3 mA (VCC w 2.5 V); IOL = 1 mA (VCC < 2.5 V); CL = 100 pF
http://onsemi.com
3
CAT24C03, CAT24C05
Power-On Reset (POR) The CAT24C03/05 incorporates Power-On Reset (POR) circuitry which protects the internal logic against powering up in the wrong state. The CAT24C03/05 device will power up into Standby mode after VCC exceeds the POR trigger level and will power down into Reset mode when VCC drops below the POR trigger level. This bi-directional POR feature protects the device against `brown-out' failure following a temporary loss of power. Pin Description SCL: The Serial Clock input pin accepts the Serial Clock generated by the Master. SDA: The Serial Data I/O pin receives input data and transmits data stored in EEPROM. In transmit mode, this pin is open drain. Data is acquired on the positive edge, and is delivered on the negative edge of SCL. A0, A1 and A2: The Address inputs set the device address when cascading multiple devices. When not driven, these pins are pulled LOW internally. WP: The Write Protect input pin inhibits the write operations for upper half of memory, when pulled HIGH. When not driven, this pin is pulled LOW internally. Functional Description The CAT24C03/05 supports the Inter-Integrated Circuit (I2C) Bus data transmission protocol, which defines a device that sends data to the bus as a transmitter and a device receiving data as a receiver. Data flow is controlled by a Master device, which generates the serial clock and all START and STOP conditions. The CAT24C03/05 acts as a Slave device. Master and Slave alternate as either transmitter or receiver.
I2C Bus Protocol
device pulls down the SDA line to `transmit' a `0' and releases it to `transmit' a `1'. Data transfer may be initiated only when the bus is not busy (see A.C. Characteristics). During data transfer, the SDA line must remain stable while the SCL line is high. An SDA transition while SCL is HIGH will be interpreted as a START or STOP condition (Figure 2). The START condition precedes all commands. It consists of a HIGH to LOW transition on SDA while SCL is HIGH. The START acts as a `wake-up' call to all receivers. Absent a START, a Slave will not respond to commands. The STOP condition completes all commands. It consists of a LOW to HIGH transition on SDA while SCL is HIGH.
Device Addressing
The Master initiates data transfer by creating a START condition on the bus. The Master then broadcasts an 8-bit serial Slave address. For normal Read/Write operations, the first 4 bits of the Slave address are fixed at 1010 (Ah). The next 3 bits are used as programmable address bits when cascading multiple devices and/or as internal address bits. The last bit of the slave address, R/W, specifies whether a Read (1) or Write (0) operation is to be performed. The 3 address space extension bits are assigned as illustrated in Figure 3. A2, A1 and A0 must match the state of the external address pins, and a8 (CAT24C05) is internal address bit.
Acknowledge
The I2C bus consists of two `wires', SCL and SDA. The two wires are connected to the VCC supply via pull-up resistors. Master and Slave devices connect to the 2-wire bus via their respective SCL and SDA pins. The transmitting
After processing the Slave address, the Slave responds with an acknowledge (ACK) by pulling down the SDA line during the 9th clock cycle (Figure 4). The Slave will also acknowledge the address byte and every data byte presented in Write mode. In Read mode the Slave shifts out a data byte, and then releases the SDA line during the 9th clock cycle. As long as the Master acknowledges the data, the Slave will continue transmitting. The Master terminates the session by not acknowledging the last data byte (NoACK) and by issuing a STOP condition. Bus timing is illustrated in Figure 5.
http://onsemi.com
4
CAT24C03, CAT24C05
SCL
SDA START CONDITION STOP CONDITION
Figure 2. START/STOP Conditions
1 1
0 0
1 1
0 0
A2 A2
A1 A1
A0 a8
R/W R/W
CAT24C03 CAT24C05
Figure 3. Slave Address Bits
BUS RELEASE DELAY (TRANSMITTER) SCL FROM MASTER DATA OUTPUT FROM TRANSMITTER 1 8 9
BUS RELEASE DELAY (RECEIVER)
DATA OUTPUT FROM RECEIVER START ACK DELAY (v tAA) ACK SETUP (w tSU:DAT)
Figure 4. Acknowledge Timing
tF tLOW SCL tSU:STA SDA IN tAA SDA OUT tHD:STA
tHIGH tLOW
tR
tHD:DAT
tSU:DAT
tSU:STO
tDH
tBUF
Figure 5. Bus Timing
http://onsemi.com
5
CAT24C03, CAT24C05
WRITE OPERATIONS
Byte Write
In Byte Write mode, the Master sends the START condition and the Slave address with the R/W bit set to zero to the Slave. After the Slave generates an acknowledge, the Master sends the byte address that is to be written into the address pointer of the CAT24C03/05. After receiving another acknowledge from the Slave, the Master transmits the data byte to be written into the addressed memory location. The CAT24C03/05 device will acknowledge the data byte and the Master generates the STOP condition, at which time the device begins its internal Write cycle to nonvolatile memory (Figure 6). While this internal cycle is in progress (tWR), the SDA output will be tri-stated and the CAT24C03/05 will not respond to any request from the Master device (Figure 7).
Page Write
sixteen bytes are received and the STOP condition has been sent by the Master, the internal Write cycle begins. At this point all received data is written to the CAT24C03/05 in a single write cycle.
Acknowledge Polling
The CAT24C03/05 writes up to 16 bytes of data in a single write cycle, using the Page Write operation (Figure 8). The Page Write operation is initiated in the same manner as the Byte Write operation, however instead of terminating after the data byte is transmitted, the Master is allowed to send up to fifteen additional bytes. After each byte has been transmitted the CAT24C03/05 will respond with an acknowledge and internally increments the four low order address bits. The high order bits that define the page address remain unchanged. If the Master transmits more than sixteen bytes prior to sending the STOP condition, the address counter `wraps around' to the beginning of page and previously transmitted data will be overwritten. Once all
BUS ACTIVITY: MASTER S T A R T S SLAVE A C K
The acknowledge (ACK) polling routine can be used to take advantage of the typical write cycle time. Once the stop condition is issued to indicate the end of the host's write operation, the CAT24C03/05 initiates the internal write cycle. The ACK polling can be initiated immediately. This involves issuing the start condition followed by the slave address for a write operation. If the CAT24C03/05 is still busy with the write operation, NoACK will be returned. If the CAT24C03/05 has completed the internal write operation, an ACK will be returned and the host can then proceed with the next read or write operation.
Hardware Write Protection
With the WP pin held HIGH, the upper half of memory is protected against Write operations. If the WP pin is left floating or is grounded, it has no impact on the operation of the CAT24C03/05. The state of the WP pin is strobed on the last falling edge of SCL immediately preceding the first data byte (Figure 9). If the WP pin is HIGH during the strobe interval, the CAT24C03/05 will not acknowledge the data byte and the Write request will be rejected.
Delivery State
The CAT24C03/05 is shipped erased, i.e., all bytes are FFh.
ADDRESS BYTE a7 / a0 DATA BYTE d7 / d0 S T O P P A C K A C K
SLAVE ADDRESS
Figure 6. Byte Write Sequence
http://onsemi.com
6
CAT24C03, CAT24C05
SCL
SDA
8th Bit Byte n
ACK tWR STOP CONDITION START CONDITION ADDRESS
Figure 7. Write Cycle Timing
BUS ACTIVITY: MASTER
S T A R T S
SLAVE ADDRESS
ADDRESS BYTE
DATA BYTE n
DATA BYTE n+1
DATA BYTE n+P
S T O P P
SLAVE n=1 P v 15
A C K
A C K
A C K
A C K
A C K
Figure 8. Page Write Sequence
ADDRESS BYTE 1 SCL 8 9 1
DATA BYTE 8
SDA
a7
a0 tSU:WP
d7
d0
WP tHD:WP
Figure 9. WP Timing
http://onsemi.com
7
CAT24C03, CAT24C05
READ OPERATIONS
Immediate Read
Upon receiving a Slave address with the R/W bit set to `1', the CAT24C03/05 will interpret this as a request for data residing at the current byte address in memory. The CAT24C03/05 will acknowledge the Slave address, will immediately shift out the data residing at the current address, and will then wait for the Master to respond. If the Master does not acknowledge the data (NoACK) and then follows up with a STOP condition (Figure 10), the CAT24C03/05 returns to Standby mode.
Selective Read
address of the location it wishes to read. After the CAT24C03/05 acknowledges the byte address, the Master device resends the START condition and the slave address, this time with the R/W bit set to one. The CAT24C03/05 then responds with its acknowledge and sends the requested data byte. The Master device does not acknowledge the data (NoACK) but will generate a STOP condition (Figure 11).
Sequential Read
Selective Read operations allow the Master device to select at random any memory location for a read operation. The Master device first performs a `dummy' write operation by sending the START condition, slave address and byte
BUS ACTIVITY: MASTER S T A R T S SLAVE
If during a Read session, the Master acknowledges the 1st data byte, then the CAT24C03/05 will continue transmitting data residing at subsequent locations until the Master responds with a NoACK, followed by a STOP (Figure 12). In contrast to Page Write, during Sequential Read the address count will automatically increment to and then wrap-around at end of memory (rather than end of page).
N O S AT CO KP P A C K 9 D ATA BYTE
SLAVE ADDRESS
SCL
8
SDA
8th Bit DATA OUT NO ACK STOP
Figure 10. Immediate Read Sequence and Timing
BUS ACTIVITY: MASTER S T A R T S SLAVE A C K A C K S T A R T S A C K D ATA BYTE N O SLAVE ADDRESS A C K A C K A C K N O SLAVE ADDRESS
SLAVE ADDRESS
ADDRESS BYTE
S AT CO KP P
Figure 11. Selective Read Sequence
BUS ACTIVITY: MASTER S AT CO KP P SLAVE A C K D ATA BYTE n D ATA BYTE n+1 D ATA BYTE n+2 D ATA BYTE n+x
Figure 12. Sequential Read Sequence
http://onsemi.com
8
CAT24C03, CAT24C05
PACKAGE DIMENSIONS
PDIP-8, 300 mils CASE 646AA-01 ISSUE A
SYMBOL A A1 A2 b E1 b2 c D E E1 e eB PIN # 1 IDENTIFICATION D L
MIN
NOM
MAX 5.33
0.38 2.92 0.36 1.14 0.20 9.02 7.62 6.10 7.87 2.92 3.30 3.30 0.46 1.52 0.25 9.27 7.87 6.35 2.54 BSC 10.92 3.80 4.95 0.56 1.78 0.36 10.16 8.25 7.11
TOP VIEW E
A
A2
A1 b2 L c
e SIDE VIEW Notes: (1) All dimensions are in millimeters. (2) Complies with JEDEC MS-001.
b
eB
END VIEW
http://onsemi.com
9
CAT24C03, CAT24C05
PACKAGE DIMENSIONS
SOIC 8, 150 mils CASE 751BD-01 ISSUE O
SYMBOL A A1 b c E1 E D E E1 e h L PIN # 1 IDENTIFICATION TOP VIEW
MIN 1.35 0.10 0.33 0.19 4.80 5.80 3.80
NOM
MAX 1.75 0.25 0.51 0.25 5.00 6.20 4.00
1.27 BSC 0.25 0.40 0.50 1.27
0
8
D
h
A1
A
c e SIDE VIEW b L END VIEW
Notes: (1) All dimensions are in millimeters. Angles in degrees. (2) Complies with JEDEC MS-012.
http://onsemi.com
10
CAT24C03, CAT24C05
PACKAGE DIMENSIONS
TSSOP8, 4.4x3 CASE 948AL-01 ISSUE O
b
SYMBOL
A A1 A2 b E1 E c D E E1 e L L1
MIN
0.05 0.80 0.19 0.09 2.90 6.30 4.30
NOM
MAX
1.20 0.15
0.90
1.05 0.30 0.20
3.00 6.40 4.40 0.65 BSC 1.00 REF
3.10 6.50 4.50
0.50
0.60
0.75
e
0
8
TOP VIEW D
A2
A
q1
c
A1 SIDE VIEW Notes: (1) All dimensions are in millimeters. Angles in degrees. (2) Complies with JEDEC MO-153.
L1 END VIEW
L
http://onsemi.com
11
CAT24C03, CAT24C05
PACKAGE DIMENSIONS
TDFN8, 2x3 CASE 511AK-01 ISSUE A
D A e b
E
E2 PIN#1 IDENTIFICATION
A1 PIN#1 INDEX AREA D2 L
TOP VIEW
SIDE VIEW
BOTTOM VIEW
SYMBOL A A1 A2 A3 b D D2 E E2 e L
MIN 0.70 0.00 0.45 0.20 1.90 1.30 2.90 1.20 0.20
NOM 0.75 0.02 0.55 0.20 REF 0.25 2.00 1.40 3.00 1.30 0.50 TYP 0.30
MAX 0.80 0.05 0.65 0.30 2.10 1.50 3.10 1.40 0.40 FRONT VIEW A2 A3
Notes: (1) All dimensions are in millimeters. (2) Complies with JEDEC MO-229.
http://onsemi.com
12
CAT24C03, CAT24C05
PACKAGE DIMENSIONS
TSOT-23, 5 LEAD CASE 419AE-01 ISSUE O SYMBOL
A A1 A2 b c D E1 E E E1 e L L1 L2 0.30 0.01 0.80 0.30 0.12 0.15 2.90 BSC 2.80 BSC 1.60 BSC 0.95 TYP 0.40 0.60 REF 0.25 BSC 0.50 0.05 0.87
D e
MIN
NOM
MAX
1.00 0.10 0.90 0.45 0.20
TOP VIEW
0
8
A2 A
q
b
A1 L1
L
c
L2
SIDE VIEW Notes: (1) All dimensions are in millimeters. Angles in degrees. (2) Complies with JEDEC MO-193.
END VIEW
http://onsemi.com
13
CAT24C03, CAT24C05
Example of Ordering Information
Prefix CAT Device # 24C03 Suffix Y I -G T3
Company ID Product Number 24C03 24C05 Package L: PDIP W: SOIC, JEDEC Y: TSSOP VP2: TDFN TD: TSOT
Temperature Range I = Industrial (-40C to +85C)
Lead Finish G: NiPdAu Blank: Matte-Tin
Tape & Reel (Note 13) T: Tape & Reel 3: 3,000 Units / Reel
9. All packages are RoHS-compliant (Lead-free, Halogen-free). 10. The standard lead finish is NiPdAu pre-plated (PPF) lead frames. 11. The device used in the above example is a CAT24C03YI-GT3 (TSSOP, Industrial Temperature, NiPdAu, Tape & Reel). 12. For additional package and temperature options, please contact your nearest ON Semiconductor Sales office. 13. For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D.
ON Semiconductor is licensed by Philips Corporation to carry the I2C Bus Protocol.
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Europe, Middle East and Africa Technical Support: Phone: 421 33 790 2910 Japan Customer Focus Center Phone: 81-3-5773-3850 ON Semiconductor Website: www.onsemi.com Order Literature: http://www.onsemi.com/orderlit For additional information, please contact your local Sales Representative
http://onsemi.com
14
CAT24C03/D


▲Up To Search▲   

 
Price & Availability of CAT24C03TDI-GT3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X