Part Number Hot Search : 
T4124 GS832 HZS33 GBL02 TOP200YN FSUSB300 FSS134 DTA113
Product Description
Full Text Search
 

To Download BZV55C51 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BZV55C SERIES
Pb
RoHS
COMPLIANCE
0.5 Watts Hermetically Sealed Glass Zener Voltage Regulators
MINI-MELF
Features
Zener voltage range 2.0 to 75 volts LL-34(Mini-MELF) package Surface device type mounting Hermetically sealed glass Compression Bonded Construction All external surfaces are corrosion resistant and terminals are readily solderable RoHS compliant Matte Tin(Sn) lead finish Blue color band indicates negative polarity
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25 oC ambient temperature unless otherwise specified.
Type Number
Power Dissipation Operating and Storage Temperature Range Notes:
Symbol Ptot TJ, TSTG
Value
500 -65 to + 200
Units
mW o C
These ratings are limiting values above which the serviceability of the diode may be impaired
Version: B07
RATINGS AND CHARACTERISTIC CURVES (BZV55C SERIES)
TKVZ - Temperature Coefficient of VZ (10-4/K)
Ptot - Total Power Dissipation (mW)
600 500 400 300 200 100 0 0
15
10
5
IZ = 5 mA
0
-5 0 10 20 40 30 VZ - Z-Voltage (V) 50
40
80
120
160
200
Tamb - Ambient Temperature (C)
Figure 1. Total Power Dissipation vs. Ambient Temperature
Figure 4. Temperature Coefficient of Vz vs. Z-Voltage
1000 CD - Diode Capacitance (pF) VZ - Voltage Change (mV)
200
Tj = 25 C
150
VR = 2 V Tj = 25 C
100
100
IZ = 5 mA
10
50
1 0 5 10 15 20 VZ - Z-Voltage (V)
0 25 0 5 10 15 20 25 VZ - Z-Voltage (V)
Figure 5. Diode Capacitance vs. Z-Voltage
Figure 2. Typical Change of Working Voltage under Operating Conditions at Tamb=25C
VZtn - Relative Voltage Change
1.3 IF - Forward Current (mA)
VZtn = VZt/VZ (25 C)
100 10
Tj = 25 C
1.2 1.1 1.0 0.9 0.8 - 60
TKVZ = 10 x 10-4/K 8 x 10 /K 6 x 10-4/K 4 x 10-4/K 2 x 10-4/K
-4
1
0
- 2 x 10-4/K - 4 x 10-4/K
0.1 0.01 0.001
0
60
120
180
240
0
0.2
0.4
0.6
0.8
1.0
Tj - Junction Temperature (C)
Figure 3. Typical Change of Working Voltage vs. Junction Temperature
VF - Forward Voltage (V)
Figure 6. Forward Current vs. Forward Voltage
Version: B07
RATINGS AND CHARACTERISTIC CURVES (BZV55C SERIES)
rZ - Differential Z-Resistance () 100 80 IZ - Z-Current (mA)
Ptot = 500 mW Tamb = 25 C
1000
IZ = 1 mA
100
5 mA
60 40 20 0 0 4 6 8 12 20 VZ - Z-Voltage (V)
Figure 7. Z-Current vs. Z-Voltage
10 10 mA
1
Tj = 25 C
0
5
10
15
20
25
VZ - Z-Voltage (V)
Figure 9. Differential Z-Resistance vs. Z-Voltage
50 40 30 20 10 0 15
Ptot = 500 mW Tamb = 25 C
IZ - Z-Current (mA)
20
25
30
35
VZ - Z-Voltage (V)
Figure 8. Z-Current vs. Z-Voltage
Zthp - Thermal Resistance for Pulse Cond. (KW)
1000
tP/T = 0.5 100 tP/T = 0.2 Single Pulse 10 tP/T = 0.1 tP/T = 0.02 iZM = (- VZ + (VZ2 + 4rzj x T/Zthp) 1/2)/(2rzj) 100 101 tP - Pulse Length (ms) 102 tP/T = 0.01 tP/T = 0.05 1 10-1 RthJA = 300 K/W T = Tjmax - Tamb
Figure 10. Thermal Response
Version: B07
ELECTRICAL CHARACTERISTICS (TA=25OC
Type Number BZV55C2V0 BZV55C2V2 BZV55C2V4 BZV55C2V7 BZV55C3V0 BZV55C3V3 BZV55C3V6 BZV55C3V9 BZV55C4V3 BZV55C4V7 BZV55C5V1 BZV55C5V6 BZV55C6V2 BZV55C6V8 BZV55C7V5 BZV55C8V2 BZV55C9V1 BZV55C10 BZV55C11 BZV55C12 BZV55C13 BZV55C15 BZV55C16 BZV55C18 BZV55C20 BZV55C22 BZV55C24 BZV55C27 BZV55C30 BZV55C33 BZV55C36 BZV55C39 BZV55C43 BZV55C47 BZV55C51 BZV55C56 BZV55C62 BZV55C68 BZV55C75 VZ @ IZT (Volts) VZ Min (V) 1.88 2.08 2.28 2.51 2.8 3.1 3.4 3.7 4.0 4.4 4.8 5.2 5.8 6.4 7.0 7.7 8.5 9.4 10.4 11.4 12.4 13.8 15.3 16.8 18.8 20.8 22.8 25.1 28 31 34 37 40 44 48 52 58 64 70 VZ Max (V) 2.11 2.33 2.56 2.89 3.2 3.5 3.8 4.1 4.6 5.0 5.4 6.0 6.6 7.2 7.9 8.7 9.6 10.6 11.6 12.7 14.1 15.6 17.1 19.1 21.1 23.3 25.6 28.9 32 35 38 41 46 50 54 60 66 72 80 IZT mA 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 2 2 2 2 2 2 2 2 2 2.5 2.5 2.5 ZZT @ IZT Ohms Max 100 100 85 85 85 85 85 85 75 60 35 25 10 8 7 7 10 15 20 20 26 30 40 50 55 55 80 80 80 80 80 90 90 110 125 135 150 160 170
unless otherwise noted) IR @ VR uA Max 50 50 50 10 4 2 2 2 1 0.5 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1
IZK mA 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5
ZZK @ IZK Ohms 600 600 600 600 600 600 600 600 600 600 550 450 200 150 50 50 50 70 70 90 110 110 170 170 220 220 220 220 220 220 220 500 600 700 700 1000 1000 1000 1000
VR V 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 2.0 3.0 5.0 6.2 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 28 32 35 38 42 47 51 56
VF Forward Voltage = 1.0v Maximum @ IF=100mA for all types. Notes: 1. The type numbers listed have zener voltage min/max limits as shown. 2. The zener impedance is derived from the 60-cycle ac voltage, which results when an ac current having an rams value equal to 10% of the dc zener current (IZT or IZK) is superimposed to IZT or IZK.
Version: B07


▲Up To Search▲   

 
Price & Availability of BZV55C51

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X