Part Number Hot Search : 
CD2399GP FN4413 LTL2R3K ES1BE TVV005 MAX16 AMSFOB CU1216LS
Product Description
Full Text Search
 

To Download BC807W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BC807W / BC808W
PNP Silicon Epitaxial Planar Transistors
for general purpose and switching applications These transistors are subdivided into three groups -16, -25, -40 according to their current gain.
Absolute Maximum Ratings (Ta = 25 OC) Parameter Collector Base Voltage Collector Emitter Voltage Emitter Base Voltage Collector Current Peak Collector Current Peak Base Current Power Dissipation Thermal Resistance , Junction to Ambient Junction Temperature Storage Temperature Range
1)
Symbol BC807W BC808W BC807W BC808W -VCBO -VCEO -VEBO -IC -ICM -IBM Ptot RJA TJ Ts
Value 50 30 45 25 5 500 1 200 200 625
1)
Unit V V V mA A mA mW K/W
O
150 -65 to +150
C C
O
Transistor mounted on an FR4 printed-circuit board.
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
(R)
Dated : 23/02/2006
BC807W / BC808W
Characteristics at Tamb = 25 OC Parameter DC Current Gain at -VCE = 1 V, -IC = 100 mA -16W -25W -40W at -VCE = 1 V, -IC = 500 mA Collector Base Breakdown Voltage at -IC = 10 A Collector Emitter Breakdown Voltage at -IC = 10 mA Emitter Base Breakdown Voltage at -IE= 10 A Collector Emitter Saturation Voltage at -IC = 500 mA, -IB = 50 mA Base Emitter Voltage at -IC = 500 mA, -VCE = 1 V Collector Cutoff Current at -VCB = 20 V at -VCB = 20 V, TJ = 150 OC Emitter Cutoff Current at -VEB = 5 V Transition Frequency at -VCE = 5 V, -IC = 10 mA, f = 100 MHz Collector Capacitance at -VCB = 10 V, f = 1 MHz hFE hFE hFE hFE -V(BR)CBO 100 160 250 40 50 30 45 25 5 80 250 400 600 0.7 1.2 100 5 100 10 V Symbol Min. Max. Unit
BC807W BC808W BC807W BC808W
-V(BR)CEO -V(BR)EBO -VCEsat -VBE -ICBO -IEBO fT Cc
V V V V nA A nA MHz pF
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
(R)
Dated : 23/02/2006
BC807W / BC808W
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
(R)
Dated : 23/02/2006
BC807W / BC808W
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
(R)
Dated : 23/02/2006


▲Up To Search▲   

 
Price & Availability of BC807W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X