Part Number Hot Search : 
QVE00118 MC3476P1 XB501C L2003 SHM50UF TGD13A UESP12J 87832
Product Description
Full Text Search
 

To Download ADAM-5080 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ADAM-5080 ADAM-5081
4-ch Counter/Frequency Module 4-ch High Speed Counter/Frequency Module NEW
ADAM-5080
RoHS
2002/95/EC
COMPLIANT
ADAM-5081
RoHS
2002/95/EC
COMPLIANT
Specifications
General
Certifications Connectors Power Consumption CE, FM 1 x Plug-in screw terminal (# 14 ~ 22 AWG) 1.5 W (max.)
Specifications
General
Certifications Power Consumption LED Channels Maximum Count Input Frequency CE 1.1 W (Max.) Power/Communication Indicator 4 4,294,967,295 (32 bit) 5 Hz ~ 1 MHz max. (frequency mode) 1 MHz max. (counter mode) Isolated or TTL level 1sec. (frequency mode) 1sec. (counter mode) 2 mA (isolated) Logic level 0: +3 Vdc (max), Logic level 1: +10 Vdc to 30 Vdc Logic level 0: 0 Vdc to 0.8 Vdc, Logic level 1: 2.3 Vdc to 5 Vdc 2,500 VRMS Counter (up/down, bi-direction, up, A/B Phase), Frequency Initial preset, hi-low alarm setting, alarm digital output mapping, overflag 1 ~ 65,000 sec (Noise Filter Function)
Counter/Frequency
Counter Aux. Function Initial preset, hi-low alarm setting, alarm digital output mapping, overflag Channels 4 Input Frequency 0.3 ~ 1,000 Hz max. (frequency mode) 5,000 Hz max. (counter mode) TTL only Input Level Isolated or TTL level Isolation Input Level Logic level 0: 1 Vmax Logic level 1: 3.5 ~ 30 V Isolation Voltage 1,000 VRMS Maximum Count 4,294,967,295 (32 bits) Minimum Input Current 2 mA (isolated) Minimum Pulse Width 500 s (frequency mode) 100 s (counter mode) Modes Counter (up/down, bi-direction) frequency Programmable Digital 1 ~ 65,000 sec (Noise Filter Function) Filter TTL Input Level Logic level 0: 0 ~ 0.8 V Logic level 1: 2.3 ~ 5 V Note: Does not support ADAM-5550 Series
Input Level Minimum Pulse Width Minimum Input Current Isolation Input Level TTL Input Level Isolation voltage Modes Counter Aux. Function
Programmable Digital Filter Note: For ADAM-5550 Series, ADAM-5000/485, ADAM-5000E, ADAM-5000/TCP, ADAM5510M, ADAM-5510/TCP and ADAM-5510E/TCP.
Ordering Information
ADAM-5080 4-ch Counter/Frequency Module
Ordering Information
ADAM-5081 4-ch High Speed Counter/Frequency Module
Online Download www.advantech.com/products


▲Up To Search▲   

 
Price & Availability of ADAM-5080

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X