Part Number Hot Search : 
TDA4480C 2005B 1212D AN8816 PS256 MB8848 TA0230A SL431AM
Product Description
Full Text Search
 

To Download 71661-1350 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0015922450 Active
ebbi_50d 1.27mm (.050") Pitch EBBITM 50D Plug, Vertical, without Latch, 50 Circuits, 2.79mm (.110") PC Tail Length
Documents: 3D Model Drawing (PDF)
RoHS Certificate of Compliance (PDF) Series
Agency Certification
CSA UL LR19980 E29179
image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Application Overview Product Name PCB Headers 71661 Board-to-Board, Wire-to-Board ebbi_50d EBBITM
Physical
Breakaway Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) First Mate / Last Break Flammability Glow-Wire Compliant Guide to Mating Part Keying to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Polarized to PCB No 50 50 Black 2,000 No 94V-0 No No None None Copper Alloy Gold Tin High Temperature Thermoplastic 2 Vertical 0.110 In 2.79 mm Yes Yes 0.062 In 1.60 mm Tray 0.050 In 1.27 mm 0.050 In 1.27 mm 30 0.76 75 1.91 Yes Yes
Search Parts in this Series 71661Series Mates With EBBITM 50D Receptacle 71660 , 87552
Shrouded Stackable Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style
Fully No No -40C to +105C Through Hole
Electrical
Current - Maximum per Contact Voltage - Maximum 1A 30V
Solder Process Data
Lead-free Process Capability Process Temperature max. C SMC & Wave Capable (TH only) 260
Material Info
Old Part Number A716611350
Reference - Drawing Numbers
Packaging Specification Sales Drawing PK-71660 SDA-71661-1***
This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 71661-1350

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X