Part Number Hot Search : 
31000 AS100 MMBZ15VA 1N980B AO4900AL AA3528 2SB1369 40150
Product Description
Full Text Search
 

To Download 503367-2000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/18/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
5033672000 Active
2.50mm (.098") Pitch Floating Wire-to-Board PCB Receptacle, Dual Row, Through Hole, Vertical, with Peg, 20 Circuits Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Documents: 3D Model Drawing (PDF)
Product Specification PS-503367-001 (PDF) RoHS Certificate of Compliance (PDF)
General
Product Family Series Application Product Name PCB Receptacles 503367 Wire-to-Board N/A
Physical
Circuits (Loaded) Color - Resin Durability (mating cycles max) Glow-Wire Compliant Keying to Mating Part Mated Height (in) Mated Height (mm) Material - Metal Material - Plating Mating Material - Plating Termination Number of Rows Orientation PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Polarized to Mating Part Polarized to PCB Temperature Range - Operating Termination Interface: Style 20 Black 100 No Yes 1.299 In 33.00 mm Copper Alloy Gold Tin 2 Vertical Yes Yes 0.062 In 1.60 mm Tray 0.098 In 2.50 mm Yes Yes -25C to +85C Through Hole
Search Parts in this Series 503367Series Mates With 503369 Plug Housing . 503370 Plug Terminal . 503371Plug Adaptor
Electrical
Current - Maximum per Contact Voltage - Maximum 3A 250V AC (RMS)/DC
Material Info Reference - Drawing Numbers
Application Specification Product Specification Sales Drawing AS-503367-001 PS-503367-001 SD-503367-001
This document was generated on 05/18/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 503367-2000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X