Part Number Hot Search : 
C2004 FW300B1 SSG4501 B2566 RD43E 5962F9 2SD19 BCW30LT1
Product Description
Full Text Search
 

To Download 47662-1000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0476621000 Active
slimline_serial_ata_odd_connectors 1.27mm (.050") Pitch Removable Interposer for Dual-Piece Slimline Serial ATA Connector Assembly, Right Angle, Through Hole, Gold (Au) Flash Plating, Leadfree
Documents: 3D Model Drawing (PDF)
Product Specification PS-47657-001 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only PCB Receptacles 47662 Board-to-Board Part is snap-fitted to the cover slimline_serial_ata_odd_connectors Serial ATA, Slimline Serial ATA EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Application Comments Overview Product Name
Physical
Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) Glow-Wire Compliant Guide to Mating Part Keying to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Resin Number of Rows Orientation PCB Locator PCB Retention Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Polarized to Mating Part Polarized to PCB Stackable Temperature Range - Operating Termination Interface: Style 22 22 Black 500 No Yes Yes Yes Copper Alloy Gold High Temperature Thermoplastic 1 Right Angle No None Tray 0.050 In 1.27 mm 0.050 In 1.27 mm Yes Yes No -35C to +85C Surface Mount
Search Parts in this Series 47662Series
Electrical
Current - Maximum per Contact Grounding to PCB Voltage - Maximum 1.5A Yes 15V DC
Solder Process Data
Duration at Max. Process Temperature (seconds) Lead-free Process Capability Max. Cycles at Max. Process Temperature Process Temperature max. C 10 Reflow Capable (SMT only) 1 260
Material Info
Reference - Drawing Numbers
Packaging Specification Product Specification Sales Drawing PK-47662-001 PS-47657-001 SD-47662-100
This document was generated on 05/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 47662-1000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X