Part Number Hot Search : 
BUZ70 SC421506 106K0 MPQ7091 SMCJ10 MCL35PT D3NQ10T KTA708
Product Description
Full Text Search
 

To Download 368007 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 oH VE S CO AV R M AI SIO PL LA N IA BL S NT E
Features

Repeatable settings Resolution to 0.001 % Digital display provides excellent readability Snap-in panel mount
*R
3680 Family - Precision Potentiometer
Electrical Characteristics1
Standard Resistance Range .............................................................................10 ohms to 1 megohm Total Resistance Tolerance ...........................................................................................................3 % Dielectric Withstanding Voltage (MIL-STD-202, Method 301) Sea Level ..........................................................................................................1,000 VAC minimum Power Rating (Voltage Limited By Power Dissipation or 500 VAC, Whichever is Less) +25 C ...................................................................................................................................2 watts +85 C......................................................................................................................................0 watt Insulation Resistance (500 VDC)..................................................................1,000 megohms minimum Resolution 3681 ..........................................................................................................................................10 % 3682 ............................................................................................................................................1 % 3683 .........................................................................................................................................0.1 % 3684 .......................................................................................................................................0.01 % 3685 .....................................................................................................................................0.001 % Absolute Minimum Resistance...............................3 ohms or 0.2 % maximum (whichever is greater) Accuracy (Dial Reading to Output Ratio)....................................................................1.0 % full scale
Product Dimensions
3680
a
1
2
3
3 2 1
Environmental Characteristics1
Operating Temperature Range ...................................................................................-25 C to +85 C Storage Temperature Range.......................................................................................-25 C to +85 C Temperature Coefficient Over Storage Temperature Range ...........................100 ppm/C maximum Vibration .........................................................................................................................................10 G Wiper Bounce ...........................................................................................0.1 millisecond maximum Total Resistance Shift ..............................................................................................1 % maximum Voltage Ratio Shift ................................................................................................0.2 % maximum Shock .............................................................................................................................................50 G Wiper Bounce ...........................................................................................0.1 millisecond maximum Total Resistance Shift ..............................................................................................1 % maximum Voltage Ratio Shift ................................................................................................0.2 % maximum Load Life ...............................................................................................................1,000 hours, 2 watts Total Resistance Shift ..............................................................................................2 % maximum Rotational Life .........................................................................75,000 button operations each decade Total Resistance Shift ..............................................................................................2 % maximum IP Rating ........................................................................................................................................IP 40
c b
d
Mechanical Characteristics
1
Weight....................................3681 (9 gm); 3682 (16 gm); 3683 (23 gm); 3684 (30 gm); 3685 (37 gm) Terminals .....2.79 mm (0.11 in.) wide x .41 mm (.016 in.) thick, tinned solder lugs for 3 #20 AWG wires Soldering Condition Manual Soldering..........................................................96.5Sn/3.0Ag/0.5Cu solid wire or no-clean rosin cored wire; 370 C (700 F) max. for 3 seconds Wave Soldering ....................96.5Sn/3.0Ag/0.5Cu solder with no-clean flux; 260 C (500 F) max. for 5 seconds Wash processes..................................................................................................Not recommended Marking ...............................Manufacturer's name and part number, resistance value and date code. Ganging (Multiple Section Potentiometers) ...............................................Up to 5 decades maximum Readout Marking ........................................................................................................10 positions, 0-9 Actuating Force ...................................................................................19 to 29 oz. on detent decades Actuating Force Variation ..............................................................................................4 oz. maximum
1
7.77 .38 (.306 .015) 7.87 (.31) e 20.57 (.810) 23.62 (.93)
8.38 .38 (.33 .015)
At room ambient: +25 C nominal and 50 % relative humidity nominal, except as noted. NOTE: Terminals 1 & 3 are reversed from illustration for models 3682 and 3684.
PANEL .81 (.032) 3.18 MAX. (.125) MIN. 26.67 (1.050)
Product Dimensions
Model 3681 3682 3683 3684 3685 Dimensions a 16.51 (.650) 26.67 (1.05) 37.08 (1.46) 47.50 (1.87) 57.66 (2.270) b 14.99 (.590) 25.15 (.99) 35.31 (1.39) 45.47 (1.79) 55.63 (2.190) Dimensions f -.010 (-.254) 21.08 21.08 21.08 21.08 21.08 (.830) (.830) (.830) (.830) (.830) g -.010 (-.254) 15.75 (.620) 25.91 (1.020) 36.07 (1.420) 46.23 (1.820) 56.39 (2.220) RECOMMENDED PANEL CUTOUT f c -- 10.67 (.42) 18.54 (.73) 30.73 (1.21) 39.12 (1.540) d 9.91 (.39) 11.94 (.47) 11.94 (.47) 11.94 (.47) 11.94 (.47) e -.381 (-.015) 4.19 8.38 4.19 8.38 4.19 (.165) (.330) (.165) (.330) (.165) Weight (Approx.) oz. .336 .576 .824 1.072 1.320 gms. 9.5 16.5 23.5 30.5 37.5
3.18 (.125)
TOLERANCES: EXCEPT WHERE NOTED .38 .13 DECIMALS: .XX .XXX (.015) (.005) FRACTIONS: 1/64 MM DIMENSIONS: (IN.)
2 1
INCR.
WIPER
Model 3681 3682 3683 3684 3685
3
g
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
.76 R MAX. (.03)
3680 Family - Precision Potentiometer
Recommended Part Numbers
Resistance 3681S-1 3682S-1 3683S-1 3684S-1 3685S-1
() 50 100 200 500 1,000 2,000 5,000 10 K 20 K 50 K 100 K 500 K 1 Meg
1
Decade
2
Decade
3
Decade
4
Decade
5
Decade
-500L -101L -201L -501L -102L -202L -502L -103L
-104L
-501L -102L -202L -502L -103L -203L -503L -104L -105L
-102L -202L -502L -103L -203L -503L -104L -504L -105L
-103L -203L -503L -104L -504L -105L
-104L -504L -105L
BOLDFACE LISTINGS ARE IN STOCK AND READILY AVAILABLE THROUGH DISTRIBUTION. FOR OTHER OPTIONS CONSULT FACTORY. RoHS IDENTIFIER: L = COMPLIANT BLANK = NON-COMPLIANT
REV. 05/07 Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.


▲Up To Search▲   

 
Price & Availability of 368007

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X