Part Number Hot Search : 
15NM60N 50N60 01111 KA2154 29LV04 U2400 BTB08B 92315
Product Description
Full Text Search
 

To Download 2SB1478 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
2SB1478
DESCRIPTION *With TO-247 package *Complement to type 2SD2237 *High DC current gain *DARLINGTON APPLICATIONS *For use in power linear and switching applications
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter DESCRIPTION
Absolute maximum ratings(Tc=25 )
SYMBOL VCBO VCEO VEBO IC PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector power dissipation Junction temperature Storage temperature TC=25 Open emitter Open base Open collector CONDITIONS VALUE -100 -100 -5 -8 60 150 -55~150 UNIT V V V A W
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-base breakdown voltage Emitter-base breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain CONDITIONS IC=-10mA; IB=0 IC=-0.1mA; IE=0 IE=-2mA; IC=0 IC=-5A;IB=-20m A IC=-5A;IB=-20m A VCB=-100V; IE=0 VEB=-5V; IC=0 IC=-2A ; VCE=-3V 2000 MIN -100 -100 -5
2SB1478
SYMBOL V(BR)CEO V(BR)CBO V(BR)EBO VCEsat VBEsat ICBO IEBO hFE
TYP.
MAX
UNIT V V V
-2.0 -2.5 -10 -2 20000
V V A mA
2
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SB1478
Fig.2 Outline dimensions
3


▲Up To Search▲   

 
Price & Availability of 2SB1478

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X