Part Number Hot Search : 
ALD4701A MM3ZXVXB SC6433 8008TBN NJU6343 MJE340 20PT1 MB3882
Product Description
Full Text Search
 

To Download 2SB1192 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
2SB1192
DESCRIPTION *With TO-220Fa package *High VCEO *Large PC *Complement to type 2SD1770 APPLICATIONS *Power amplifier *TV vertical deflection output
PINNING PIN 1 2 3 DESCRIPTION Emitter Collector Base
Absolute maximum ratings(Ta=25 )
SYMBOL VCBO VCEO VEBO IC ICM PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-peak Ta=25 PC Collector power dissipation TC=25 Tj Tstg Junction temperature Storage temperature 25 150 -55~150 CONDITIONS Open emitter Open base Open collector VALUE -200 -150 -6 -1 -2 2 W UNIT V V V A A
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector-emitter saturation voltage Base-emitter on voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain Output capacitance Transition frequency CONDITIONS IC=-5mA , B=0 IE=-0.5mA ,IC=0 IC=-500mA; IB=-50mA IC=-300mA ; VCE=-10V VCB=-200V; IE=0 VEB=-4V; IC=0 IC=-100mA ; VCE=-10V IC=-300mA ; VCE=-10V IE=0 ; VCB=-10V,f=1MHz IC=-100mA ; VCE=-10V 60 50 MIN -150 -6
2SB1192
SYMBOL V(BR)CEO V(BR)EBO VCEsat VBE ICBO IEBO hFE-1 hFE-2 COB fT
TYP.
MAX
UNIT V V
-1.0 -1.0 -50 -50 240
V V A A
35 20
pF MHz
hFE-1 Classifications Q 60-140 P 100-240
2
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SB1192
Fig.2 Outline dimensions(unindicated tolerance:0.15 mm)
3


▲Up To Search▲   

 
Price & Availability of 2SB1192

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X