Part Number Hot Search : 
ST211 GT40RR21 C2751 HPI6FFR4 CVA2415 IL223AT MF194SC CD401
Product Description
Full Text Search
 

To Download 2SB1192 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
2SB1192
DESCRIPTION With TO-220Fa package High VCEO Large PC Complement to type 2SD1770 APPLICATIONS Power amplifier TV vertical deflection output
PINNING PIN 1 2 3 DESCRIPTION Emitter Collector Base
Absolute maximum ratings(Ta=25ae )
SYMBOL VCBO VCEO VEBO IC ICM PARAMETER

Collector-base voltage
INCH
Collector-emitter voltage
Emitter-base voltage
ANG
EMIC ES
Open emitter Open base Open collector
CONDITIONS
OND
TOR UC
VALUE -200 -150 -6 -1 -2
UNIT V V V A A
Collector current Collector current-peak Ta=25ae
2 W 25 150 -55~150 ae ae
PC
Collector power dissipation TC=25ae
Tj Tstg
Junction temperature Storage temperature
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER CONDITIONS MIN
2SB1192
SYMBOL
TYP.
MAX
UNIT
V(BR)CEO
Collector-emitter breakdown voltage
IC=-5mA , B=0
-150
V
V(BR)EBO VCEsat
Emitter-base breakdown voltage
IE=-0.5mA ,IC=0 IC=-500mA; IB=-50mA
-6
V
Collector-emitter saturation voltage
-1.0
V
VBE
Base-emitter on voltage
IC=-300mA ; VCE=-10V
-1.0
V
ICBO
Collector cut-off current
VCB=-200V; IE=0
-50
|I
A
IEBO
Emitter cut-off current
VEB=-4V; IC=0
-50
|I
A
hFE-1
DC current gain
hFE-2 COB
DC current gain
Output capacitance
ANG CH
P
IC=-100mA ; VCE=-10V
60
240
IC=-300mA ; VCE=-10V IE=0 ; VCB=-10V,f=1MHz
fT
Transition frequency
hFE-1 Classifications Q 60-140
IN
EMIC ES
IC=-100mA ; VCE=-10V
OND
TOR UC
50 35 20
pF
MHz
100-240
2
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SB1192
SEM GE
HAN INC
OND IC
TOR UC
Fig.2 Outline dimensions(unindicated tolerance:A
0.15 mm)
3


▲Up To Search▲   

 
Price & Availability of 2SB1192

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X