Part Number Hot Search : 
C123J D227EI 2SJ337 DA3B182 MIC47050 TDA8034 M54617P NJM2232A
Product Description
Full Text Search
 

To Download 2SB1190 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JMnic
Product Specification
Silicon PNP Power Transistors
2SB1190
DESCRIPTION With TO-220 package High VCEO Large PC Complement to type 2SD1772 APPLICATIONS Power amplifier TV vertical deflection output
PINNING PIN 1 2 3 DESCRIPTION Emitter Collector;connected to mounting base Base Fig.1 simplified outline (TO-220) and symbol
Absolute maximum ratings(Ta=25ae )
SYMBOL VCBO VCEO VEBO IC ICM PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-peak Ta=25ae PC Collector power dissipation TC=25ae Tj Tstg Junction temperature Storage temperature 25 150 -55~150 ae ae CONDITIONS Open emitter Open base Open collector VALUE -200 -150 -6 -1 -2 1.4 W UNIT V V V A A
JMnic
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER CONDITIONS MIN
2SB1190
SYMBOL
TYP.
MAX
UNIT
V(BR)CEO
Collector-emitter breakdown voltage
IC=-5mA , B=0
-150
V
V(BR)EBO VCEsat
Emitter-base breakdown voltage
IE=-0.5mA ,IC=0 IC=-500mA; IB=-50mA
-6
V
Collector-emitter saturation voltage
-1.0
V
VBE
Base-emitter on voltage
IC=-300mA ; VCE=-10V
-1.0
V
ICBO
Collector cut-off current
VCB=-200V; IE=0
-50
|I
A
IEBO
Emitter cut-off current
VEB=-4V; IC=0
-50
|I
A
hFE-1
DC current gain
IC=-100mA ; VCE=-10V
60
240
hFE-2 COB
DC current gain
IC=-300mA ; VCE=-10V IE=0 ; VCB=-10V,f=1MHz
50
Output capacitance
35
pF
fT
Transition frequency
IC=-100mA ; VCE=-10V
20
MHz
hFE-1 Classifications Q 60-140 P 100-240
2
JMnic
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SB1190
Fig.2 Outline dimensions(unindicated tolerance:A
0.10 mm)
3


▲Up To Search▲   

 
Price & Availability of 2SB1190

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X