Part Number Hot Search : 
FDS8960 TC74LV MMBZ5242 PI3B3251 ID1212SA 5KE91 1N1189 MC14022B
Product Description
Full Text Search
 

To Download 1N5941A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Certificate TH97/10561QM
Certificate TW00/17276EM
1N5913A - 1N5957A
VZ : 3.3 - 240 Volts PD : 3 Watts
FEATURES :
* Complete Voltage Range 3.3 to 200 Volts * High peak reverse power dissipation * High reliability * Low leakage current * Pb / RoHS Free
SILICON ZENER DIODES
DO - 41
0.108(2.74) 0.079 (1.99)
1.00 (25.4) MIN.
0.205 (5.20) 0.161 (4.10)
MECHANICAL DATA
* Case : DO-41 Molded plastic * Epoxy : UL94V-O rate flame retardant * Lead : Axial lead solderable per MIL-STD-202, method 208 guaranteed * Polarity : Color band denotes cathode end * Mounting position : Any * Weight : 0.335 gram
0.034 (0.86) 0.028 (0.71)
1.00 (25.4) MIN.
Dimensions in inches and ( millimeters )
MAXIMUM RATINGS
Rating at 25 C ambient temperature unless otherwise specified
Rating
Maximum Steady state Power Dissipation @ TL = 75 C, Lead Length = 3/8" Derate above 75 C Steady State Power Dissipation @ TL = 50 C, Lead Length = 3/8" Derate above 50 C Operating and Storage Temperature Range
Symbol
PD
Value
3.0 24
Unit
W mW/C W mW/C C
PD
1.0 6.67
TJ,TSTG
- 65 to + 200
Fig. 1 POWER TEMPERATURE DERATING CURVE PD, STEADY STATE DISSIPATION (WATTS) 5
L = 1/8" L = LEAD LENGTH TO HEAT SINK
4
L = 3/8"
3 2 1 0 0 40 80 120 160 200
L = 1"
TL, LEAD TEMPERATURE (C)
Page 1 of 2
Rev. 07 : May 27, 2006
Certificate TH97/10561QM
Certificate TW00/17276EM
ELECTRICAL CHARACTERISTICS
Rating at 25 C ambient temperature unless otherwise specified. Nominal Zener Voltage VZ @ IZT IZT (V) 1N5913A 1N5914A 1N5915A 1N5916A 1N5917A 1N5918A 1N5919A 1N5920A 1N5921A 1N5922A 1N5923A 1N5924A 1N5925A 1N5926A 1N5927A 1N5928A 1N5929A 1N5930A 1N5931A 1N5932A 1N5933A 1N5934A 1N5935A 1N5936A 1N5937A 1N5938A 1N5939A 1N5940A 1N5941A 1N5942A 1N5943A 1N5944A 1N5945A 1N5946A 1N5947A 1N5948A 1N5949A 1N5950A 1N5951A 1N5952A 1N5953A 1N5954A 1N5955A 1N5956A 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47 51 56 62 68 75 82 91 100 110 120 130 150 160 180 200 (mA) 113.6 104.2 96.1 87.2 79.8 73.5 66.9 60.5 55.1 50.0 45.7 41.2 37.5 34.1 31.2 28.8 25.0 23.4 20.8 18.7 17.0 15.6 13.9 12.5 11.4 10.4 9.6 8.7 8.0 7.3 6.7 6.0 5.5 5.0 4.6 4.1 3.7 3.4 3.1 2.9 2.5 2.3 2.1 1.9 Maximum Zener Impedance ZZK @ IZK () 500 500 500 500 500 350 250 200 200 400 400 500 500 550 550 550 600 600 650 650 650 700 700 750 800 850 900 950 1000 1100 1300 1500 1700 2000 2500 3000 3100 4000 4500 5000 6000 6500 7000 9990 Maximum Reverse Leakage Current IR @ V R (A) 100 75 25 5.0 5.0 5.0 40 40 50 50 50 50 50 50 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 (V) 1.0 1.0 1.0 1.0 1.5 2.0 3.0 4.0 5.2 6.0 6.5 7.0 8.0 8.4 9.1 9.9 11.4 12.2 13.7 15.2 16.7 18.2 20.6 22.8 25.1 27.4 29.7 32.7 35.8 38.8 42.6 47.1 51.7 56.0 62.2 69.2 76.0 83.6 91.2 98.8 114.0 121.6 136.8 152.0 Maximum DC Zener Current IZM (mA) 454 416 384 348 319 294 267 241 220 200 182 164 150 136 125 115 100 93 83 75 68 62 55 50 45 41 38 34 31 29 26 24 22 20 18 16 15 13 12 11 10 9.0 8.0 7.0 6.0
TYPE
ZZT @ IZT () 10 9.0 7.5 6.0 5.0 4.0 2.0 2.0 2.5 3.0 3.5 4.0 4.5 5.5 6.5 7.0 9.0 10 12 14 17.5 19 23 26 33 38 45 53 67 70 86 100 120 140 160 200 250 300 380 450 600 700 900 1900
IZK (mA) 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 0.5 0.5 0.5 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25
240 1.5 1600 9000 0.25 1.0 182.4 1N5957A Note : (1) Suffix "A" indicates 10% tolerance, suffix "B" indicates 5% tolerance and suffix "C" indicates 2% tolerance.
Page 2 of 2
Rev. 07 : May 27, 2006


▲Up To Search▲   

 
Price & Availability of 1N5941A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X