Part Number Hot Search : 
256P30 RN2324A FC6156 MAX15022 C221A 15A02 AAT4680 FC6156
Product Description
Full Text Search
 

To Download 1N5819D-T39L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N5819D-T39L
MECHANICAL DATA Dimensions in mm (inches)
8.89 (0.35) 9.40 (0.37) 7.75 (0. 305) 8.51 (0. 335) 5.08 (0. 200) typ.
DUAL COMMON CATHODE ULTRA FAST RECTIFIER IN A LOW PROFILE HERMETIC TO39 PACKAGE
2. 54 (0.100)
4.19 (0. 165) 4.95 (0. 195)
2 1 3
0.66 (0. 026) 1.14 (0. 045) 0.71 (0. 028) 0.86 (0. 034)
FEATURES
* * * * * Hermetic Low Profile TO39 Common Cathode Connection VRRM = 40V IF(AV) = 1A Screening Options Available
12.70 (0.500) min.
0. 89 m a x . (0. 035) 7.75 (0. 305) 8.51 (0. 335) dia.
45
TO39 PACKAGE
1 = Anode1 2 = Anode 2 3 = Cathode 1, Cathode 2
!
ABSOLUTE MAXIMUM RATINGS (Tcase = 25C unless otherwise stated)
VRRM VWRM IF(AV) IFSM Tstg Tj RGJC Maximum Repetitive Peak Reverse Voltage Maximum Working Peak Reverse Voltage Maximum Average Forward Current Maximum Forward Surge Current Storage Temperature Range Maximum Operating Junction Temperature Thermal Resistance (Junction-Case) 40V 40V 1A 50A -55 to +175C -55 to +150C TBA
ELECTRICAL CHARACTERISTICS Parameter
VF IF Cd Forward Voltage Reverse Current Junction Capacitance IF = 1A IF = 3A
Test Conditions
IF = 0.1A Tj = 25C Tj = 25C Tj = 25C Tj = 25C Tj = 25C
Min.
Typ.
Max.
0.4 0.6 0.85 1
Unit
V V V mA pF
VRR = 40V VR = 5 V
50
Semelab plc.
Telephone +44(0)1455) 556565. Fax +44(0)1455) 552612. E-mail: sales@semelab.co.uk Website: http://www.semelab.co.uk
Prelim. 2/99


▲Up To Search▲   

 
Price & Availability of 1N5819D-T39L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X