|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
1N4001G - 1N4007G BY133G PRV : 50 - 1000 Volts Io : 1.0 Ampere FEATURES : * * * * * * Glass passivated chip High current capability High reliability Low reverse current Low forward voltage drop Pb / RoHS Free GLASS PASSIVATED JUNCTION SILICON RECTIFIERS DO - 41 0.107 (2.7) 0.080 (2.0) 1.00 (25.4) MIN. 0.205 (5.2) 0.166 (4.2) MECHANICAL DATA : * Case : DO-41 Molded plastic * Epoxy : UL94V-O rate flame retardant * Lead : Axial lead solderable per MIL-STD-202, Method 208 guaranteed * Polarity : Color band denotes cathode end * Mounting position : Any * Weight : 0.34 gram 0.034 (0.86) 0.028 (0.71) 1.00 (25.4) MIN. Dimensions in inches and ( millimeters ) MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%. RATING Maximum Repetitive Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Current 0.375"(9.5mm) Lead Length Ta = 75 C Peak Forward Surge Current 8.3ms Single half sine wave Superimposed on rated load (JEDEC Method) Maximum Forward Voltage at IF = 1.0 Amp. Maximum DC Reverse Current at rated DC Blocking Voltage Ta = 25 C Ta = 100 C SYMBOL VRRM VRMS VDC IF(AV) IFSM VF IR IR(H) CJ RJA TJ TSTG 1N 1N 1N 1N 1N 1N 1N 4001G 4002G 4003G 4004G 4005G 4006G 4007G 50 100 200 400 600 800 1000 35 50 70 100 140 200 280 400 1.0 30 1.0 5.0 50 8 45 - 65 to + 175 - 65 to + 175 420 600 560 800 700 1000 BY 133G 1300 910 1300 UNIT V V V A A V A A pF C/W C C Typical Junction Capacitance (Note1) Typical Thermal Resistance (Note2) Junction Temperature Range Storage Temperature Range Notes : (1) Measured at 1.0 MHz and applied reverse voltage of 4.0VDC (2) Thermal resistance from Junction to Ambient at 0.375" (9.5mm) Lead Lengths, P.C. Board Mounted. Page 1 of 2 Rev. 02 : March 25, 2005 RATING AND CHARACTERISTIC CURVES ( 1N4001G - BY133G ) FIG.1 - DERATING CURVE FOR OUTPUT RECTIFIED CURRENT AVERAGE FORWARD OUTPUT CURRENT, AMPERES 1.0 30 FIG.2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT PEAK FORWARD SURGE CURRENT, AMPERES Ta = 25 C 24 0.8 0.6 18 0.4 12 0.2 6 0 0 25 50 75 100 125 150 175 0 1 2 4 6 10 20 40 60 100 AMBIENT TEMPERATURE, ( C) NUMBER OF CYCLES AT 60Hz FIG.3 - TYPICAL FORWARD CHARACTERISTICS REVERSE CURRENT, MICROAMPERES FORWARD CURRENT, AMPERES FIG.4 - TYPICAL REVERSE CHARACTERISTICS 10 10 Ta = 100 C 1.0 1.0 Pulse Width = 300 s 2% Duty Cycle 0.1 TJ = 25 C 0.1 Ta = 25 C 0.01 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 0.01 0 20 40 60 80 100 120 140 FORWARD VOLTAGE, VOLTS PERCENT OF RATED REVERSE VOLTAGE, (%) Page 2 of 2 Rev. 02 : March 25, 2005 |
Price & Availability of 1N4001G05 |