|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 02/16/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Description: 0906631601 Active 2.54mm (.100") Pitch QF-50TM Vertical, MIL Keying with Latch/Eject Levers, Shrouded Header, 60 Circuits Documents: 3D Model Drawing (PDF) Product Specification PS-99020-0015 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. General Product Family Series Comments Component Type Glow-Wire Compliant Product Name Ribbon Cable / Wire Trap Connectors 90663 Eject Levers PCB Header No QF-50TM Physical Circuits (Loaded) Color - Resin Durability (mating cycles max) Entry Angle Flammability Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to PCB Shrouded Stackable Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style Wire Insulation Diameter Wire Size AWG Wire/Cable Type 60 Black 300 Vertical 94V-0 None Brass Gold Tin Polyester 2 None 0.062 In 1.60 mm Tray 0.100 In 2.54 mm 4 0.1 118 3 No Fully No No -25C to +85C Through Hole N/A N/A Ribbon Cable Search Parts in this Series 90663Series Mates With 90635 Electrical CSA Current - Maximum per Contact UL Voltage - Maximum LR19980 2.5A E29179 250V AC/DC Solder Process Data Lead-free Process Capability Wave Capable (TH only) Material Info Reference - Drawing Numbers Product Specification Sales Drawing PS-99020-0015 SDA-90663E This document was generated on 02/16/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Price & Availability of 0906631601 |