Part Number Hot Search : 
200AB GMS84512 TUF206 H2072Z01 DA15PQR6 M61519FP SC961110 DA15PQR5
Product Description
Full Text Search
 

To Download 0876682002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/21/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0876682002 Active
extreme_powerplus_ssi 6.35mm (.250") Pitch, Power, 2.54mm (.100") Pitch, Signal, EXTreme PowerPlusTM SPb Receptacle, Through Hole, Right Angle, Beveled Metal Pins, 0.76m (30") Gold (Au) Plating, 34 Circuits, Signal 24, Power Beta 10, No Void Pin, Leadfree
Documents: 3D Model Drawing (PDF)
Product Specification PS-87631-006 (PDF) RoHS Certificate of Compliance (PDF) image - Reference only
Series
Agency Certification
CSA UL LR19980 E29179 EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Application Comments Overview Product Literature Order No Product Name PCB Receptacles 87668 Board-to-Board
  • Void Signal Pin: Nil extreme_powerplus_ssi 987650-3002 EXTreme PowerPlusTM
    Physical
    Circuits (Loaded) Circuits Detail Color - Resin Durability (mating cycles max) Flammability Glow-Wire Compliant Guide to Mating Part Lock to Mating Part Mated Height (in) Mated Height (mm) Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Polarized to PCB 34 Signal 24, Power Beta 10 Black 100 94V-0 No Yes Yes 0.495 In 12.57 mm High Performance Alloy (HPA), Phosphor Bronze Gold Tin High Temperature Thermoplastic 4 Right Angle 0.135 In 3.43 mm Yes Yes 0.062 In 1.60 mm Tray 0.100 In, 0.250 In 2.54 mm, 6.35 mm 30.4 0.76 101.6 2.54 Yes Yes
    Search Parts in this Series 87668Series Mates With 87667 EXTreme PowerPlusTM Right Angle S-Pb Header
    Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style
    Yes -20C to +105C Through Hole
    Electrical
    Current - Maximum per Contact Voltage - Maximum 2.5A, 30A 50V DC
    Solder Process Data
    Duration at Max. Process Temperature (seconds) Lead-free Process Capability Max. Cycles at Max. Process Temperature Process Temperature max. C 10 SMC & Wave Capable (TH only) 3 260
    Material Info Reference - Drawing Numbers
    Application Specification Product Specification Sales Drawing AS-87631-018 PS-87631-006 SD-87668-014
    This document was generated on 05/21/2010
    PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION

  • ▲Up To Search▲   

     
    Price & Availability of 0876682002

    All Rights Reserved © IC-ON-LINE 2003 - 2022  

    [Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
    Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


     . . . . .
      We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X