Part Number Hot Search : 
04001 N4730 12S12 PLS153AN DTA115EM 2SK2508 A50HGVM F1D38
Product Description
Full Text Search
 

To Download 0872631823 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 04/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0872631823 Active
2.00mm (.079") Pitch Milli-GridTM Receptacle, Surface Mount, Bottom Entry, 0.38m (15") Gold (Au) Selective, 18 Circuits, without Pick-and-Place Cap, Tube, Leadfree
Documents: 3D Model Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA UL LR19980 E29179
Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Application Product Literature Order No Product Name PCB Receptacles 87263 Board-to-Board 987650-1991 Milli-GridTM
Physical
Circuits (Loaded) Color - Resin Durability (mating cycles max) Flammability Glow-Wire Compliant Lock to Mating Part Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PCB Locator PCB Retention Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Polarized to Mating Part Polarized to PCB Temperature Range - Operating Termination Interface: Style 18 Black 25 94V-0 No None Gold Tin High Temperature Thermoplastic 2 Bottom Entry Yes None Tube 0.079 In 2.00 mm 0.079 In 2.00 mm 15.2 0.38 No Yes -55C to +105C Surface Mount
Search Parts in this Series 87263Series Mates With 87759 Vertical, Surface Mount, Stackable PCB Headers, 87760 Right Angle, Through Hole, Stackable PCB Headers, 87758 Vertical, Through Hole, Stackable PCB Headers
Electrical
Current - Maximum per Contact Voltage - Maximum 1A 125V
Solder Process Data
Duration at Max. Process Temperature (seconds) Lead-free Process Capability Max. Cycles at Max. Process Temperature Process Temperature max. C 14 Reflow Capable (SMT only) 1 265
Material Info
Reference - Drawing Numbers
Sales Drawing SD-87263-**2*
This document was generated on 04/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0872631823

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X