Part Number Hot Search : 
MBRF201 6417760 74VHC TK11A50D 00250 PC2430 8TT100 CY7C1990
Product Description
Full Text Search
 

To Download 0760645001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/28/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0760645001 Active
sfp_stacked_multiport_connectors Small Form-factor Pluggable Plus (SFP+) Stacked 2-by-1 Multi-Port Press Fit Connector without Lightpipe Ports, EMI Metal Gasket, 40 Circuits, Tin (Sn) Tails
Documents: Drawing (PDF) 3D Model Application Specification (PDF)
Test Summary (PDF) Product Specification PS-75310-001 (PDF) RoHS Certificate of Compliance (PDF) image - Reference only
Series
Agency Certification
CSA UL LR19980 E29179 EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Application Component Type Overview Product Name Type I/O Connectors 76064 Module-to-Board Receptacle sfp_stacked_multiport_connectors SFP Plus N/A
Physical
Boot Color Circuits (Loaded) Circuits (maximum) Circuits Detail Color - Resin Durability (mating cycles max) Flammability Gender Keying to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) N/A 40 40 40 Black 100 94V-0 Female None Yes High Performance Alloy (HPA) Gold Tin High Temperature Thermoplastic 2 Right Angle 0.081 In 2.07 mm Yes Yes 0.062 In 1.57 mm Tray No 0.031 In 0.80 mm 0.031 In 0.80 mm 30.4 0.76 30.4
Search Parts in this Series 76064Series Use With 0759510999 SFP Dust Plug, Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # SFP Insertion Tool, 2 0622029910 x 1 Medium SFP Extraction Tool, 0622029930 2 x 1 Medium
Plating min: Termination (m) Polarized to Mating Part Polarized to PCB Ports Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style Waterproof / Dustproof
0.76 Yes Yes 2 Yes -40C to +85C Through Hole - Compliant Pin No
Electrical
Current - Maximum per Contact Grounding to Panel Shield Type Shielded Voltage - Maximum 0.5A None EMI Gasket Yes 120V AC (RMS)/DC
Material Info Reference - Drawing Numbers
Packaging Specification Product Specification Sales Drawing PK-75462-001 PS-75310-001 SD-76064-001
This document was generated on 05/28/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0760645001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X