|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 05/27/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Overview: Description: 0746501112 Active vhdm__hsd 2.00mm (.079") Pitch 8-Row VHDM-HSDTM Backplane Header, Guide Pin Signal Module, Signal Pin End Version, Advanced Mate Shield, 60 Circuits, Pin Length 6.25mm (.246") Documents: Drawing (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only LR19980 EU RoHS China RoHS RoHS Compliant by Exemption REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Agency Certification CSA General Product Family Series Application Application Tooling Documents Comments Component Type Overview Product Name Style Backplane Connectors 74650 Backplane Tooling Manual Keying Position A PCB Header vhdm__hsd VHDM-HSDTM N/A Physical Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) First Mate / Last Break Flammability Guide to Mating Part Keying to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Columns Number of Pairs Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) 60 60 Black 200 No 94V-0 Yes Yes Copper-Nickel-Silicon, High Performance Alloy (HPA), Stainless Steel Gold Tin-Lead High Temperature Thermoplastic 10 Open Pin Field 8 Vertical 0.098 In 2.50 mm No None 0.070 In 1.80 mm Tube 0.079 In 2.00 mm 0.079 In 2.00 mm 30 0.75 Search Parts in this Series 74650Series Mates With HSD Daughtercards 74680 , 74686 Use With Daughtercard Modules Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # VHDM(R) Insertion 0622020205 Module for Advanced Mate Signal Header, 8 Row by 10 Wide, 20.00mm (.787") Plating min: Termination (in) Plating min: Termination (m) Polarized to PCB Stackable Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style 30 0.75 Yes Yes Yes -55C to +105C Through Hole - Compliant Pin Electrical Current - Maximum per Contact Data Rate Real Signals (per 25mm) Shield Type Shielded Voltage - Maximum 1A 5.0 Gbps 72 Ground Plane Shield Yes 250V Material Info Reference - Drawing Numbers Packaging Specification Sales Drawing VHDM-HSD is a trademark of Amphenol Corporation PK-74061-003 SD-74650-003 This document was generated on 05/27/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Price & Availability of 0746501112 |