Part Number Hot Search : 
IRG4BC30 B260005 B260005 G4BC3 CHS168 AP2203 MAX4691 MBR05
Product Description
Full Text Search
 

To Download 0436400408 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0436400408 Active
microfit_30 3.00mm (.118") Pitch Micro-Fit 3.0TM Plug Housing, Single Row, with Panel Mount Ears, 4 Circuits, Glow Wire Compatible
Documents: 3D Model Drawing (PDF)
Product Specification PS-43650 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only LR19980 R72081037 E29179 EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Agency Certification
CSA TUV UL
General
Product Family Series Overview Product Name Crimp Housings 43640 microfit_30 Micro-Fit 3.0TM
Physical
Circuits (maximum) Color - Resin Flammability Gender Glow-Wire Compliant Keying to Mating Part Lock to Mating Part Material - Resin Number of Rows Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Polarized to Mating Part Stackable Temperature Range - Operating 4 Black 94V-0 Male Yes None Yes Polyester 1 Bag Yes 0.118 In 3.00 mm No No -40C to +105C
Search Parts in this Series 43640Series Mates With Micro-Fit 3.0TM Receptacle Housing 43645 Use With Micro-Fit 3.0TM Crimp Terminal 43031
Electrical
Current - Maximum per Contact 5A
Material Info Reference - Drawing Numbers
Product Specification Sales Drawing PS-43650 SD-43640-001
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0436400408

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X