![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 04/01/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Overview: Description: 0366440002 Active MLX 2.13mm (.084") Diameter MLXTM Pin and Socket Receptacle, 2 Circuit, PA Polyamide Nylon 6/6 94V-2, Glow Wire Compatible Documents: Drawing (PDF) Product Specification PS-42022-0001 (PDF) RoHS Certificate of Compliance (PDF) Series General Product Family Series Overview Product Name Crimp Housings 36644 MLX MLXTM image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Physical Circuits (maximum) Circuits Detail Color - Resin Gender Glow-Wire Compliant Keying to Mating Part Lock to Mating Part Material - Resin Number of Rows Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Polarized to Mating Part Stackable Temperature Range - Operating 2 2 Natural Female Yes None Yes Nylon 1 Bag No 0.250 In 6.35 mm 0.250 In 6.35 mm Yes No -55C to +105C Search Parts in this Series 36644Series Mates With 42021 MLXTM Power Crimp Housing Plug Use With MLX Crimp Terminal 42023 , 42024 Material Info Reference - Drawing Numbers Product Specification Sales Drawing PS-42022-0001 SD-42022-** This document was generated on 04/01/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Price & Availability of 0366440002
![]() |